Part Number Hot Search : 
0SC66 MB9124 EP8251 VCO55BE BD115 468A106 2A222 M514265
Product Description
Full Text Search
 

To Download PDUMNV20HVLX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.3?3.7kw single-phase monitored pdu, lx platform interface, 208/230v outlets (20 c13/4 c19), c20/l6-20p, 0u 1.8m/70 in., taa model number: PDUMNV20HVLX 3.3?3.7kw vertical pdu distributes and monitors single-phase power in an it or industrial environment. built-in java-free network interface helps you remotely monitor load levels to prevent overloads that cause downtime. description the PDUMNV20HVLX 3.3?3.7kw single-phase monitored pdu provides real-time remote monitoring of voltage, frequency and load levels via built-in network connection. recommended for your it or industrial application, the 0u pdu features 24 outlets (20 c13 and 4 c19) with included plug-lock insert sleeves to prevent cables from becoming accidentally disconnected. the c20 inlet is compatible with a wide variety of user-supplied power cords for connecting to an ac source, generator or protected ups. a detachable 10-foot cord with nema l6-20p plug is included. the built-in java-free html5-based lx platform network interface enables full remote access for pdu status monitoring and email notifications via secure web browser, snmp, telnet or ssh. it supports 10/100 mbps auto-sensing for optimum communication with an ethernet network. optional envirosense2 modules (sold separately) provide a variety of environmental monitoring capabilities. protocols supported include ipv4, ipv6, http, https, smtp, snmpv1, snmpv2, snmpv3, telnet, ssh, ftp, dhcp and ntp. a digital ammeter allows you to monitor the total connected load in real time to ensure it remains well below maximum capacity with no danger of overload. the pdu mounts in 0u of space in eia-standard 19-inch racks using the included toolless mounting buttons or the included rack-mounting brackets. use the included pdumvrotatebrkt kit to install the unit with outlets facing the rear for better airflow or equipment access. features highlights 3.3?3.7kw 208/230v single- phase monitored 0u pdu l 24 outlets?20 c13, 4 c19?with plug-lock insert sleeves l built-in java-free lx platform interface for remote access 24/7 l digital ammeter for on-site load monitoring in real time l c20 inlet input with detachable 10 ft. nema l6-20p power cord l package includes PDUMNV20HVLX 3.3?3.7kw single-phase monitored pdu l built-in lx platform interface l detachable nema l6-20p to c19 power cord, 10 ft. l configuration cable l (24) plug-lock inserts l rack-mounting hardware l pdumvrotatebrkt mounting bracket accessory l owner?s manual l 1 / 4
specifications distributes and monitors network-grade ac power 3.3?3.7kw 208/230v 20a monitored pdu with single-phase input l c20 inlet compatible with wide variety of user-supplied power cords l detachable 10 ft. cord with nema l6-20p plug included l firmware upgrades support future product enhancements l 20 c13 and 4 c19 outlets distribute ac power included plug-lock inserts prevent cables from becoming accidentally disconnected l digital ammeter reports total connected equipment load in real time l supports ip-address self-id l rotates 180 for easy reading at either angle l built-in lx platform interface allows full remote access for power monitoring with email notifications via secure web browser, snmp, telnet or ssh l supports 10/100 mbps auto-sensing for communication with an ethernet network l optional envirosense2 modules (sold separately) provide a variety of environmental monitoring capabilities l no java required l broad communications compatibility supports ipv4, ipv6, http, https, smtp, snmpv1, snmpv2, snmpv3, telnet, ssh, ftp, dhcp and ntp l supports automatic and manual assignment of ip address l easy 0u installation in eia-standard 19 in. racks mounts vertically using included toolless buttons or rack-mounting brackets l included pdumvrotatebrkt allows mounting with rear-facing outlets l taa-compliant compliant with the federal trade agreements act (taa) for gsa schedule purchases l overview upc code 037332205339 pdu type monitored 2 / 4
output output capacity details 3.68kw (230v), 3.33kw (208v) / 16a total capacity; 16a max per c19 outlet; 12a (10a ce) max per c13 outlet frequency compatibility 50 / 60 hz output receptacles (20) c13; (4) c19 output nominal voltage 208; 230 overload protection n/a input pdu input voltage 208; 230 recommended electrical service 20a 208v; 16a 230v maximum input amps 20 input connection type c20 inlet accepts included l6-20p input cable. alternate c19 input cordsets supported. pdu plug type nema l6-20p; iec-320 c20 input cord length (ft.) 10 input cord length (m) 3.05 input phase single-phase user interface, alerts & controls front panel lcd display digital meter reports pdu output current in amps, scroll ip-address information; display can be rotated 180 degrees for installation with the input cable at the top front panel leds n/a switches press the scroll ip / rotate button and release after one second to display the configured ip address in 2 digit intervals; press and release after two seconds to rotate the display 180 degrees physical shipping dimensions (hwd / in.) 4.00 x 6.00 x 72.50 shipping dimensions (hwd / cm) 10.16 x 15.24 x 184.15 shipping weight (lbs.) 13.50 shipping weight (kg) 6.12 unit dimensions (hwd / in.) 70 x 2.19 x 2.65 unit dimensions (hwd / cm) 177,8 x 5,6 x 6,7 unit weight (lbs.) 8.5 unit weight (kg) 3.86 form factors supported 0u vertical rackmount installation supported with included mounting brackets; supports tooless mounting in button- mount compatible racks pdu form factor vertical (0u) environmental 3 / 4
? 2019 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: https://www.tripplite.com/products/product-certification-agencies storage temperature range 5 to 140f (-15 to 60c) relative humidity 5-95% non-condensing operating elevation (ft.) 0-10,000 operating elevation (m) 0-3000 communications snmp compatibility pre-installed lx platform interface provides remote monitoring via java-free html5 web interface, telnet, ssh and snmp management systems certifications ups certification details en55022:2010+2011, en55024:2010 certifications tested to ul60950-1:2007 (usa), can/csa-c22.2 no. 60950-1: 2005 (canada), ce (international), fcc class a (emissions), nom (mexico), rohs compliant, taa compliant warranty product warranty period (worldwide) 2-year limited warranty 4 / 4


▲Up To Search▲   

 
Price & Availability of PDUMNV20HVLX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X