Part Number Hot Search : 
221M35 2SA1730Q 01M50 A3961SLB C1808 74HC123 M188R6 BCV65215
Product Description
Full Text Search
 

To Download NKT800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r o h s r o h s n k t 8 0 0 / n k h 8 0 0 s e r i e s nell high power products p a g e 1 o f 4 thyr istor / diode and thyr istor / thyr istor , 800a ( super magn - a - p a k power modules ) features ? high voltage ? ele ctrical ly i solated by dbc cera mic ( ai o ) 2 3 ? 3 500 v rms isol ating volt age ? ind ustrial standard p ackage ? high surge capability ? modules uses high voltage power thyristor / d iodes in two basic c onf ig urat io ns ? s impl e mo un ting ? ul appro ved file e320098 ? c ompliant to rohs ? designed and qualified for multiple level ap plication s ? dc m otor control and drives ? bat tery cha rges ? w elders ? p ower con v erters ? lighti ng cont rol ? heat and temperature control pr oduc t summar y i t ( av ) 800 a super magn - a - p ak(1) ? ups a l l d i m e n s i o n s i n m i l l i m e t e r s - ~ + k 1 g 1 - ~ + k 2 g 2 k 1 g 1 n k t n k h w w w . n e l l s e m i . c o m major ra tin g s an d char acteristics symbol charact eristics i t ( av ) 85 c i t ( rms ) a i tsm 50 hz 60 hz 2 i t 50 hz 2 ka s 60 hz 2 i t v / v drm rrm range t j range 85 c units v a l u e a 2 ka s c v 8 0 0 1 2 5 6 2 4 0 0 0 2 5 1 3 0 2 8 8 0 2 6 2 1 2 8 8 0 0 4 0 0 t o 1 6 0 0 - 4 0 t o 1 2 5 7 8 1 6 8 1 3 - m 1 2 x 1 . 7 5 6 0 1 8 0 6 0 1 3 2 1 5 0 2 . 8 x 0 . 8 0 . 1 5 8 4 - ? 8 . 5 1 5 7 6 g / k p i n s
for w ard cond uctio n p arameter symbo l test conditions maxi mum aver ag e on - state curren t at c a se temp eratur e l t(av) 1 80 conduction , half sine wave ,50hz maximum rms on - state current l t(rms) a ma ximum peak , o ne - c ycl e, on - state n o n - repetitive s urg e cu rr en t i tsm t = 1 0 ms no voltage reapplied sin e half wave , ini tia l t j = t j ma ximum t = 8.3 ms maxi mum i 2 t fo r fusi ng i 2 t ka 2 s maxi mum i 2 t for fusing i 2 t t = 0 .1 ms to 10 ms , no voltage reapplied maximum on - s tate voltage drop v tm l = 2400 a , t = 25 c , 180 conduction tm j maxi mum for ward vo ltage dr op v fm l = 2400 a, t = 25 c , 180 conduction fm j maxi mum holding curre nt i h ano de supply = 12 v i nitia l i t = 30 a , t j = 25 c ma maximum latching current i l ano de supply = 12 v r esis tive lo ad = 1 g a te pulse : 10 v , 1 00 s , t j = 25 c 500 v units elec tric al spec ific a tions vol t age ra ting s type nu mber vo l t age code v rrm / v drm , maximum repetitive pea k reverse vol t age v v rsm / v dsm , maximum n o n - repetitive pea k revers e vol t age v i rrm / i drm a t 125 c ma NKT800 04 400 500 50 08 800 900 12 1200 1300 14 1400 1500 16 1600 1700 1 80 conduction , half sine wave ,50hz ,t = 85 c c v a l u e s 8 0 0 8 5 1 2 5 6 2 4 0 0 0 2 5 1 3 0 2 8 8 0 2 6 2 1 2 8 8 0 0 2 . 0 1 . 7 3 0 0 a c t = 1 0 ms t = 8.3 ms t = 1 0 ms t = 8.3 ms 2 ka s 2 0 1 6 1 8 3 5 reapplied 1 0 0 % v r r m n k h 8 0 0 1100 1 0 1000 blo c k ing p arameter symbo l test con ditions v alues v v / s 5 0 1 0 0 0 ma 3 5 0 0 un its switching p arameter symbo l test con ditions v alues 2 . 0 2 0 0 4 . 0 un its t y p i c a l d e l a y t i m e t d t y p i c a l r i s e t i m e t y p i c a l t u r n - o f f t i m e t r t q t = 2 5 c , g a t e c u r r e n t = 1 a , d i g / d t = 1 a / s j v = 0 . 6 7 v d r m d s i = 7 5 0 a , d i / d t = - 6 0 a / s , t = t m a x i m u m t m j j v = 5 0 v , d v / d t = 2 0 v / d t , g a t e 0 v , 1 0 0 r t = t m a x i m u m , j j 5 0 h z , c i r c u i t t o b a s e , a l l t e r m i n a l s s h o r t e d , 2 5 c , 1 s l , r r m t = 1 2 5 c j l d r m v i s o d v / d t m a x i m u m p e a k r e v e r s e a n d o f f - s t a t e l e a k a g e c u r r e n t r m s i s o l a t i o n v o l t a g e c r i t i c a l r a t e o f r i s e o f o f f - s t a t e v o l t a g e l i n e a r t o v = 8 0 % v d d r m p a g e 2 o f 4 w w w . n e l l s e m i . c o m r o h s r o h s n k t 8 0 0 / n k h 8 0 0 s e r i e s nell high power products
ord ering inform ation table 1 - module type: nkt for (thyristor + thyristor) module 2 3 - current rating : i t ( a v ) - v oltage code x 100 = v rrm device code nkt 1 6 8 0 0 / 3 2 1 nkh for (thyristor + diode) module tr iggerin g p ara me ter s ymbol t est c ond it ions v alues units maxi mum peak g a te po wer p gm t p 5 ms , t j = t j ma ximum w ma ximum aver ag e gate power p g(a v) f = 50 hz , t j = t j ma ximum maxi mum peak positive +v gm t p 5 ms , t j = t j ma ximum a maxi mum peak neg a ti ve ga te volta ge - v 5.0 v gate voltage v g t anode supply = 12 v , resi sti ve loa d ; r a = 1 t j = 25 c i gt ma maxi mum gate voltag e that will not trigger v gd t j = t j maxi mum , 67% v drm applied 0.25 maximum gate current that will not trigger i g d ma maxi mum rate of ri se of turn ed-on curr ent di / dt a / s th e rm a l a nd m ec h an i ca l sp e ci f ic a ti on s p aram eter symbo l test co ndi tion s v alu es u nits junctio n opera ting and storage te mperature r ange t t j stg , - 40 to 125 c maxi mum therm a l r esis tance , ju nction to case per junction r thjc dc op eration c / w typical therm a l r esis tance , c a se to heatsi nk pe r m odule r thcs mounti ng sur face , smoot h , flat and greased mou nti ng torque smap to heatsink , m8 a mounting com pound is reco mmended and the tor que sho uld be rec hecke d af ter a pe riod o f about 3 hours to allow for th e sp read of the co mpound. 6 to 8 busbar to smap , m12 appro xim ate weig ht 3500 123 ca se s tyl e super magn-a-pak(1) tr iggerin g j j = t gm maxi mum require d dc to trigger a maxi mum require d dc gate curren t to trigger = t c thcs 2 2 0 0 v oz. g 0.008 0 . 0 5 4 1 3 t o 1 6 . n m 1 0 2 3 1000 10 maxi mum peak g ate curr ent i gm gate voltage 2 0 t = t m a x i m u m , i = 4 0 0 a j j t m r a t e d v a p p l i e d d r m 1 0 % p a g e 3 o f 4 w w w . n e l l s e m i . c o m r o h s r o h s n k t 8 0 0 / n k h 8 0 0 s e r i e s nell high power products
p a g e 4 o f 4 w w w . n e l l s e m i . c o m f i g . 1 o n - s t a t e c u r r e n t v s . v o l t a g e c h a r a c t e r i s t i c s f i g . 2 tr a n s i e n t t h e r m a l i m p e d a n c e ( j u n c t i o n - c a s e ) o n - s t a t e p e a k v o l t a g e ( v ) 5 4 3 2 1 0 1 0 0 1 0 0 0 1 0 0 0 0 o n - s t a t e c u r r e n t ( a ) t = 1 2 5 c j 0 . 0 8 0 . 0 6 0 . 0 4 0 . 0 2 0 0 . 0 0 1 0 . 0 1 0 . 1 1 1 0 t i m e ( s ) f i g . 3 p o w e r c o n s u m p t i o n v s . a v e r a g e c u r r e n t f i g . 4 c a s e t e m p e r a t u r e v s . o n - s t a t e a v e r a g e c u r r e n t t r a n s i e n t t h e r m a l i m p e d a n c e ( c / w ) 1 2 0 0 1 0 0 0 8 0 0 6 0 0 4 0 0 2 0 0 0 0 1 0 0 2 0 0 3 0 0 4 0 0 5 0 0 6 0 0 7 0 0 m a x i m u m p o w e r c o n s u m p t i o n ( w ) o n - s t a t e a v e r a g e c u r r e n t ( a ) 1 4 0 1 2 0 1 0 0 8 0 6 0 4 0 2 0 0 0 2 5 0 5 0 0 7 5 0 1 0 0 0 1 2 5 0 c a s e t e m p e r a t u r e ( c ) o n - s t a t e a v e r a g e c u r r e n t ( a ) 0 c o n d u c t i o n a n g l e 1 2 0 3 0 9 0 6 0 1 8 0 0 1 8 0 c o n d u c t i o n a n g l e 3 0 6 0 9 0 1 2 0 1 8 0 1 8 0 f i g . 5 o n - s t a t e s u r g e c u r r e n t v s c y c l e s 2 8 2 4 2 0 1 6 1 2 8 4 1 1 0 1 0 0 o n - s t a t e s u r g e c u r r e n t ( k a ) c y c l e s @ 5 0 h z 2 2 a s ( 1 0 0 0 a s ) 2 f i g . 6 i t c h a r a c t e r i s t i c s 3 0 0 0 2 6 0 0 2 2 0 0 1 8 0 0 1 4 0 0 1 0 0 0 6 0 0 2 0 0 1 1 0 t i m e ( m s ) r o h s r o h s n k t 8 0 0 / n k h 8 0 0 s e r i e s nell high power products


▲Up To Search▲   

 
Price & Availability of NKT800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X