unisonic technologies co., ltd MBR2100 preliminary diode www.unisonic.com.tw 1 of 3 copyright ? 2015 unisonic technologies co., ltd qw-r202-051.a schottky barrier rectifier ? description the utc MBR2100 is a schottky barrier rectifier, it uses utc?s advanced technology to provide customers with low forward voltage drop, high current capability and high efficiency, etc. the utc MBR2100 is suitable for free wheeling, high frequency inverters, polarity protection application. ? features * low forward voltage drop * high efficiency * high surge capability ? symbol ? ordering information pin assignment ordering number package 1 2 packing MBR2100g-ca2-r sod-123 a k tape reel note: pin assignment: a: anode k: cathode ? marking
MBR2100 preliminary diode unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r202-051.a ? absolute maximum ratings (t a =25 c unless otherwise specified) ratings at 25c ambient temperat ure unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. parameter symbol ratings unit dc blocking voltage v rm 100 v working peak reverse voltage v rwm 100 v repetitive peak reverse voltage v rrm 100 v average rectified output current i o 2.0 a non-repetitive peak forward surge current: 8.3ms single half sine-wave superimposed on rated load i fsm 40 a operating junction temperature t j -65~+150 c storage temperature t stg -65~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal characteristics parameter symbol ratings unit junction to ambient ja 625 c/w ? electrical characteristics (t a =25 c unless otherwise specified) parameter symbol test conditions min typ max unit i f =2.0a t j =25c 0.79 v forward voltage drop (note 3) v f i f =2.0a, t j =125c 0.69 v t j =25c, v r =100v 100 a peak reverse current at rated dc blocking voltage i r t j =125c, v r =100v 10 ma notes: 1. measured at ambient temperatur e at a distance of 9.5mm from the case. 2. minimum pad area. 3. pulse test: 300 s pulse width, duty cycle 2%.
MBR2100 preliminary diode unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r202-051.a utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
|