Part Number Hot Search : 
BR2020 2SK334 FQD12N20 BCW65 BZX84B10 221ME ER501 2SA879
Product Description
Full Text Search
 

To Download LD7552B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LD7552B 1/2/2008 1 leadtrend technology corporation LD7552B-ds-01a january 2008 green-mode pwm controller with integrated protections rev. 01a general description the LD7552B are low cost, low startup current, current mode pwm controllers with green-mode power- saving operation. the integrated functions include the leading-edge blanking of the cu rrent sensing, internal slope compensation. they provide the users a superior ac/dc power application of higher efficiency, low external component counts, and lower cost solution. furthermore, LD7552B feature more protections like olp (over load protection) and ovp (over voltage protection) to eliminate the external protection circuits. it is designed for the switching adaptor with 30w~60w output, offered in both sop-8 and dip-8 package. features z high-voltage cmos process with excellent esd protection z very low startup current (<20 a) z current mode control z non-audible-noise green mode control z uvlo (under voltage lockout) z leb (leading-edge blanking) on cs pin z programmable switching frequency z internal slope compensation z ovp (over voltage protection) on vcc pin z olp (over load protection) z 500ma driving capability applications z switching ac/dc adaptor and battery charger z open frame switching power supply z 384x replacement typical application osc 16.0v /10.0v uvlo divider 32v control logic emi filter rt out cs vcc gnd comp LD7552B photocoupler ac input tl431
LD7552B 2 leadtrend technology corporation LD7552B-ds-01a january 2008 pin configuration sop-8 & dip-8 (top view) yy: year code (d: 2004, e: 2005?..) ww: week code pp: production code 1 8 2 3 4 7 6 5 top mark yywwpp gnd comp vcc rt out vcc cs nc ordering information part number package top mark shipping LD7552B ps sop-8 pb free LD7552Bps 2500 /tape & reel LD7552B gs sop-8 green package LD7552Bgs 2500 /tape & reel LD7552B pn dip-8 pb free LD7552Bpn 3600 /tube /carton the LD7552B is rohs compliant/ green package. pin descriptions pin name function 1 gnd ground 2 comp voltage feedback pin (same as the comp pin in uc384x), by connecting a photo-coupler to close the control loop and achieve the regulation. 3 vcc supply voltage pin 4 rt this pin is to program the switching frequency. by connecting a resistor to ground to set the switching frequency. 5 nc unconnected pin 6 cs current sense pin, connect to sense the mosfet current 7 vcc supply voltage pin 8 out gate drive output to drive the external mosfet
LD7552B 3 leadtrend technology corporation LD7552B-ds-01a january 2008 block diagram * note: olp delay is 60ms when the switching frequency is set as 65khz. the olp delay time is proportional to the period of switching cycle. that is, s s delay olp f t t 1 _ = .
LD7552B 4 leadtrend technology corporation LD7552B-ds-01a january 2008 absolute maximum ratings supply voltage vcc 30v comp, rt, cs -0.3 ~7v junction temperature 150 c operating ambient temperature -40 c to 85 c storage temperature range -65 c to 150 c package thermal resistance (sop-8) 160 c/w package thermal resistance (dip-8) 100 c/w power dissipation (sop-8, at ambient temperature = 85 c) 400mw power dissipation (dip-8, at ambient temperature = 85 c) 650mw lead temperature (soldering, 10sec) 260 c esd voltage protection, human body model 3kv esd voltage protection, machine model 300v gate output current 500ma caution: stresses beyond the ratings specified in ?absolute maximum r atings? may cause permanent damage to the device. this is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this s pecification is not implied.
LD7552B 5 leadtrend technology corporation LD7552B-ds-01a january 2008 electrical characteristics (t a = +25 o c unless otherwise stated, v cc =15.0v) parameter conditions min typ max units supply voltage (vcc pin) startup current 8 20 a v comp =0v 2.0 3.0 ma v comp =3v 2.5 ma operating current (with 1nf load on out pin) protection tripped (olp , ovp) 0.5 ma uvlo (off) 9.0 10.0 11.0 v uvlo (on) 15.0 16.0 17.0 v ovp level 26.5 28.0 29.5 v voltage feedback (comp pin) short circuit current v comp =0v 1.5 2.2 ma open loop voltage comp pin open 6.0 v green mode threshold vcomp 2.35 v current sensing (cs pin) maximum input voltage, vcs(off) 0.80 0.85 0.90 v leading edge blanking time 350 ns input impedance 1 m delay to output 100 ns oscillator (rt pin) frequency rt=100k 60 65 70 khz green mode frequency fs=65khz 20 khz temp. stability (-40 c ~105 c) 5 % voltage stability (vcc=11v-25v) 1 % gate drive output (out pin) output low level vcc=15v, io=20ma 1 v output high level vcc=15v, io=20ma 9 v rising time load capacitance=1000pf 50 160 ns falling time load capacitance=1000pf 30 60 ns olp (over load protection) olp trip level v comp (olp) 5.0 v olp delay time (note) fs=65khz 60 ms note: the olp delay time is proportional to the period of switching cycle. so that, the lower rt value will set the higher swi tching frequency and the shorter olp delay time.
LD7552B 6 leadtrend technology corporation LD7552B-ds-01a january 2008 typical performance characteristics uvlo (on) (v) fig. 1 uvlo (on) vs. temperature temperature ( c) 14.0 14.8 15.6 16.4 17.2 18.0 -40 0 40 80 120 125 uvlo (off) (v) temperature ( c) fig. 2 uvlo (off ) vs. temperature 8 9.6 10.4 12 8.8 -40 0 40 80 120 125 11.2 frequency (khz) fig. 3 frequency vs. temperature temperature ( c) -40 60 62 64 66 68 70 0 40 80 120 125 green mode frequency (khz) temperature ( c) fig. 4 green mode frequency vs. temperature 16 18 20 22 24 26 -40 0 40 80 120 125 frequency (khz) vcc (v) fig. 5 frequency vs. vcc 12 14 16 18 20 22 24 60 11 25 62 64 66 68 70 green mode frequency (khz) vcc (v) fig. 6 green mode frequency vs. vcc 12 14 16 18 20 22 24 11 25 19 21 23 25 17 15
LD7552B 7 leadtrend technology corporation LD7552B-ds-01a january 2008 max duty (%) temperature ( c) fig. 7 max duty vs. temperature -40 0 40 80 120 125 65 70 75 80 85 60 v cs (off) (v) temperature ( c) fig. 8 v cs (off) vs. temperature 0.80 0.82 0.84 0.86 0.88 0.90 -40 0 40 80 120 125 istartup ( a) temperature ( c) fig. 9 startup current (istartup) vs. temperature -40 0 40 80 120 125 2 4 6 8 10 0 12 vcc ovp (v) temperature ( c) fig. 10 vcc ovp vs. temperature 10 15 20 25 30 35 -40 0 40 80 120 125 v comp (v) temperature ( c) fig. 11 v comp open loop voltage vs. temperature -40 0 40 80 120 125 4.5 5.0 5.5 6.0 6.5 7.0 olp (v) temperature ( c) fig. 12 olp-trip level vs. temperature -40 0 40 80 120 125 3.5 4.0 4.5 5.0 5.5 6.0
LD7552B 8 leadtrend technology corporation LD7552B-ds-01a january 2008 application information operation overview the LD7552B meet the green-power requirement and are intended for the use in those modern switching power suppliers and adaptors that demand higher power efficiency and power-saving. they integrated more functions to reduce the external component counts and the size. their major features are described as below. under voltage lockout (uvlo) an uvlo comparator is implemented in it to detect the voltage on the vcc pin. it would assure the supply voltage enough to turn on the LD7552B pwm controller and further to drive the power mosfet. as shown in fig. 13, a hysteresis is built in to prevent the shutdown from the voltage dip during startup. the turn-on and turn-off threshold level are set at 16.0v and 10.0v, respectively. vcc uvlo(on) uvlo(off) t t i(vcc) startup current (~ua) operating current (~ ma) fig. 13 startup current and startup circuit the typical startup circuit to generate the LD7552B vcc is shown in fig. 14. during the startup transient, the vcc is lower than the uvlo threshold thus there is no gate pulse produced from LD7552B to drive power mosfet. therefore, the current through r1 will provide the startup current and to charge the capacitor c1. whenever the vcc voltage is high enough to turn on the LD7552B and further to deliver the gate drive signal, the supply current is provided from the auxiliary winding of the transformer. lower startup current requirement on the pwm controller will help to increase the val ue of r1 and then reduce the power consumption on r1. by using cmos process and the special circuit design, the maximum startup current of LD7552B is only 20 a. if a higher resistance value of the r1 is chosen, it usually takes more time to start up. to carefully select the value of r1 and c1 will optimize the power consumption and startup time. fig. 14 current sensing and leading-edge blanking the typical current mode of pwm controller feedbacks both current signal and voltage signal to close the control loop and achieve regulation. as shown in fig. 15, the LD7552B detect the primary mosfet curre nt from the cs pin, which is not only for the peak current mode control but also for the pulse-by-pulse current limit. the maximum voltage threshold of the current sensing pin is set at 0.85v. from above, the mosfet peak current can be obtained from below. s ) max ( peak r v 85 . 0 i =
LD7552B 9 leadtrend technology corporation LD7552B-ds-01a january 2008 r1 out cs vcc gnd LD7552B c1 cbulk d1 rs comp vin fig. 15 a 350ns leading-edge blanking (leb) time is included in the input of cs pin to prevent the false-trigger from the current spike. in the low power application, if the total pulse width of the turn-on spikes is less than 350ns and the negative spike on the cs pin doesn?t exceed -0.3v, it could eliminated the r-c filter (as shown in the figure16). however, the total pulse width of the turn-on spike is decided by the output power, circuit design and pcb layout. it is strongly recommended to adopt a smaller r-c filter (as shown in figure 17) for higher power application to avoid the cs pin being damaged by the negative turn-on spike. output stage and maximum duty-cycle an output stage of a cmos buffer, with typical 500ma driving capability, is incorporated to drive a power mosfet directly. and the maximum duty-cycle of LD7552B is limited to 75% to avoid the transformer saturation. oscillator and switching frequency connect a resistor from rt pin to gnd according to the equation below to program the normal switching frequency: ) khz ( 100 rt 0 . 65 f ) k ( sw = the operating frequency range for the LD7552B is recommended to set between 50khz and 130khz. fig. 16 fig. 17 voltage feedback loop the voltage feedback signal is provided from the tl431 at the secondary side through the photo-coupler to the comp pin of the LD7552B. similar to uc384x, the LD7552B would carry 2 diodes voltage offset at the stage to feed the voltage divider at the ratio of 1/3, that is,
LD7552B 10 leadtrend technology corporation LD7552B-ds-01a january 2008 ) 2 ( 3 1 ) ( f comp pwm v v v comparator ? = ? a pull-high resistor is embedded internally and can be eliminated externally. internal slope compensation in the conventional application, the problem of the stability is a critical issue for current mode controlling, when it operates in higher than 50% of the duty-cycle. as uc384x, it takes slope compensation from injectin g the ramp signal of the rt/ct pin through a coupling capacitor. it therefore requires no extra design for the LD7552B since it has integrated it already. on/off control the LD7552B can be turned off by pulling comp pin lower than 1.2v. the gate output pin of the LD7552B will be disabled immediately under such condition. the off-mode can be released when the pull-low signal is removed. dual-oscillator green-mode operation there are many different topologies has been implemented in different chips for the green-mode or power saving requirements such as ?burst-m ode control?, ?skipping-cycle mode?, ?variable off-time cont rol ??etc. the basic operation theory of all these approaches intended to reduce the switching cycles under light-load or no-load condition either by skipping some switching pulses or reduces the switching frequency. ovp (over voltage protection) on vcc the v gs ratings of the nowadays power mosfets are often limited up to max. 30v. to prevent the v gs from the fault condition, LD7552B are impl emented an ovp function on vcc. whenever the vcc voltage is higher than the ovp threshold voltage, the output gate drive circuit will be shutdown simultaneously thus to stop the switching of the power mosfet until the next uvlo(on). the vcc ovp function in LD7552B is an auto-recovery type protection. if the ovp condition, usually caused by the feedback loop opened, is not released, the vcc will tripped the ovp level again and re-shutdown the output. the vcc is working as a hiccup mode. the figure 18 shows its operation. on the other hand, if the ovp condition is removed, the vcc level will get back to normal level and the output will automatically return to the normal operation. the ovp levels are 28.0v 1.5v. fig. 18 over load protection (olp) to protect the circuit from being damaged under over load condition or short condition, a smart olp function is implemented in the LD7552B. the figure 19 shows the waveforms of the olp operation. in this case, the feedback system will force the voltage loop proceed toward the saturation and then pull up the voltage on comp pin (v comp ). whenever the v comp trips up to the olp threshold 5v and stays longer than 60ms, the protection will activate and then turn off the gate output to stop the switching of power circuit. the 60ms delay ti me is to prevent the false trigger from the power-on and turn-off transient. by such protection mechanism, the average input power can be reduced to very low level so that the component temperature and stress can be controlled within the safe operating area.
LD7552B 11 leadtrend technology corporation LD7552B-ds-01a january 2008 vcc uvlo(on) uvlo(off) t t comp olp 5.0v t out 60ms switching switching non-switching olp trip level uvlo(off) olp reset fig. 19 fault protection there are several critical protections were integrated in the LD7552B to prevent the power supply or adapter from being damaged. those damages usually come from open or short condition on the pins of LD7552B. under the conditions listed below, the gate output w ill turn off immediately to protect the power circuit --- y rt pin short to ground y rt pin floating y cs pin floating
LD7552B 12 leadtrend technology corporation LD7552B-ds-01a january 2008 reference application circuit #1 --- 40w (5v/2a & 12v/2.5a) adapter with 2-stage startup circuit pin < 0.3w when pout = 0w photocoupler ic1 r10 q1 r8 ic2 r54 cy1 c6 r9 c5 rt LD7552B rt vcc gnd comp cs out r52 c55 r55 r53 ic51 ac input f1 ntc1 cx1 r1a r1b fl2 bd1 c1 r2a c4 r6 d3 d1 r4a c2 t1 cr51 c51 r51a l51 c53 c52 r51b r2c r3a r3b fl1 r2e c8 d2 d4 r4b r5a r5b l2 c10 r99 zd51 r14 r121b r121a c121 cr121 l121 c122 c123 r100 zd121 zd122 r121 r122 5v 12v cy2 cy3 gnd gnd
LD7552B 13 leadtrend technology corporation LD7552B-ds-01a january 2008 bom p/n component value original r1a 1m , 1206 r1b 1m , 1206 r2a 510k , 1206 r2c 510k , 1206 r3a 1m , 1206 open r3b 1m , 1206 open r4a 100k , 1206 r4b 100k , 1206 r5a 100 , 1206 r5b 100 , 1206 r6 10 , 1206 r8 0.47 , 1w r9 1.5k , 0805 r10 10 , 1206 r14 0 , 0805 rt 100k , 0805,1% r51a 100 , 1206 r51b 100 , 1206 r121a 100 , 1206 r121b 100 , 1206 r52 3.6k , 0805, 1% r53 2.49k , 0805, 1% r54 200 , 0805 r55 1k , 0805 r99a n/a r99b n/a r100a n/a r100b n/a r121 33k , 0805 r122 1k , 0805 fl1 leadtrend?s design fl2 leadtrend?s design t1 leadtrend?s design l2 bead core l51 leadtrend?s design l121 leadtrend?s design p/n component value note c1 100 f, 400v l-tec c2 1000pf, 1000v, 1206 x7r c4 10 f, 50v l-tec (lzg) c5 100pf, 50v, 0805 x7r c6 0.022 f, 50v, 0805 x7r c8 33 f, 50v l-tec (lzg) c10 0.1 f, 50v, 0805 x7r c51 1000pf, 250v, 1206 c52 470 f, 16v l-tec (lzg) c53 1000 f, 25v l-tec (lzg) c55 0.01 f, 50v, 0805 x7r c121 1000pf, 250v, 1206 c122 1000 f, 25v l-tec (lzg) c123 470 f, 16v l-tec (lzg) cx1 0.22 f,x-cap cy1 2200pf,y-cap, class2 cy2 2200pf,y-cap, class2 cy3 2200pf,y-cap, class2 d1 1n4007 d2 ps102r d3 1n4148 d4 1n4148 zd51 5v1b zd121 7.5v, 1w zd122 15v q1 6a, 600v sss6n60a bd1 2a, 600v 2kbp06m cr51 10a, 100v y1010dn cr121 10a, 60v sbl1060cf ic1 LD7552B leadtrend ic2 el817b everlight ic51 tl431, 1% f1 250v,t2a walter
LD7552B 14 leadtrend technology corporation LD7552B-ds-01a january 2008 package information sop-8 dimension in millimeters dimensions in inches symbol min max min max a 4.801 5.004 5.004 0.197 b 3.810 3.988 3.988 0.157 c 1.346 1.753 1.753 0.069 d 0.330 0.508 0.508 0.020 f 1.194 1.346 1.346 0.053 h 0.178 0.229 0.229 0.009 i 0.102 0.254 0.254 0.010 j 5.791 6.198 6.198 0.244 m 0.406 1.270 1.270 0.050 0 8 0 8
LD7552B 15 leadtrend technology corporation LD7552B-ds-01a january 2008 package information dip-8 dimension in millimeters dimensions in inches symbol min max min max a 9.017 10.160 0.355 0.400 b 6.096 7.112 0.240 0.280 c ----- 5.334 --- 0.210 d 0.356 0.584 0.014 0.023 e 1.143 1.778 0.045 0.070 f 2.337 2.743 0.092 0.108 i 2.921 3.556 0.115 0.140 j 7.366 8.255 0.290 0.325 l 0.381 --- 0.015 --- important notice leadtrend technology corp. reserves the right to make changes or corrections to its products at any time without notice. custom ers should verify the datasheets are current and complete before placing order.
LD7552B 16 leadtrend technology corporation LD7552B-ds-01a january 2008 revision history rev. date change notice 00 09/20/2006 original specification. 01 01/29/2007 revision: block diagram 01a 1/2/2008 revision: green package option


▲Up To Search▲   

 
Price & Availability of LD7552B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X