Part Number Hot Search : 
CKM0620 2903069 BAT68 MC341 M627X3 ST163 60030 RH5RH66
Product Description
Full Text Search
 

To Download IR3564A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual output digital multi-phase controller IR3564A ir3570a www.irf.com | ? 2013 international rectifier | product brief | october 1, 2013 | v3.04 1 features ? dual output 4+1 and 3+2 phase pwm controllers ? easiest layout and fewest pins in the industry ? fully supports amd? svi1 & svi2 with dual ocp and intel? vr12 ? overclocking & gaming mode ? switching frequency from 200khz to 2mhz per phase ? ir efficiency shaping features including dynamic phase control and automatic power state switching ? programmable 1-phase operation for light loads and active diode emulation for very light loads ? ir adaptive transient algorithm (ata) on both loops minimizes output bulk capacitors and system cost ? auto-phase detection with auto- compensation ? per-loop fault protection: ovp, uvp, ocp, otp, cfp ? i2c/smbus/pmbus system interface for telemetryof temperature, voltage, current & power for both loops ? multiple time programming (mtp) with integrated charge pump for easy custom configuration ? compatible with ir atl and 3.3v tri-state drivers ? +3.3v supply voltage; -40c to 85c ambient operation ? pb -free, rohs , 5x5mm, 40-pin, 0.4mm pitch qfn description the IR3564A/70a is a dual-loop digital multi-phase bu ck controller designed for cpu voltage regulation and is ful ly compliant with amd? svi1 & svi2 and intel? vr12 specifications. the IR3564A/70a includes ir s efficiency shaping technology to deliver exceptional efficiency at minimum cost across the entire load range. ir s dynamic phase control adds/drops active phases based upon load current and can be configured to enter 1-phase operation and diode emulation mode automatically or by command. ir s unique adaptive transient algorithm (ata), based on proprietary non-linear digital pwm algorithms, minimizes output bulk capacitors and multiple time programmable (mtp) storage saves pins and enables a small package size. device configuration and fault parameters are easily defined using the ir digital power design center (dpdc) gui and stored in on-chip mtp. the IR3564A/70a provides extensive ovp, uvp, ocp and otp fault protection and includes thermistor based temperature sensing with vrhot signal . the IR3564A/70a includes numerous features like register diagnostics for fast design cycles and platform differentiation, simplifying vrd design and enabling fastest time- to - market (ttm) with set - and - forget methodology. applications ? amd? svi1 & svi2, intel? vr12 based systems ? desktop & notebook cpu vrs ? gpu & memory vrs ordering information base part number package type standard pack orderable part number form quantity IR3564A ir3570a qfn 5 mm x 5 mm tape and reel 3000 IR3564Amxxyytrp 1 r3570amxxyytrp 1 IR3564A ir3570a qfn 5 mm x 5 mm tape and reel 3000 IR3564Amtrpbf ir3570amtrpbf IR3564A ir3570a qfn 5 mm x 5 mm tray 4900 IR3564Amtypbf ir3570amtypbf 1. customer specific configuration file, where xx = cu stomer id and yy = configuration file (codes assigne d by ir marketing). downloaded from: http:///
dual output digital multi-phase controller IR3564A ir3570a www.irf.com | ? 2013 international rectifier | product brief | october 1, 2013 | v3.04 2 ordering information IR3564Am ir35 70 am ? ? ? ? ? ? ? ? ? pwm1_l2 vrtn rcsm vsen pwm4 2 /pwm2_l2 1 pwrgd/ vrdy1 rcsp tsen1 pwm3 v18a rres vcc pwm2 pwm1 rcsm_l2 rcsp_l2 pwrok/en_l2/ inmode vrdy2 vrtn_l2 vsen_l2 1 2 7 8 5 6 3 4 1 0 9 3 0 2 9 2 4 2 3 2 6 2 5 2 8 2 7 2 1 2 2 4 1 gnd i r 3 5 7 0 a / i r 3 5 6 4 a 4 0 p i n 5 x 5 q f n t o p v i e w 1 2 1 6 1 4 1 9 1 3 1 7 1 5 2 0 1 8 1 1 3 9 3 5 3 7 3 2 3 8 3 4 3 6 3 1 3 3 4 0 irtn1 isen1 irtn1_l2 irtn2 isen2 irtn3 isen3 isen1_l2 isen4 2 /isen2_l2 1 vrhot_icrit# en addr_prot sm_dio sm_clk sv_dio/ vidsel0 sv_clk/ vidsel1 svt/ sv_alert vddio/ sv_addr vinsen irtn4 2 /irtn2_l2 1 1 = ir3570a 2 = IR3564A figure 1 : IR3564A/70a pin diagram enlarge p/pbf C lead free tr C tape & reel / ty - tray yy C configuration file id xx C customer id package type (qfn) downloaded from: http:///
dual output digital multi-phase controller IR3564A ir3570a www.irf.com | ? 2013 international rectifier | product brief | october 1, 2013 | v3.04 3 typical application diagram +3.3v v_cpu_l1 i r 3 5 6 4 a i r 3 5 7 0 a vinsen pwm1_l2 pwm3 pwm2 vrdy1 vsen vcc rres pwrok/en_l2/inmode v18a vrtn irtn3 rcsp irtn2 rcsm isen3 isen2 vin v from system l o a d rcs ccs r series r series r th r vin _ 1 r vin _ 2 vrdy2 tsen1 r th 2 gnd addr_prot vrhot_crit# sm_clk sm_dio i2c bus v v vddio/sv_addr rcsp_l2 rcsm_l2 rcs ccs r series r series r th vsen_l2 vrtn_l2 sv_clk sv_dio v v svt/sv_alert en v vddio applicable circuit when pin is configured as vddio only logate higate vcc gnd pwm v boot switch vdrv logate higate vcc gnd pwm v boot switch vdrv logate higate vcc gnd pwm v boot switch vdrv logate higate vcc gnd pwm v boot switch vdrv logate higate vcc gnd pwm 5v v boot switch c h l 8 5 0 5 12v vdrv pwm1 irtn1 isen1 5v c h l 8 5 0 5 12v c h l 8 5 0 5 12v 5v 5v c h l 8 5 0 5 12v c h l 8 5 0 5 12v 5v isen1_l2 irtn1_l2 pwm2_l2 / pwm4 isen2_l2 / isen4 irtn2_l2 / irtn4 v_cpu_l2 l o a d cpu serial bus IR3564A ir3570a figure 2 : dual-loop vr using IR3564A or ir3570a controller and chl8505 mosfet drivers in 4+1 or 3+2 configuration downloaded from: http:///
dual output digital multi-phase controller IR3564A ir3570a www.irf.com | ? 2013 international rectifier | product brief | october 1, 2013 | v3.04 4 data and specifications subject to change without n otice. this product will be designed and qualified for the consumer market. qualification standards can be found on irs web sit e. ir world headquarters: 233 kansas st., el segundo, california 90245, usa te l: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . www.irf.com downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IR3564A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X