Part Number Hot Search : 
ES51C1 TGS2450 220MC KD221K75 54ACT S25VB60 F800B5 DL4734
Product Description
Full Text Search
 

To Download HCF4069UM013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. january 2014 docid2060 rev 6 1/11 hcf4069u hex inverter datasheet - production data features ? medium-speed operation t pd = 30 ns (typ.) at 10 v ? standardized symmetrical output characteristics ? quiescent current specified up to 20 v ? 5 v, 10 v, and 15 v parametric ratings ? input leakage current i i = 100 na (max.) at v dd = 18 v and t a = 25 c ? 100 % tested for quiescent current ? esd performance ?hbm: 1 kv ? mm: 200 v ?cdm: 1 kv applications ? automotive ? industrial ? computer ? consumer description the hcf4069u is a monolithic integrated circuit fabricated in metal oxide semiconductor technology available in the so14 package. the hcf4069u consists of six cos/mos inverter circuits. this device is intended for all general purpose inverter applications where the medium power ttl-drive and lo gic level conversion capabilities of circuits such as hcf4049 hex inverter/buffers are not required. so14 table 1. device summary table order code temperature range package packing marking HCF4069UM013TR -55 c to +125 c so14 tape and reel hcf4069u hcf4069yum013tr (1) -40 c to +125 c so14 (automotive grade) (1) 1. qualification and characterization acco rding to aec q100 and q003 or equivalen t, advanced screening according to aec q001 & q002 or equivalent. hcf4069y www.st.com
contents hcf4069u 2/11 docid2060 rev 6 contents 1 pin information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 4 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4.1 so14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
docid2060 rev 6 3/11 hcf4069u pin information 11 1 pin information figure 1. pin connections (top view) table 2. pin description pin no symbol name and function 1, 3, 5, 9, 11, 13 a, b, c, d, e, f data inputs 2, 4, 6, 8, 10, 12 g, h, i, j, k, l data outputs 7v ss negative supply voltage 14 v dd positive supply voltage              $ ' *$06&% ) ( % & 9 66  / ) . ( - ' , & + % * $ 9 ''
functional description hcf4069u 4/11 docid2060 rev 6 2 functional description figure 2. input equivalent circuit table 3. truth table inputs outputs a, b, c, d, e, f g, h, i, j, k, l lh hl 9 '' ,1387 9 66 *$06&%
docid2060 rev 6 5/11 hcf4069u electrical characteristics 11 3 electrical characteristics absolute maximum ratings are those values be yond which damage to the device may occur. functional operation under these conditions is not implied. all voltage va lues are referred to v ss pin voltage. table 4. absolute maximum ratings (amr) symbol parame ter value unit v dd supply voltage -0.5 to +22 v v i dc input voltage -0.5 to v dd + 0.5 i i dc input current 10 ma p d power dissipation per package 200 mw power dissipation per output transistor 100 t op operating temperature -55 to +125 c t stg storage temperature -65 to +150 table 5. recommended operating conditions symbol parameter value unit v dd supply voltage 3 to 20 v v i input voltage 0 to v dd t op operating temperature -55 to 125 c
electrical characteristics hcf4069u 6/11 docid2060 rev 6 table 6. dc specifications (1) sym. parameter test condition value unit v i (v) v o (v) |i o | ( a) v dd (v) t a = 25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. i l quiescent current 0/5 5 0.01 0.25 7.5 7.5 a 0/10 10 0.5 15 15 0/15 15 1 30 30 0/20 20 0.02 5 150 150 v oh high level output voltage 0/5 <1 5 4.95 4.95 4.95 v 0/10 10 9.95 9.95 9.95 0/15 15 14.95 14.95 14.95 v ol low level output voltage 5/0 <1 5 0.05 0.05 0.05 10/0 10 15/0 15 v ih high level input voltage 0.5/4.5 <1 54 4 4 1/9 10 8 8 8 1.5/13.5 15 12.5 12.5 12.5 v il low level input voltage 4.5/0.5 <1 5111 9/1 10 2 2 2 13.5/1.5 15 2.5 2.5 2.5 i oh output drive current 0/5 2.5 <1 5 -1.36 -3.2 -1.15 -1.1 ma 4.6 -0.44 -1 -0.36 -0.36 0/10 9.5 10 -1.1 -2.6 -0.9 -0.9 0/15 13.5 15 -3.0 -6.8 -2.4 -2.4 i ol output sink current 0/5 0.4 <1 5 0.44 1 0.36 0.36 0/10 0.5 10 1.1 2.6 0.9 0.9 0/15 1.5 15 3.0 6.8 2.4 2.4 i i input leakage current 0/18 any input 18 10 -5 0.1 1 1 a c i input capacitance any input 5 7.5 pf 1. the noise margin for both level "1" and "0" is: 1 v min. with v dd = 5 v, 2 v min. with v dd = 10 v, and 2.5 v min. with v dd = 15 v.
docid2060 rev 6 7/11 hcf4069u electrical characteristics 11 figure 3. test circuit 1. legend: c l = 50 pf or equivalent (incl udes jig and probe capacitance), r l = 200 k , r t = z out of pulse generator (typically 50 ) figure 4. propagation delay time waveform (f = 1 mhz; 50 % duty cycle) table 7. dynamic electrical characteristics (t amb = 25 c, c l = 50 pf, r l = 200 k , t r = t f = 20 ns) symbol parameter test condition value (1) 1. the typical temperature coefficient for all v dd values is 0.3 %/c. unit v dd (v) typ. max. t plh , t phl propagation delay time 555110 ns 10 30 60 15 25 50 t tlh , t thl output transition time 5 100 200 10 50 100 15 40 80 3xovhjhqhudwru 5 7 9 '' 9 66 & / 5 / '87 *$06&% *$06&% qv    qv 9 '' 9 66 9 2+ 9 2/ 287 ,1 w 3+/       w 3/+ w 7+/ w 7/+ 
package information hcf4069u 8/11 docid2060 rev 6 4 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions a nd product status are available at: www.st.com . ecopack ? is an st trademark.
docid2060 rev 6 9/11 hcf4069u package information 11 4.1 so14 package information figure 5. so14 package mechanical drawing table 8. so14 package mechanical data ref dimensions millimeters inches min. typ. max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c0.5 0.019 c1 45 45 d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 8 *$06&% / * f & d e ( 6 $ d h h e ' 0 )    
ordering information hcf4069u 10/11 docid2060 rev 6 5 ordering information 6 revision history table 9. order codes order code temp. range package packing marking HCF4069UM013TR -55 c to +125 c so14 tape and reel hcf4069u hcf4069yum013tr (1) -40 c to +125 c so14 (automotive grade) (1) 1. qualification and characterization according to aec q100 and q003 or equi valent, advanced screening according to aec q001 & q002 or equivalent. hcf4069y table 10. document revision history date revision changes 18-feb-2013 4 document template and layout updated removed ?b? from part number. updated package names (pdip-14 an d so14 instead of dip-14 and sop-14). added applications . added device summary table . added section 5: ordering information . 22-mar-2013 5 updated table 1: device summary table and table 9: order codes . 10-jan-2014 6 removed pdip-14 package added esd data to features table 1: device summary table : updated footnote 1. table 9: order codes : updated footnote 1.
docid2060 rev 6 11/11 hcf4069u 11 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems wi th product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2014 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of HCF4069UM013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X