generated 6/15/2017 - 90a7e0dd-128e-4f33-98a4-a715181adc9f kemet part number: C4540H273KHGWCT050 ceramic, 200c, 200c-(cxxxxh), 0.027 uf, 10%, 1,500 v, 4540, c0g, smd, mlcc, high temperature, pulse discharge, ultra- stable, low loss dimensions l 11.4mm +/-0.4mm w 10.2mm +/-0.4mm t 2.5mm +/-0.20mm b 1.27mm +/-0.4mm packaging specifications packaging: cut reel packaging quantity: 50 general information style: smd chip series: 200c-(cxxxxh) chip size: 4540 description: smd, mlcc, high temperature, pulse discharge, ultra-stable, low loss rohs: yes termination: tin marking: no failure rate: n/a specifications capacitance: 0.027 uf capacitance tolerance: 10% voltage dc: 1500 vdc dielectric withstanding voltage: 3,000 v temperature range: -55/+200c temperature coefficient: c0g dissipation factor: 0.1% aging rate: 0% loss/decade hour insulation resistance: 37.037 gohms ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
|