Part Number Hot Search : 
P6KE130 2N4125 74HC74PW SSF3620 2NF08 SSF3620 MAX16054 6041373
Product Description
Full Text Search
 

To Download BRF13N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BRF13N50 rev.d nov.-2015 data sheet http://www.fsbrec.com 1 / 6 to-220fl ?? n mos ?? n-channel mosfet in a to-220fl plastic package. ???,??? ultra low gate charge, low effective ou tput capacitance, high switch speed. ????? ac/dc ? it is very suitable for various ac/dc power conv ersion in switching mode operation for system miniaturization and higher efficiency. pin1 g pin 2 d pin 3 s ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
BRF13N50 rev.d nov.-2015 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit drain-source voltage v dss 500 v drain current i d (tc=25 ) 13 a i d (tc=100 ) 8 a drain current - pulsed i dm 52 a gate-source voltage v gss 30 v single pulsed avalanche energy e as 860 mj repetitive avalanche energy e ar 19.5 mj avalanche current i ar 13 a power dissipation p d (tc=25 ) 48 w operating and storage temperature range t j ,t stg -55 to 150 parameter symbol test conditions ? min ? typ ? max unit drain-source breakdown voltage bv dss v gs =0v i d =250 a 500 v zero gate voltage drain current i dss v ds =500v v gs =0v 1.0 a v ds =400v t c =125 10 a gate-body leakage current, forward i gss v gs =30v v ds =0v 0.1 a gate threshold voltage v gs(th) v ds =v gs i d =250 a 2.0 4.0 v static drain-source on-resistance r ds(on) v gs =10v i d =6.5a 0.39 0.48 ? forward transconductance g fs v ds =40v i d =6.5a 15 s drain-source diode forward v oltage v sd v gs =0v i s =13a 1.4 v input capacitance c iss v ds =25v v gs =0v f=1.0mhz 1580 2055 pf output capacitance c oss 180 235 reverse transfer capacitance c rss 20 25 turn-on delay time t d(on) v dd =250v i d =13a r g =25 ? 25 60 ns turn-on rise time t r 100 210 turn-off delay time t d(off) 130 270 turn-off fall time t f 100 210 ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
BRF13N50 rev.d nov.-2015 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
BRF13N50 rev.d nov.-2015 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
BRF13N50 rev.d nov.-2015 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? 13n50   ??? ****  ???? note: br:   company code 13n50: product type. ****:  lot no. code, code change with lot no. br **** 13n50
BRF13N50 rev.d nov.-2015 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220fl 50 20 1,000 5 5,000 532337.0 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of BRF13N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X