Part Number Hot Search : 
S1C63008 M3R23TAJ A3952S AM3TW LTC421 49LF0 S24C0 IRF540N
Product Description
Full Text Search
 

To Download BRF10N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BRF10N60 rev.d nov.-2015 data sheet http://www.fsbrec.com 1 / 6 to-220fl ?? n mos ?? n-channel mosfet in a to-220fl plastic package. ?,?,??? low gate charge, low crss, fast switching. ?? dc/dc ???? these devices are well suited for high efficiency switching dc/dc converters . pin1 g pin 2 d pin 3 s ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
BRF10N60 rev.d nov.-2015 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit drain-source voltage v dss 600 v drain current i d (tc=25 ) 9.5 a drain current i d (tc=100 ) 5.7 a drain current - pulsed i dm 38 a gate-source voltage v gss 20 v single pulsed avalanche energy e as 700 mj repetitive avalanche energy e ar 15.6 mj avalanche current i ar 9.5 a thermal resistance, junction to case r jc 2.5 /w thermal resistance, junction to ambient r ja 62.5 /w power dissipation p d (tc=25 ) 50 w operating and storage temperature range t j ,t stg -55 to 150 parameter symbol test conditions ? min ? typ ? max unit drain-source breakdown voltage bv dss v gs =0v i d =250 a 600 v zero gate voltage drain current i dss v ds =600v v gs =0v 1.0 a v ds =480v t c =125 10 a gate-body leakage current forward i gss v gs =20v v ds =0v 10 a gate threshold voltage v gs(th) v ds =v gs i d =250 a 2.0 4.0 v static drain-source on-resistance r ds(on) v gs =10v i d =4.75a 0.6 0.73 ? forward transconductance g fs v ds =40v i d =4.75a 8.0 s drain-source diode forward v oltage v sd v gs =0v i s =9.5a 1.4 v total gate charge q g i d =10a v ds =480v v gs =10v 45 nc gate-to-source charge q gs 7.5 nc gate-to-drain charge q gd 18.5 nc input capacitance c iss v ds =25v v gs =0v f=1.0mhz 1570 2040 pf output capacitance c oss 166 215 pf reverse transfer capacitance c rss 18 24 pf turn-on delay time t d(on) v dd =300v i d =9.5a r g =25 ? 23 55 ns turn-on rise time t r 69 150 ns turn-off delay time t d(off) 144 300 ns turn-off fall time t f 77 165 ns ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
BRF10N60 rev.d nov.-2015 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
BRF10N60 rev.d nov.-2015 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
BRF10N60 rev.d nov.-2015 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? 10n60   ??? ****  ???? note: br:   company code 10n60: product type code. ****:  lot no. code, code change with lot no. br **** 10n60
BRF10N60 rev.d nov.-2015 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220fl 50 20 1,000 5 5,000 532337.0 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of BRF10N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X