Part Number Hot Search : 
MAX68 6KE30A IMD3A DMF09RF 54ACT174 DTC14 ZX84C10 120EI
Product Description
Full Text Search
 

To Download ALN0230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 3 www.asb.co.kr a u g u s t 2 0 1 7 p lerow tm ALN0230 internally matched lna module the plerow tm aln - series is the compactly designed surface - mount module for the use of the lna with or without the following gain blocks in the infrastructure equipment of the mobile wireless (cdma, gsm, pcs, phs, wcdma, dmb, wlan, wibro, wimax), gps, satellite commun i- cation terminals , catv and so on. it has an exceptional performance of low noise figure, high gain, high oip3, and low bias current. the stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. the surface - mount m odule package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level. parameter unit specifications min typ max frequency range mhz 225 236 gain db 38 39 gain flatness db ? 0.2 ? 0.3 noise figure db 0.65 0.70 output ip3 dbm 36 38 s11/s22 db - 20/ - 15 output p1db dbm 20 21 switching time (3) ? sec - supply current ma 180 200 supply voltage v 5 impedance ? 50 package type & size mm surface mount type, 13wx13lx3.8h operating temperature is - 40 ? c to +85 ? c. 1) oip3 is measured with two tones at an output power of 4 dbm/tone separated by 1 mhz. 2) s11/s22 (max) is the worst value within the frequency band. 3) switching time means the time that takes for output power to get stabilized to its final level after switching dc voltage from 0 v to v s . pin number function 3 rf in 8 rf out 10 v s other s ground ou t line drawing (unit: mm) feature s s 21 = 39.2 db@225 mhz = 38.8 db@236 mhz nf of 0.65 db over fr e quency unconditionally stable single 5 v supply high oip3@low curre nt note: 1. the number and size of ground via holes in a circuit board is critical fo r thermal rf grounding consider a tions. 2. we recommend that the ground via holes be placed on the bottom of all ground pins for better rf and thermal performance, as shown in the dra w ing at the left side. description ALN0230 asb inc. (top view) (bottom view) solder stencil area ? 0.4 plated thru holes to ground plane plerow (side view) (recommended footprint) we bsite: www.asb.co.kr e - mail: sales@asb.co.kr tel: (82) 42 - 528 - 722 3 f ax : (82) 42 - 528 - 7222 more inform a tion 2 - stage single type specifications (in pr o duction) typ.@t = 25 ? c, v s = 5 v, freq. = 230.5 mhz, z o.sys = 50 ohms
2 / 3 www.asb.co.kr a u g u s t 2 0 1 7 p lerow tm ALN0230 internally matched lna module s - param e ters noise figure oip3 p1db 225~236 mhz +5 v typical performance (measured) s - parameters & k fa c tor
3 / 3 www.asb.co.kr a u g u s t 2 0 1 7 p lerow tm ALN0230 internally matched lna module 1) the tantal or mlc (multi layer ceramic) capacitor is optional and for bypassing the ac noise introduced from the dc supply. the capacitance value may be determined by customer s dc supply status . the c a- pacitor should be placed as close as possible to v s pin and be connected directly to the ground plane for the best electrical performa nce . 2) dc blocking capacitors are always necessarily placed at the input and output port for allowing only the rf signal to pass and blocking the dc component in the signal. the dc blocking capacitors are inclu d- ed inside the aln module. therefore, c1 & c2 ca pacitors may not be necessary, but can be added just in case that the customer wants. the value of c1 & c2 is determined by considering the application fr e- quency. copyright ? 201 1 - 2017 asb inc. all rights reserved. datasheet subject to change without notice. asb assumes no re- sponsibility for any errors which may appear in this datasheet. no part of the datasheet may be copied or reproduced in any form or by any means without the prior written consent of asb. application circuit recommended soldering reflow process + - aln out in c1 c2 v s tantal or mlc (multi layer c e ramic) c a pacitor 20~40 sec 260 ? c 200 ? c 150 ? c 60~180 sec ramp - up (3 ? c/sec) ramp - down (6 ? c/sec) in out vs size 25x25mm (for aln series C 13x13mm) evaluation board layout


▲Up To Search▲   

 
Price & Availability of ALN0230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X