Part Number Hot Search : 
S30RCK PE3102 GL1HS212 SS38F KSL0M911 74LCX16 E13003 TFS70AG
Product Description
Full Text Search
 

To Download AFCT-5815AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  afct-5815xz 155 mb/s single mode fiber optic transceiver for atm, sonet oc-3/sdh stm-1 data sheet features ? rohs compliant ? long reach sonet oc-3 sdh stm1 (l1.1) compliant ? multisourced 1 x 9 pin confi guration ? interchangeable with led multisourced 1 x 9 trans- ceivers ? unconditionally eyesafe laser iec 825/cdrh class 1 compliant ? two temperature ranges: 0c to +70c afct-5815bz/dz -40c to +85c AFCT-5815AZ/cz ? single +3.3 v or +5.0 v power supply operation ? wave solder and aqueous wash process compatible ? considerable emi margin to fcc class b applications ? atm 155 mb/s links for lan backbone switches and routers ? atm 155 mb/s links for wan core, edge and access switches and routers ? atm 155 mb/s links for add/drop multiplexers and demultiplexers ? sonet oc-3/sdh stm-1 interconnections description general the afct-5815xz transceiver is a high performance, cost eff ective module for serial optical data communications applications specifi ed for a data rate of 155 mb/s. it is designed to provide a sonet/sdh compliant link for long reach links operating at +3.3 v or +5.0 v input voltage. transmitter section the transmitter section of the afct-5815xz consists of a 1300 nm ingaasp laser in an eyesafe optical subassembly (osa) which ma tes to the fi ber cable. the laser osa is driven by a custom ic which converts diff erential input pecl logic signals, ecl referenced (shifted) to +3.3 v or +5 v supply, into an analog laser drive current. receiver section the receiver utilizes an ingaas pin photodiode mounted together with a transimpedance preamplifi er ic in an osa. this osa is connected to a circuit providing post- amplifi - cation quantization, and optical signal detection.
2 figure 2. relative input optical power - dbm. avg. figure 1. block diagram electrical subassembly data signal detect data post amplifier ic laser driver ic pre- amplifier ic laser pin photodiode duplex sc receptacle top view optical sub- assemblies data data 10 -2 10 -3 10 -4 10 -5 10 -6 10 -7 10 -8 10 -9 10 -10 10 -11 10 -12 10 -13 10 -14 10 -15 -5 -4 -3 -2 -1 0 1 2 3 linear extrapolation of 10 -4 through 10 -7 data based on actual data bit error ratio applications information typical ber performance of receiver versus input opti- cal power level the afct-5815xz transceiver can be operated at bit-error-rate conditions other than the required ber = 1 x 10 -10 of the atm forum 155.52 mb/s physical layer standard. the typical trade-off of ber versus relative in- put optical power is shown in figure 2. the relative input optical power in db is referenced to the actual sensitivity of the device. for ber conditions better than 1 x 10 -10 , more input signal is needed (+db). receiver signal detect signal detect is a basic fi ber failure indicator. this is a single-ended pecl output. as the input optical power is decreased, signal detect will switch from high to low (deassert point) somewhere between sensitivity and the no light input level. as the input optical power is increased from very low levels, signal detect will switch back from low to high (assert point). the assert level will be at least 0.5 db higher than the deassert level. transceiver specifi ed for wide temperature range op- eration the afct-5815xz is specifi ed for operation over ext ended temperature range of -40 to +85c. characterization of the parts has been performed over the ambient operating temper ature range in an airfl ow of 2 m/s. other members of av ago technologies sc duplex 155 mb/s product family ? hfct-5801, 1300 nm single mode transceiver for links up to 15 km. the part is based on the 2 x 9 industry standard package and has laser bias, optical power monitor and transmitter disable functions.
3 figure 3. recommended circuit schematic no internal connection no internal connection top view rx v eer 1 rd 2 sd 4 rx v ccr 5 tx v cct 6 td 8 tx v eet 9 terminate at phy device inputs v cc filter at v cc pins transceiver v cc c2 c1 l1 l2 td rd 3 td 7 r8 rd rd v cc r5 r7 r6 c6 sd r10 c7 c8 c3 c4 r4 v cc r2 r3 r1 termination at transceiver inputs td c5 r9 recommended circuit schematic in order to ensure proper functionality of the afct-5815xz a recommended circuit is provided in figure 3. when de- signing the circuit interface, there are a few fundamental guidelines to follow. for example, in the recommended circuit schematic fi gure the diff erential data lines should be treated as 50 ohm microstrip or stripline transmission lines. this will help to minimize the parasitic inductance and capacitance eff ects. proper termination of the dif- ferential data signals will prevent refl ections and ringing which would compromise the signal fi delity and gener- ate unwanted electrical noise. locate termination at the received signal end of the transmission line. the length of these lines should be kept short and of equal length. for the high speed signal lines, diff erential signals should be used, not single-ended signals, and these diff erential signals need to be loaded symmetrically to prevent un- balanced currents from fl owing which will cause distor- tion in the signal. maintain a solid, low inductance ground plane for re- turning signal currents to the power supply. multilayer plane printed circuit board is best for distribution of v cc , returning ground currents, forming transmission lines and shielding, also, it is important to suppress noise from infl uencing the fi ber-optic transceiver performance, especially the receiver circuit. proper power supply fi ltering of v cc for this transceiver is accomplished by using the recommended, separate fi lter circuits shown in figure 3 for the transmitter and receiver sections. these fi lter circuits suppress v cc noise over a broad frequency range, this prevents receiver sensitivity degradation due to v cc noise. it is recommended that surface-mount components be used. use tantalum capacitors for the 10 f capacitors and monolithic, ceramic bypass capaci- tors for the 0.1 f capacitors. also, it is recommended that a surface- mount coil inductor of 3.3 h be used. ferrite beads can be used to replace the coil inductors when using quieter v cc supplies, but a coil inductor is recommended over a ferrite bead. all power supply components need to be placed physically next to the v cc pins of the receiver and transmitter. use a good, uni- form ground plane with a minimum number of holes to provide a low-inductance ground current return for the power supply currents. in addition to these recommendations, avago tech- nologies application engineering staff is available for consulting on best layout practices with various vendors mux/demux, clock generator and clock recovery circuits. avago technologies has participated in several reference design studies and is prepared to share the fi ndings of these studies with interested customers. contact your local avago technologies sales representative to arrange for this service. notes: the split-load terminations for pecl signals need to be located at the input of devices receiving those pecl signals. recommend 4-layer printed circuit board with 50 ? microstrip signal paths be used. r1 = r4 = r6 = r8 = r10 = 130 ? for +5.0v opera- tion, 82 ? for +3.3v operation. r2 = r3 = r5 = r7 = r9 = 82 ? for +5.0v operation, 130 ? for +3.3v operation. c1 = c2 = 10 f c3 = c4 = c7 = c8 = 100 nf c5 = c6 = 0.1 f l1 = l2 = 3.3 h coil or ferrite inductor.
4 recommended solder fluxes and cleaning/degreasing chemicals solder fl uxes used with the a fct-58 15xz fi ber-optic transceiver should be water-soluble, organic solder fl ux- es. some recommended solder fl uxes are lonco 3355-11 from london chemical west, inc. of burbank, ca, and 100 flux from alpha metals of jersey city, nj. recommended cleaning and degreasing chemicals for the afct-5815xz are alcohols (methyl, isopropyl, isobu- tyl), aliphatics (hexane, heptane) and other chemicals, such as soap solution or naphtha. do not use partially halogenated hydrocarbons for cleaning/degreasing. ex- amples of chemicals to avoid are 1.1.1. trichloroethane, ketones (such as mek), acetone, chloroform, ethyl ac- etate, methylene dichloride, phenol, methylene chloride or n-methylpyrrolidone. evaluation circuit boards evaluation circuit boards are available from avago tech- nologies application engineering staff . contact your local avago technologies sales representative to arrange for access to one if needed. recommended solder and wash process the afct-5815xz is compatible with industry standard wave or hand solder processes. a drying cycle must be completed after wash process to remove all moisture from the module. afct-5815xz process plug the afct-5815xz transceiver is supplied with a process plug for protection of the optical ports with the duplex sc connector receptacle. this process plug prevents con- tamination during wave solder and aqueous rinse as well as during handling, shipping or storage. each process plug can only be used once during processing, although with subsequent use, it can be used as a dust cover. it is made of high-temperature, molded, sealing material that will withstand +85c and a rinse pressure of 110 lb/in 2 . figure 4. recommended board layout hole pattern 20.32 (0.800) top view 2 x ? 1.9 0.1 (0.075 0.004) 20.32 (0.800) 2.54 (0.100) 9 x ? 0.8 0.1 (0.032 0.004) dimensions are in millimeters (inches)
5 figure 5. package outline drawing and pinout max. +0.1 -0.05 +0.004 -0.002 0.25 ( 0.010 3.3 0.38 (0.130 0.015) 9.8 (0.386) 0.51 (0.020) ) 8 x ) 9 x ? 2 x ? ) 2 x ? +0.25 -0.05 +0.010 -0.002 0.46 ( 0.018 23.8 (0.937) 20.32 (0.800) 2.54 (0.100) 1.3 (0.051) 20.32 0.2 (0.800 0.008) 20.32 0.2 (0.800 0.008) 15.8 0.15 (0.622 0.006) +0.25 -0.05 +0.010 -0.002 1.27 ( 0.050 dimensions are in millimeters (inches). tolerances: 0.1 mm unless otherwise specified. key: yyww = date code xxxx-xxxx = afct-5815 zzzz = 1300 nm 39.6 (1.56) max . max. slot depth xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx slot width 12.7 (0.50) 25.4 (1.00) 2.5 (0.10) 2.0 0.1 (0.079 0.004) 12.7 0.3 (0.50 0.012) area reserved for process plug avago
6 electromagnetic interference (emi) most equipment designs utilizing these high-speed transceivers from avago technologies will be required to meet the requirements of fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. the afct-5815xz has been characterized without a chas- sis enclosure to demonstrate the robustness of the parts integral shielding. performance of a system containing these transceivers within a well designed chassis is ex- pected to be better than the results of these tests with no chassis enclosure. immunity equipment utilizing these afct-5815xz transceivers will be subject to radio-frequency electromagnetic fi elds in some environments. these transceivers, with their inte- gral shields, have been characterized without the benefi t of a normal equipment chassis enclosure and the results are reported below. performance of a system contain- ing these transceivers within a well designed chassis is expected to be better than the results of these tests without a chassis enclosure. regulatory compliance the afct-5815xz is intended to enable commercial system designers to develop equipment that complies with the various regulations governing certifi cation of information technology equipment. see the regulatory compliance table 1 for details. additional information is available from your avago technologies sales repre- sentative. electrostatic discharge (esd) there are two design cases in which immunity to esd damage is important. the fi rst case is during handling of the transceiver prior to mounting it on the circuit board. it is important to use normal esd handling precautions for esd sensitive devices. these precautions include using grounded wrist straps, work benches and fl oor mats in esd controlled areas. the second case to consider is static discharges to the exterior of the equipment chassis containing the trans- ceiver parts. to the extent that the duplex sc connector is exposed to the outside of the equipment chassis it may be subject to whatever esd sy stem level test criteria that the equipment is intended to meet.
7 table 1. regulatory compliance - typical performance feature test method performance electrostatic discharge (esd) to the electrical pins mii-std-883f method 3015.7 class 1 (>500 v) - human body model electrostatic discharge (esd) to the duplex sc receptacle variation of iec 61000-4-2 air discharge 15 kv electromagnetic interference (emi) fcc class b typically provide greater than 11 db margin below 1 ghz to fcc class b when tested in a gtem with the transceiver mounted to a circuit card without a chassis enclosure at frequencies up to 1 ghz. margins above 1 ghz dependent on customer board and chassis designs. immunity variation of iec 801-3 typically show no measurable eff ect from a 10 v/m fi eld swept from 27 mhz to 1 ghz applied to the transceiver without a chassis enclosure. eye safety fda cdrh 21-cfr 1040 class 1 accession number: 9521220-135 iec 60825 - 1 amendment 2 2001 -01 tuv licence number: 933/21203530/17 component recognition underwriters laboratories and canadian standards association joint component recognition for information technology equip- ment including electrical ul file#: e173874 performance specifi cations absolute maximum ratings stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. it should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. exposure to the absolute maximum ratings for extended periods can adversely aff ect device reliability. parameter symbol minimum maximum units notes storage temperature t s -40 +85 c lead soldering temperature/time - - +260/10 c/s input voltage - gnd v cc v power supply voltage - 0 6 v operating environment parameter symbol minimum maximum units notes power supply voltage v cc +3.1 +5.25 v ambient operating temper ature - AFCT-5815AZ/cz t op -40 +85 c 1 ambient operating temper ature - afct-5815bz/dz t op 0 +70 c 1
8 transmitter section (ambient operating temperature, v cc = 3.1 v to 5.25 v) parameter symbol minimum typical maximum units notes output center wavelength lce 1261 - 1360 output spectral width (rms) dl - - 4.0 nm average optical output power p o -5 - 0 dbm 2 extinction ratio e r 10 - - db power supply current i cc - 50 140 ma 3 output eye compliant with telcordia tr-nwt-000253 and itu recommendation g.957 optical rise time t r --2ns4 optical fall time t f --2ns4 data input current - low i il -350 - - a data input current - high i ih - - 350 a data input voltage - low v il - v cc -2.0 - -1.475 v 5 data input voltage - high v ih - v cc -1.165 - -0.74 v 5 notes: 1. 2 m/s air fl ow required. 2. output power is power coupled into a single mode fi ber. 3. the power supply current varies with temperature. maximum current is specifi ed at v cc = maximum @ maximum temperature (not including terminations) and end of life. typical power supply current at +25c and +3.3 v or +5.0 v supply. 4. 10% - 90% values. maximum t r , t f times tested against eye mask. 5. these inputs are compatible with 10 k, 10 kh and 100 k pecl outputs. receiver section (ambient operating temperature, v cc = 3.1 v to 5.25 v) parameter symbol minimum typical maximum units notes receiver sensitivity - - - -34 dbm 6 maximum input power - -7 - - dbm 6 power supply current i cc - 55 100 ma 7 signal detect - deasserted - -45 - -34 dbm signal detect - hysteresis - 0.5 - 4 db signal detect assert time (off to on) as_max - - 100 s signal detect deassert time (on to off ) ans_max - - 350 s signal detect output voltage - low v ol - v cc -1.92 - -1.45 v 8 signal detect output voltage - high v oh - v cc -1.1 - -0.85 v 8 data output voltage - low v ol - v cc -2.0 - -1.45 v 8 data output voltage - high v oh - v cc -1.1 - -0.85 v 8 data output rise time t r - - 2.2 ns 9 data output fall time t f - - 2.2 ns 9 notes 6. sensitivity and maximum input power levels for a 2 23 -1 prbs with 72 ones and 72 zeros inserted. (itu recommendation g.958). 7. the current includes capacitively coupled 50 ohm terminations. 8. these outputs are compatible with 10 k, 10 kh and 100 k pecl outputs. 9. 20 - 80% levels.
9 table 2. pin out table pin symbol functional description mounting studs the mounting studs are provided for transceiver mechanical attachment to the circuit board. they are embedded in the housing and are not connected to the transceiver internal circuit. they should be soldered into plated-through holes on the printed circuit board. 1v eer receiver signal ground directly connect this pin to receiver signal ground plane. 2 rd+ receiver data out terminate this high-speed, diff erential, pecl output with standard pecl techniques at the follow-on device input pin. 3 rd- receiver data out bar terminate this high-speed, diff erential, pecl output with standard pecl techniques at the follow-on device input pin. 4 sd signal detect normal input optical levels to the receiver result in a logic 1 output.low input optical levels to the receiver result in a fault indication shown by a logic 0 output. signal detect is a single-ended, pecl output. this output will operate with 270 ? termination resistor to v ee to achieve pecl output levels. this signal detect output can be used to drive a pecl input on an upstream circuit, such as, signal detect input and loss of signal-bar input. 5v ccr receiver power supply provide +3.3 or +5.0 v dc via the recommended receiver power supply fi lter circuit.locate the power supply fi lter circuit as close as possible to the v ccr pin. 6v cct transmitter power supply provide +3.3 or +5.0 v dc via the recommended transmitter power supply fi lter circuit.locate the power supply fi lter circuit as close as possible to the v cct pin. 7 td- transmitter data in bar terminate this high-speed, diff erential transmitter data input with standard pecl techniques at the transmitter input pin. 8 td+ transmitter data in terminate this high-speed, diff erential transmitter data input with standard pecl techniques at the transmitter input pin. 9v eet transmitter signal ground directly connect this pin to the transmitter signal ground plane.
class 1 laser product: this product conforms to the applicable requirements of 21 cfr 1040 at the date of manufacture date of manufacture: avago technologies inc., no 1 yishun ave 7, singapore handling precautions 1. the afct-5818xz can be damaged by curre nt surges or overvoltage. power supply transient precautions should be taken. 2. normal handling precautions for electrostatic sensitive devices should be taken. order information: temperature range 0c to +70c afct-5815bz black case afct-5815dz blue case temperature range -40c to +85c AFCT-5815AZ black case afct-5815cz blue case for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2011 avago technologies. all rights reserved. obsoletes av01-0035en av02-2960en - may 5, 2011


▲Up To Search▲   

 
Price & Availability of AFCT-5815AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X