Part Number Hot Search : 
PEB20560 16M86VBB T850004 SA555N 74VHC 432MH A7806 VCO3077
Product Description
Full Text Search
 

To Download 901150012EMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 /2 www.lightechinc.com tm led driver dc c v , potted led 150 dc 12v ems (eu) led 150 dc 12v um (usa) led 150 dc 24v ems (eu) led 150 dc 24v um (usa) 0.99 power factor 90 - 93% efficiency 120 - 277v input voltage tiny inrush current (1a - 2a) surge, over - temperature, short - circuit protections led specifications features under - cabinet led lighting, cove led lighting ideal for daisy - chained led installations hi - power led lighting led signage applications led cv dc 150w 12v, 24v led cv dc 150w 12v, 24v 150 dc 12v 150 dc 24v 150 dc 12v 150 dc 24v sku no. 901150012- 120-um 901150024- 120-um 901150012 um 901150024 um voltage range (v) frequency range (hz) power factor efficiency (typ.)% ac current (a) inrush current (a) voltage (v) note 3 12 10% 2410% 12 10% 2410% rated power (w) dimmable yes/no input voltage surge over temperature short circuit protection reinforced insulation ta (c) -25+50 -25+50 -25+50 -25+50 tc (c) 75 75 80 80 working humidity storage temp. (c) ?-10+70 ?-10+70 ?-10+70 ?-10+70 vde safety vde emc ul plastic/ metal case case color input wires color input wires size output wire color output wire size weight 120 0/50/60 0,99 220-240 0/50/60 0,99 2 outdoor white white 1 2 pending n/a n/a pending 90 1,4 90 1.4-06 90 0,7 blk/red protection ?yes ??yes output ??yes 150 no mechanical pending ?ip67? ?ip67? 70 120-277 2. specifications may vary from time to time without notice. 18awg blk/red 0.75mm2 1. all parameters are measured at rated input, rated load and 25c of ambient temperature. 14awg 3. tolerance: includes set up tolerance, line regulation and load regulation. n/a engineering sample only 70 metal metal brw/blu blk/wht 150 dc 12v 150 dc 24v ??yes 4. subject to standard warranty, terms and conditions as published from time to time. 0.650 kg ?-10+70 version note standards environment input 2mm2 0/50/60 901150012EMS 901150024ems 0,99 2410% 12 10% ?-10+70 -25+50 -25+50 pending pending selv
page 2 /2 www.lightechinc.com tm le18 dma p/pu led 18 dc 700ma p/pu led 36 dc 70 0ma p/pu 90 led 150 dc 12v ems (eu) led 150 dc 12v um (usa) led 150 dc 24v ems (eu) led 150 dc 24v um (usa) mounting instructions safety instructions 1. always disconnect power before installation and/or removal of the unit. 2. install in accordance with national and local electrical codes. mechanical drawing version __ file 082010 led cv dc 150w 12v, 24v max.3m (118") max.3m (118") led string


▲Up To Search▲   

 
Price & Availability of 901150012EMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X