Part Number Hot Search : 
FW344 M38C81M2 C1602G 2U025 F0810NH EMB9N M25P40 FS10UM
Product Description
Full Text Search
 

To Download 78438334022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions: [mm] recommended land pattern: [mm] schematic: properties test conditions value unit tol. inductance 100 khz/ 10 ma l 2.2 h 20 rated current t = 40 k i r 1.8 a max. saturation current |l/l| < 20 % i sat 5 a typ. dc resistance @ 20 c r dc 100 m typ. dc resistance @ 20 c r dc 115 m max. self resonant frequency f res 50 mhz typ. electrical properties: it is recommeded that the temperature of the component does not exceed +125c under worst case conditions ambient temperature (refering to i r ) -40 c up to +85 c operating temperature -40 c up to +125 c storage temperature (in original packaging) -20 c up to +40 c test conditions of electrical properties: +20c, 33% rh if not specified differently aec-q200 qualified general properties: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas bmoe din iso 2768-1m description we-maia smd power inductor order code 78438334022 size revision status date business unit page 3012 001.003 valid 2016-11-21 eisos 1/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 3,0 0,2 3,0 0,2 1,2 max. 1,2 max. scale - 8:1 3,4 0,8 3,4 solder resist no vias and traces in restricted area scale - 8:1
typical inductance vs. current characteristics: typical temperature rise vs. current characteristics: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas bmoe din iso 2768-1m description we-maia smd power inductor order code 78438334022 size revision status date business unit page 3012 001.003 valid 2016-11-21 eisos 2/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 0.0 0.5 1.0 1.5 2.0 2.5 0.0 1.0 2.0 3.0 4.0 5.0 6.0 inductance [h] current [a] 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 temperature rise [k] current [a]
typical impedance characteristics: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas bmoe din iso 2768-1m description we-maia smd power inductor order code 78438334022 size revision status date business unit page 3012 001.003 valid 2016-11-21 eisos 3/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 1 10 100 1000 10000 0.01 0.1 1 10 100 impedance [ ] frequency [mhz]
packaging specification - tape and reel: [mm] packaging is reffered to the international standard iec 60286-3:2013 a0 b0 w p1 t t1 t2 d0 e1 e2 f p0 p2 tape type vpe / packaging unit tolerance typ. typ. 0,1 0,1 0,1 max. typ. +0,1/ -0,0 0,1 min. 0,05 0,1 0,05 pcs. size 3012 3,50 3,50 12,00 8,00 0,30 0,10 2,00 1,50 1,75 10,25 5,50 4,00 2,00 polystyrene 1000 a b c d n w1 w2 w3 w3 tolerance 2,0 min. 0,8 min. 2,0 +1,5 max. min. max. tape width 12 mm 178,00 1,50 13,00 20,20 50,00 12,40 18,40 11,90 15,40 wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas bmoe din iso 2768-1m description we-maia smd power inductor order code 78438334022 size revision status date business unit page 3012 001.003 valid 2016-11-21 eisos 4/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. d0 p0 e1 w t top cover tape d1 f e2 p2 b0 a0 p1 t1 k0 t2 end feeding direction start carrier tape cover tape no component min. 40mm components no component min. 20mm cover tape min. 400mm 1 6 5 - 1 8 0 pull-of force tape width 12 mm 0,1 n - 1,3 n b d c a n w3 w2 w1 close to center
classification reflow profile for smt components: profile feature value preheat temperature min t s min 150 c preheat temperature max t s max 200 c preheat time t s from t s min to t s max t s 60 - 120 seconds ramp-up rate (t l to t p ) 3 c/ second max. liquidous temperature t l 217 c time t l maintained above t l t l 60 - 150 seconds peak package body temperature t p see table below time within 5c of actual peak temperaure t p 20 - 30 seconds ramp-down rate (t l to t p ) 6 c/ second max. time 25c to peak temperature 8 minutes max. classification reflow soldering profile: refer to ipc/ jedec j-std-020e properties volume mm3 <350 volume mm3 350-2000 volume mm3 >2000 pb-free assembly | package thickness < 1.6 mm 260 c 260 c 260 c pb-free assembly | package thickness 1.6 mm - 2.5 mm 260 c 250 c 245 c pb-free assembly | package thickness 2.5 mm 250 c 245 c 245 c package classification reflow temperature: refer to ipc/ jedec j-std-020e wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas bmoe din iso 2768-1m description we-maia smd power inductor order code 78438334022 size revision status date business unit page 3012 001.003 valid 2016-11-21 eisos 5/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. time temperature t p t p t l t s t s max t s min t c ?5c t l 25 time 25c to peak preheat area max. ramp up rate max. ramp down rate
cautions and warnings: the following conditions apply to all goods within the product series of we-maia of wrth elektronik eisos gmbh & co. kg: general: all recommendations according to the general technical specifications of the data sheet have to be complied with. the usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided. if the product is potted in customer applications, the potting material might shrink during and after hardening. the product is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical as well as the mechanical characteristics are endangered to be affected. after the potting material is cured, the core, wire and termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred. the responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of the customer. all technical specifications for standard products do also apply to customer specific products. cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or termination. direct mechanical impact to the product shall be prevented as the iron powder material of the core could flake or in the worst case it could break. product specific: follow all instructions mentioned in the data sheet, especially: ? the soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the warranty. ? all products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability cant be ensured. ? violation of the technical product specifications such as exceeding the nominal rated current will void the warranty. ? due to the bottom termination of the components of size 40xx, strong forces and high accelerations (like a mechanical shock of 100g for 0.5 ms) might have the effect to damage the electrical connection and will void the warranty. ? to improve the solderability of bottom termination components please refer to appnote anp036 on our homepage. the general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and reliable; however, no responsibility is assumed for inaccuracies or incompleteness. wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas bmoe din iso 2768-1m description we-maia smd power inductor order code 78438334022 size revision status date business unit page 3012 001.003 valid 2016-11-21 eisos 6/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
important notes the following conditions apply to all goods within the product range of wrth elektronik eisos gmbh & co. kg: 1. general customer responsibility some goods within the product range of wrth elektronik eisos gmbh & co. kg contain statements regarding general suitability for certain application areas. these statements about suitability are based on our knowledge and experience of typical requirements concerning the areas, serve as general guidance and cannot be estimated as binding statements about the suitability for a customer application. the responsibility for the applicability and use in a particular customer design is always solely within the authority of the customer. due to this fact it is up to the customer to evaluate, where appropriate to investigate and decide whether the device with the specific product characteristics described in the product specification is valid and suitable for the respective customer application or not. 2. customer responsibility related to specific, in particular safety-relevant applications it has to be clearly pointed out that the possibility of a malfunction of electronic components or failure before the end of the usual lifetime cannot be completely eliminated in the current state of the art, even if the products are operated within the range of the specifications. in certain customer applications requiring a very high level of safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health it must be ensured by most advanced technological aid of suitable design of the customer application that no injury or damage is caused to third parties in the event of malfunction or failure of an electronic component. therefore, customer is cautioned to verify that data sheets are current before placing orders. the current data sheets can be downloaded at www.we-online.com. 3. best care and attention any product-specific notes, cautions and warnings must be strictly observed. any disregard will result in the loss of warranty. 4. customer support for product specifications some products within the product range may contain substances which are subject to restrictions in certain jurisdictions in order to serve specific technical requirements. necessary information is available on request. in this case the field sales engineer or the internal sales person in charge should be contacted who will be happy to support in this matter. 5. product r&d due to constant product improvement product specifications may change from time to time. as a standard reporting procedure of the product change notification (pcn) according to the jedec-standard inform about minor and major changes. in case of further queries regarding the pcn, the field sales engineer or the internal sales person in charge should be contacted. the basic responsibility of the customer as per section 1 and 2 remains unaffected. 6. product life cycle due to technical progress and economical evaluation we also reserve the right to discontinue production and delivery of products. as a standard reporting procedure of the product termination notification (ptn) according to the jedec-standard we will inform at an early stage about inevitable product discontinuance. according to this we cannot guarantee that all products within our product range will always be available. therefore it needs to be verified with the field sales engineer or the internal sales person in charge about the current product availability expectancy before or when the product for application design-in disposal is considered. the approach named above does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 7. property rights all the rights for contractual products produced by wrth elektronik eisos gmbh & co. kg on the basis of ideas, development contracts as well as models or templates that are subject to copyright, patent or commercial protection supplied to the customer will remain with wrth elektronik eisos gmbh & co. kg. wrth elektronik eisos gmbh & co. kg does not warrant or represent that any license, either expressed or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right relating to any combination, application, or process in which wrth elektronik eisos gmbh & co. kg components or services are used. 8. general terms and conditions unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms and conditions of wrth elektronik eisos group, last version available at www.we-online.com. wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas bmoe din iso 2768-1m description we-maia smd power inductor order code 78438334022 size revision status date business unit page 3012 001.003 valid 2016-11-21 eisos 7/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


▲Up To Search▲   

 
Price & Availability of 78438334022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X