Part Number Hot Search : 
IRLD110 MKTD05 FB5002 10X12 15005 VT8225 2503F SUR503EF
Product Description
Full Text Search
 

To Download 7-1415539-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11-2016, rev. 1116 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 general purpose relays pcb relays miniature pcb relay pe n 1 pole 5 a, 1 form c (co) or 6a, 1 form a (no) contact n cadmium-free contacts n sensitive coil 200mw n ambient temperature 85c n low height 10.0mm n plastic materials according to iec 60335-1 (domestic appliances) typical applications industrial electronics, white goods, measurement and control approvals vde cert. no. 40011901, ul e214025 technical data of approved types on request contact data contact arrangement 1 form c (co) or 1 form a (no) rated voltage 250vac max. switching voltage 400vac rated current 5a (co - types) 6a (no - types) breaking capacity max. 1250va (co - types) 1500va (no - types) contact material agni 90/10, agsno 2 frequency of operation with/without load 360/72000 ops/h operate/release time typ. 8/8ms bounce time, form a/form b typ. 4/6ms contact ratings type contact load cycles iec 61810 pe013 c (co) 5a, 250vac, cos =1, 85c 30x10 3 pe014/pe015 c (co) 5a, 250vac, cos =1, 85c 100x10 3 pe014 a (no) 5a, 30vdc, 0ms, 85c 100x10 3 pe015 a (no) 1,5a, 30vdc, 900/h, 50% df 100x10 3 pe034 a (no) 6a, 250vac, cos =1, 70c 50x10 3 ul 508 pe013 c (co) 5a, 240vac, resistive, 85c 30x10 3 pe014/pe015 c (co) 5a, 250vac, resistive, 85c 100x10 3 pe014 a (no) 5a, 30vdc, resistive, 85c 100x10 3 pe034 a (no) 6a, 250vac, resistive, 70c 100x10 3 pe514 c (co) 5a, 250vac, resistive, 85c 10x10 3 mechanical endurance, dc coil >15x10 6 operations. coil data coil voltage range 5 to 48 vdc operative range, iec 61810 2 coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 3 3 2.25 0.3 45 200 5 5 3.8 0.5 125 200 6 6 4.5 0.6 172 209 9 9 6.8 0.9 405 200 12 12 9.0 1.2 685 210 24 24 18.0 2.4 2725 211 48 48 36.0 4.8 10970 210 all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. insulation data initial dielectric strength between open contacts 1000v rms between contact and coil 4000v rms initial insulation resistance open contact circuit >10x10 9 coil-contact circuit >10x10 9 clearance/creepage between contact and coil 3.2/4mm material group of insulation parts iiia f0169-c z schrack
11-2016, rev. 1116 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 general purpose relays pcb relays miniature pcb relay pe (continued) tracking index of relay base pti250v other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter resistance to heat and fre according en60335, par.30 ambient temperature -40 to 85c category of environmental protection, iec 61810 rtii - fux proof rtiii - wash tight vibration resistance (functional), form a/form b >15/5g shock resistance (destructive) >100g shock resistance (functional/ 11ms), forma/form b >15/5g terminal type pcb-tht weight 5g resistance to soldering heat tht iec 60068-2-20 260c/10s (fux proof version) iec 60068-2-20 250c/5s (wash tight version) packaging/unit tube/25 pcs., box/500 pcs. pcb layout / terminal assignment bottom view on solder pins dimensions s0176-ba s0176-bb s0271-aa 1 form c (co) version 1 form a (no) version s0176-bc s0176-bd product code structure typical product code pe 0 1 4 012 type pe miniature pcb relay pe version 0 flux proof 5 wash tight contact arrangement 1 1 form c (co) contact 3 1 form a (no) contact contact material 4 agni 90/10 3 agsno 2 5 agni 90/10 gold plated coil coil code: please refer to coil versions table product code version contacts contact material coil part number pe013012 fux proof 1 form c agsno 2 12vdc 7-1415539-4 pe014005 1 co contact agni 90/10 5vdc 1393219-3 pe014006 6vdc 1393219-4 pe014012 12vdc 1393219-6 pe014024 24vdc 1-1393219-0 pe014048 48vdc 1-1393219-3 pe015012 agni 90/10 12vdc 1-1393219-4 pe015024 gold plated 24vdc 1-1393219-5 pe034005 1 form a agni 90/10 5vdc 4-1415535-6 pe034006 1 no contact 6vdc 4-1415535-7 pe034012 12vdc 4-1415535-9 pe034024 24vdc 5-1415535-1 pe034048 48vdc 5-1415535-2 pe514012 wash tight 1 form c agni90/10 12vdc 2-1393219-0 pe514024 1co contact 24vdc 2-1393219-2 schrack


▲Up To Search▲   

 
Price & Availability of 7-1415539-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X