Part Number Hot Search : 
BPC25 EVALZ BCR505 MICROS TSOP2 EA09921 4LS245 90160
Product Description
Full Text Search
 

To Download 2SA733 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SA733 pnp silicon epitaxial planar transistor for switching and af amplifier applications. the transistor is subdivided in to five groups, r, o, y, p and l, according to its dc current gain. as complementary type the np n transistor st 2sc945 is recommended. on special request, thes e transistors can be manufactured in different pin configurations. to-92 plastic package weight approx. 0.19g absolute maximum ratings (t a = 25 o c) symbol value unit collector base voltage -v cbo 60 v collector emitter voltage -v ceo 50 v emitter base voltage -v ebo 5 v collector current -i c 150 ma power dissipation p tot 250 mw junction temperature t j 150 o c storage temperature range t s -55 to +150 o c
2SA733 characteristics at t amb =25 o c symbol min. typ. max. unit dc current gain at -v ce =6v, -i c =1ma current gain group r o y p l h fe h fe h fe h fe h fe 40 70 120 200 350 - - - - - 80 140 240 400 700 - - - - - collector base breakdown voltage at -i c =100 a -v (br)cbo 60 - - v collector emitter breakdown voltage at -i c =10ma -v (br)ceo 50 - - v emitter base breakdown voltage at -i e =10 a -v (br)ebo 5 - - v collector cutoff current at -v cb =60v -i cbo - - 0.1 a emitter cutoff current at -v eb =5v -i ebo - - 0.1 a collector saturation voltage at -i c =100ma, -i b =10ma -v ce(sat) - 0.18 0.3 v base emitter voltage at -v ce =6v, -i c =1ma -v be(on) 0.5 0.62 0.8 v gain bandwidth product at -v ce =6v, -i c =10ma f t 50 180 - mhz output capacitance at -v cb =10v, f=1mhz c ob - 2.8 - pf noise figure at -v ce =6v, -i c =0.3ma at f=100hz, r s =10k f - 6 20 db
2SA733 i c, ma -0.1 10 -1 -10 -100 10 -0.1 -1 i c, ma -10 -100 hfe - i c h f e 100 1000 hfe - i c -1v vce=-6v ta=75 c 25 c h f e 100 -25 c 0 c 50 c 1000 vce=-6v -0.6 -0.1 -0.4 -0.5 - 2 5 c -1 -0.9 -0.7 v be ,v -0.8 -1 i c - m a t a = 7 5 c 25 c 0 c -10 50 c -200 -100 i c - v be v ce =-6v -0.2 collector current vs. collector emitter voltage -80 0 0 -20 i c - m a -60 -40 -100 -8 -1.0 i b =-0.2ma -0.6 -0.4 v ce , v -0.8 -2 0 0 -0.6 -0.8 -0.4 -6 -4 i c - m a -1.6 -2.0 -1.8 -1.0 -1.4 -1.2 -10 -35 -40 -40 -20 v ce , v -10 -10 -30 ib=-5 a -20 -25 -30 -15 -50 collector current vs. collector emitter voltage -45 0 25 125 tamb ( c) 50 75 100 150 total power dissipation vs. ambient temperature 250 p t o t ( m w ) 50 100 200 150 300 free air
2SA733 v ce(sat), vbe(sat) - i c i c, ma ic/ib=10 -0.01 -1 -10 v c e ( s a t ) , v b e ( s a t ) - v -0.1 vce(sat) vbe(sat) -1 100 1 -100 10 10 i e, ma ic/ib=10 f t - m h z 100 500 vce= -6v -1v f t - i e v cb, v cob - v cb 1 -1 -10 100 f=1mhz c o b - p f 10 -100 hie normalized h-parameters vs. collector emitter voltage vce=-6v, ie=1ma, f=1khz hie=5.5k , hre=7.5x10 hfe=20s, hoe=28 s -10 -0.1 -1 vce, v hre hfe hie hoe n o r m a l i z e d h p a r a m e t e r s 0.1 1 10 100 110 0.1 10 0 -100 ie, ma vce=-6v, ie=1ma, f=1khz hie=5.5k , hre=7.5x10 hfe=20s, hoe=28 s normalized h-parameters vs. emitter current -4 n o r m a l i z e d h p a r a m e t e r s hfe hoe hre hoe hfe 1 0.1 hie 10 hre 100 -4 hie hfe hre hoe


▲Up To Search▲   

 
Price & Availability of 2SA733

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X