Part Number Hot Search : 
6N136V 1N5160 YBBNUA PE3339EK 66302 M320X CHPV1IU 124JC
Product Description
Full Text Search
 

To Download 2661000101-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emi suppression beads (2661000101) part number: 2661000101 61 shield bead explanation of part numbers: C?digits 1 & 2 = product class C digits 3 & 4 = material grade ? C last digit 1= not burnished 2 = burnished C the last digit of the parylene coated part is a 4, which is available upon request. the minimum coating thickness beads is 0.005 mm (0.0002 ). fair- rite offers a broad selection of ferrite emi suppression beads with guaranteed minimum impedance specifications. ?our shield bead kit (part number 0199000019) contains a selection of these beads. ?for any emi suppression bead requirement not listed here, feel free to contact our customer service for availability and pricing. ?the ?c? dimension, the bead length, can be modified to suit specific applications. weight: 0.1 (g) chart legend + test frequency ? the column "h (oe)" gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. the actual dc h field in the application is this value of h times the actual ni (ampere- turn) product. for the effect of the dc bias on the impedance of the bead material, see figures 18-23 in the application note ?how to choose ferrite components for emi suppression?. typical impedance ( ) 100 mhz 30 250 mhz + 45 500 mhz + 62 1000 mhz 95 electrical properties h(oe) 2 suppression beads are controlled for impedances only. minimum impedance values are specified for the + marked frequencies. the minimum impedance is typically the listed impedance less 20%. ?single turn impedance tests for 73 and 43 material beads are performed on the 4193a vector impedance analyzer. the 61 material beads are tested on the 4291a rf impedance analyzer. beads are tested with the shortest practical wire length. dim mm mm tol nominal inch inch misc. a 3.5 0.20 0.138 _ b 1.3 0.10 0.051 _ c 3.25 0.25 0.128 _
fair- rite products corp.?? ? ??one commercial row, wallkill, new york 12589-0288 888-324-7748 ?? ? ?? 845-895-2055 ?? ? ?? fax: 845-895-2629 ?? ? ?? ferrites@fair- rite.com ?? ? ??www.fair- rite.com


▲Up To Search▲   

 
Price & Availability of 2661000101-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X