Part Number Hot Search : 
1SMC40A NA242 VEC2822 28F01 NTE53 1N2285 AN606 P1553Z
Product Description
Full Text Search
 

To Download 1N4454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N4454 vishay semiconductors formerly general semiconductor document number 88110 www.vishay.com 13-may-02 1 small-signal diode reverse voltage 100v forward current 150ma features ?silicon epitaxial planar diode ?fast switching diode mechanical data case: do-35 glass case weight: approx. 0.13g packaging codes/options: f2/10k per ammo tape (52mm), 50k/box f3/10k per 13 reel (52mm tape), 50k/box maximum ratings and thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol limit unit reverse voltage v r 75 v peak reverse voltage v rm 100 v maximum average rectified current half wave rectification i f(av) 150 ma with resistive load at t amb = 25 c and f 50hz (1) surge forward current at t < 1s and t j = 25 ci fsm 500 ma maximum power dissipation at t amb = 25 c (1) p tot 500 mw thermal resistance junction to ambient air (1) r ja 350 c/w maximum junction temperature t j 175 c storage temperature range t s 65 to +175 c electrical characteristics (t a = 25 c unless otherwise noted) parameter symbol min. max. unit maximum forward voltage drop at i f = 10ma v f 1.0 v leakage current at v r = 50v i r 100 na at v r = 75v 5 a reverse breakdown voltage tested with 100 a pulses v (br)r 100 v capacitance at v f = v r = 0v c tot 2pf reverse recovery time t rr 4ns from i f = 10ma to i r = 1ma, v r = 6v, r l = 100 ? rectification efficiency at f = 100mhz, v rf = 2v v 0.45 note: (1) valid provided that leads at a distance of 8mm from case are kept at ambient temperature do-204ah (do-35 glass) dimensions in inches and (millimeters)
1N4454 vishay semiconductors formerly general semiconductor www.vishay.com document number 88110 2 13-may-02 ratings and characteristic curves (t a = 25 c unless otherwise noted) 0 200 400 600 800 1000 admissible power dissipation vs ambient temperature 0 100 200 c 10 2 10 1 1 10 10 2 10 3 ma 01 2v i f v f p tot t amb 1 10 10 3 10 2 10 4 ? r f i f dynamic forward resistance vs forward current 10 2 10 1 11010 2 t j = 25 c f = 1.0 khz ma forward characteristics 0.7 0.8 0.9 1.0 1.1 relative capacitance vs reverse voltage 02 10v v r t j = 25 c f = 1.0mhz 468 c tot (v r ) c tot (0v) t j = 25 c t j = 25 c t j = 100 c mw 1 10 10 2 10 3 10 4 na 0 100 200 c i r t j leakage current vs junction temperature v r = 20v 0.1 1 100 10 a i frm t p admissible repetitive peak forward current vs pulse duration 10 5 10 4 10 3 10 2 10 1 1 10s 0.5 0.2 0.1 n = 0 i frm v = t p /t t = 1/f p t p t t i


▲Up To Search▲   

 
Price & Availability of 1N4454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X