Part Number Hot Search : 
15DKD47 AD790SQ FTD2017R 5JA25 5JA25 FHLCYBGN W2630 01208
Product Description
Full Text Search
 

To Download 1680937 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 6 http://www.phoenixcon.com jan 3, 2011 extract from the online catalog ? sacb-8/16-10,0pur order no.: 1680937 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680937 ? ? sensor/actuator box, m12 female connector, number of slots: 8, number of positions: 5, slot assignment: double, status indication: no, universal 180, pur/pvc, cable length: 10 m, shielding: no ? commercial data gtin (ean) 4 017918 171254 sales group d101 pack 1 pcs. customs tariff 85366990 catalog page information page 114 (pc-2009) product notes weee/rohs-compliant since: 03/15/2006 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general data rated voltage 120 v max. operating voltage u max 135 v current carrying capacity per i/o signal 2 a current carrying capacity per slot 4 a
sacb-8/16-10,0pur order no.: 1680937 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680937 phoenix contact inc., usa page 2 / 6 http://www.phoenixcon.com jan 3, 2011 total rated current 12 a number of positions 5 number of slots 8 degree of protection ip65/ip67 inflammability class acc. to ul 94 v0 ambient temperature (operation) -25 c ... 75 c sensor/actuator connection system m12 female connector master cable data type of connection fixed connection length of cable 10 m cable type master cable suitable for flexible cable conduit signal line cross section 16x 0.5 mm2 awg signal line 20 conductor structure signal line 64x 0.10 mm power supply cross section 3x 1 mm2 awg power supply 17 conductor structure, voltage supply 128x 0.10 mm external diameter 11.6 mm max. bending cycles 1500000 bending radius 120 mm traversing path 2 m traversing rate 2 m/s ambient temperature (operation) -40 c ... 90 c (for fixed installation) -5 c ... 80 c (for flexible installation) tightening torque slot sensor/actuator cable 0.4 nm tightening torque screw plug 0.4 nm insulation material housing material pa contact material cusn contact surface material ni/au contact carrier material pa material, o-ring nbr pin assignment slot/position = wire color or connection 1 / 4 (a) ? = ? wh
sacb-8/16-10,0pur order no.: 1680937 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680937 phoenix contact inc., usa page 3 / 6 http://www.phoenixcon.com jan 3, 2011 1 / 2 (b) ? = ? gy/pk 2 / 4 (a) ? = ? gn 2 / 2 (b) ? = ? rd/bu 3 / 4 (a) ? = ? ye 3 / 2 (b) ? = ? wh/gn 4 / 4 (a) ? = ? gy 4 / 2 (b) ? = ? bn/gn 5 / 4 (a) ? = ? pk 5 / 2 (b) ? = ? wh/ye 6 / 4 (a) ? = ? rd 6 / 2 (b) ? = ? ye/bn 7 / 4 (a) ? = ? bk 7 / 2 (b) ? = ? wh/gy 8 / 4 (a) ? = ? vt 8 / 2 (b) ? = ? gy/bn 1-8 / 1 (+ 120 v) ? = ? bn 1-8 / 3 (0 v) ? = ? bu 1-8 / 5 (pe) ? = ? gn/ye certificates / approvals certification cul, gost, ul accessories item designation description marking 2809128 zbn 18:unbedruckt unprinted marker labels, strips with 5 labels for individual labeling with m-pen or cms system, for terminal block width: 17.5 mm, color: white protection and sealing elements 1680539 prot-m12 an m12 screw plug for the unoccupied m12 sockets of the sensor/ actuator cable, boxes and flush-type connectors
sacb-8/16-10,0pur order no.: 1680937 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680937 phoenix contact inc., usa page 4 / 6 http://www.phoenixcon.com jan 3, 2011 tools 1208432 sac bit m12-d15 nut for assembling sensor/actuator cables with m12 connector and for m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive 1208445 sacc bit m12-d20 nut for assembling sacc m12 connectors for free assembly, excluding m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive 1208429 tsd 04 sac torque screwdriver, with preset torque of 0.4 nm and 4 mm hexagonal drive for m12 connectors diagrams/drawings dimensioned drawing circuit diagram
sacb-8/16-10,0pur order no.: 1680937 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680937 phoenix contact inc., usa page 5 / 6 http://www.phoenixcon.com jan 3, 2011 schematic diagram m12 slot, socket, 5-pos.
sacb-8/16-10,0pur order no.: 1680937 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680937 phoenix contact inc., usa page 6 / 6 http://www.phoenixcon.com jan 3, 2011 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 1680937

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X