Part Number Hot Search : 
7401QN X9526 DMA366A2 STK6877 D1426 N5245B 0603CR12 TDA4665
Product Description
Full Text Search
 

To Download 1680898 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 5 http://www.phoenixcon.com jan 3, 2011 extract from the online catalog ? sacb-4/ 8-10,0pur order no.: 1680898 the illustration shows a version with 8 slots http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680898 ? ? sensor/actuator box, m12 female connector, number of slots: 4, number of positions: 5, slot assignment: double, status indication: no, universal 180, pur/pvc, cable length: 10 m, shielding: no ? commercial data gtin (ean) 4 017918 171179 note made-to-order sales group d101 pack 1 pcs. customs tariff 85366990 catalog page information page 114 (pc-2009) product notes weee/rohs-compliant since: 02/07/2006 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general data rated voltage 120 v max. operating voltage u max 135 v current carrying capacity per i/o signal 2 a current carrying capacity per slot 4 a
sacb-4/ 8-10,0pur order no.: 1680898 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680898 phoenix contact inc., usa page 2 / 5 http://www.phoenixcon.com jan 3, 2011 total rated current 12 a number of positions 5 number of slots 4 degree of protection ip65/ip67 inflammability class acc. to ul 94 v0 ambient temperature (operation) -25 c ... 75 c sensor/actuator connection system m12 female connector master cable data type of connection fixed connection length of cable 10 m cable type master cable suitable for flexible cable conduit signal line cross section 8x 0.5 mm2 awg signal line 20 conductor structure signal line 64x 0.10 mm power supply cross section 3x 1 mm2 awg power supply 17 conductor structure, voltage supply 128x 0.10 mm external diameter 9.5 mm max. bending cycles 1500000 bending radius 100 mm traversing path 2 m traversing rate 2 m/s ambient temperature (operation) -40 c ... 90 c (for fixed installation) -5 c ... 80 c (for flexible installation) tightening torque slot sensor/actuator cable 0.4 nm tightening torque screw plug 0.4 nm insulation material housing material pa contact material cusn contact surface material ni/au contact carrier material pa material, o-ring nbr pin assignment slot/position = wire color or connection 1 / 4 (a) ? = ? wh
sacb-4/ 8-10,0pur order no.: 1680898 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680898 phoenix contact inc., usa page 3 / 5 http://www.phoenixcon.com jan 3, 2011 1 / 2 (b) ? = ? gy/pk 2 / 4 (a) ? = ? gn 2 / 2 (b) ? = ? rd/bu 3 / 4 (a) ? = ? ye 3 / 2 (b) ? = ? wh/gn 4 / 4 (a) ? = ? gy 4 / 2 (b) ? = ? bn/gn 1-4 / 1 (+ 120 v) ? = ? bn 1-4 / 3 (0 v) ? = ? bu 1-4 / 5 (pe) ? = ? gn/ye certificates / approvals certification cul, gost, ul accessories item designation description marking 2809128 zbn 18:unbedruckt unprinted marker labels, strips with 5 labels for individual labeling with m-pen or cms system, for terminal block width: 17.5 mm, color: white protection and sealing elements 1680539 prot-m12 an m12 screw plug for the unoccupied m12 sockets of the sensor/ actuator cable, boxes and flush-type connectors tools 1208432 sac bit m12-d15 nut for assembling sensor/actuator cables with m12 connector and for m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive 1208445 sacc bit m12-d20 nut for assembling sacc m12 connectors for free assembly, excluding m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive 1208429 tsd 04 sac torque screwdriver, with preset torque of 0.4 nm and 4 mm hexagonal drive for m12 connectors
sacb-4/ 8-10,0pur order no.: 1680898 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680898 phoenix contact inc., usa page 4 / 5 http://www.phoenixcon.com jan 3, 2011 diagrams/drawings dimensioned drawing circuit diagram schematic diagram m12 slot, socket, 5-pos.
sacb-4/ 8-10,0pur order no.: 1680898 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680898 phoenix contact inc., usa page 5 / 5 http://www.phoenixcon.com jan 3, 2011 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 1680898

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X