Part Number Hot Search : 
82503 00F6TR TM6117 DG403CY 00F6TR WRC15LA L0822 OP43RP
Product Description
Full Text Search
 

To Download 1680759 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 6 http://www.phoenixcon.com jan 3, 2011 extract from the online catalog ? sacb-8/ 8-l-sc npn order no.: 1680759 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680759 ? ? sensor/actuator box, m12 female connector, number of slots: 8, number of positions: 4, slot assignment: single, status indication: yes, npn 180, shielding: no ? commercial data gtin (ean) 4 017918 169824 note made-to-order sales group d103 pack 1 pcs. customs tariff 85366990 catalog page information page 115 (pc-2009) product notes weee/rohs-compliant since: 01/01/2008 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general data rated voltage 24 v dc max. operating voltage u max 30 v dc current carrying capacity per i/o signal 2 a current carrying capacity per slot 4 a
sacb-8/ 8-l-sc npn order no.: 1680759 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680759 phoenix contact inc., usa page 2 / 6 http://www.phoenixcon.com jan 3, 2011 total rated current 12 a number of positions 4 number of slots 8 degree of protection ip65/ip67 inflammability class acc. to ul 94 v0 ambient temperature (operation) -25 c ... 75 c sensor/actuator connection system m12 female connector local diagnostics function local diagnostics supply voltage green led status display i/o yellow led master cable data type of connection spring-cage conn. conductor cross-section min. (signal) 0.14 mm2 conductor cross-section max. (signal) 1 mm2 conductor cross-section awg min. (signal) 26 conductor cross-section awg max. (signal) 18 conductor cross-section min. (energy) 0.2 mm2 conductor cross-section max. (energy) 1.5 mm2 conductor cross-section awg min. (energy) 24 conductor cross-section awg max. (energy) 16 external cable diameter min. 9.5 mm external cable diameter max. 6.5 mm stripping length 10 mm tightening torque, union nut 2.5 nm tightening torque slot sensor/actuator cable 0.4 nm tightening torque screw plug 0.4 nm insulation material housing material pa contact material cusn contact surface material ni/au contact carrier material pa material of contact, master cable side cuzn material of contact surface, master cable side nisn
sacb-8/ 8-l-sc npn order no.: 1680759 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680759 phoenix contact inc., usa page 3 / 6 http://www.phoenixcon.com jan 3, 2011 material of the contact carrier on the master cable side pa 66 v0 material, o-ring nbr pin assignment slot/position = wire color or connection 1 / 4 (a) ? = ? 1 / 4 2 / 4 (a) ? = ? 2 / 4 3 / 4 (a) ? = ? 3 / 4 4 / 4 (a) ? = ? 4 / 4 5 / 4 (a) ? = ? 5 / 4 6 / 4 (a) ? = ? 6 / 4 7 / 4 (a) ? = ? 7 / 4 8 / 4 (a) ? = ? 8 / 4 1-8 / 1 (+ 24 v) ? = ? u n 1-8 / 3 (0 v) ? = ? 0 v 1-8 / 5 (pe) ? = ? pe certificates / approvals certification cul, gost, ul accessories item designation description general 1503344 sacb- 8x0,34/ 3x0,75-50,0 pur master cable for sensor/actuator boxes, with pe conductor, unshielded, material pur/pvc, 11-pos., 8 x 0.34 mm2 and 3 x 0.75 mm2 grommet 1680377 sacb-d pg 13,5 (4,0-6,5) ye rubber seal for pg screw connection 13.5, for conductor diameter 4.0 mm ... 6.5 mm 1680380 sacb-d pg 13,5 (6,5-9,5) bk rubber seal for pg screw connection 13.5, for conductor diameter 6.5 mm ... 9.5 mm 1680393 sacb-d pg 13,5 (9,0-13,0) rd rubber seal for pg screw connection 13.5, for conductor diameter 9.0 mm ... 13.0 mm
sacb-8/ 8-l-sc npn order no.: 1680759 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680759 phoenix contact inc., usa page 4 / 6 http://www.phoenixcon.com jan 3, 2011 marking 2809128 zbn 18:unbedruckt unprinted marker labels, strips with 5 labels for individual labeling with m-pen or cms system, for terminal block width: 17.5 mm, color: white protection and sealing elements 1680539 prot-m12 an m12 screw plug for the unoccupied m12 sockets of the sensor/ actuator cable, boxes and flush-type connectors tools 1208432 sac bit m12-d15 nut for assembling sensor/actuator cables with m12 connector and for m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive 1208445 sacc bit m12-d20 nut for assembling sacc m12 connectors for free assembly, excluding m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive 1206463 szk pz2 vde screwdriver, pz crosshead, vde insulated, size: pz 2 x 100 mm, 2-component grip, with non-slip grip 1208429 tsd 04 sac torque screwdriver, with preset torque of 0.4 nm and 4 mm hexagonal drive for m12 connectors diagrams/drawings dimensioned drawing circuit diagram
sacb-8/ 8-l-sc npn order no.: 1680759 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680759 phoenix contact inc., usa page 5 / 6 http://www.phoenixcon.com jan 3, 2011 schematic diagram m12 slot, socket, 4-pos.
sacb-8/ 8-l-sc npn order no.: 1680759 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1680759 phoenix contact inc., usa page 6 / 6 http://www.phoenixcon.com jan 3, 2011 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 1680759

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X