Part Number Hot Search : 
MSK0021B AS2578B 11000101 E000477 WM8727 AN260 MIC5164 TDA7434
Product Description
Full Text Search
 

To Download 1680746 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 1 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) sensor/actuator box, connection method: m12 socket plastic, number of slots: 6, number of positions: 4, slot assignment: single, status indication: yes, npn; master cable connection: spring-cage conn. 180, shielding: no the illustration shows a version with 8 slots product features ?safety in the field, thanks to robust housing and high degree of protection ?flexible, distributed bundling of signals in one master cable ?convenient: increased machine availability thanks to quick and easy diagnostics ?flexible: distributor box with connector hood for on-site assembly key commercial data packing unit 1 pce weight per piece (excluding packing) 119.6 grm custom tariff number 85444290 country of origin poland technical data general rated voltage 24 v dc max. operating voltage u max 30 v dc current carrying capacity per i/o signal 2 a current carrying capacity per slot 4 a total rated current 12 a number of positions 4 number of slots 6 inflammability class according to ul 94 v0 sensor/actuator connection system m12 socket 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10
https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 2 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 technical data ambient conditions degree of protection ip65 ip67 ambient temperature (operation) -25 c ... 75 c local diagnostics function local diagnostics supply voltage green led status display i/o yellow led master cable data/connection data connection method spring-cage conn. conductor cross section min. (signal) 0.14 mm2 conductor cross section max. (signal) 1 mm2 conductor cross section awg min. (signal) 26 conductor cross section awg max. (signal) 18 stripping length (signal) 10 mm conductor cross section min. (energy) 0.2 mm2 conductor cross section max. (energy) 1.5 mm2 conductor cross section awg min. (energy) 24 conductor cross section awg max. (energy) 16 external cable diameter min. 9.5 mm external cable diameter max. 6.5 mm tightening torque, union nut 2.5 nm tightening torque slot sensor/actuator cable 0.4 nm insulation material housing material pa contact material cusn contact surface material ni/au contact carrier material pa material of contact, master cable side cuzn material of contact surface, master cable side nisn material of the contact carrier on the master cable side pa 66 v0 material of threaded sleeve pa material, o-ring nbr pin assignment slot/position = wire color or connection 1 / 4 (a)?=?1 / 4 2 / 4 (a)?=?2 / 4 3 / 4 (a)?=?3 / 4 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10
https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 3 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 technical data pin assignment 4 / 4 (a)?=?4 / 4 5 / 4 (a)?=?5 / 4 6 / 4 (a)?=?6 / 4 1-6 / 1 (+ 24 v)?=?u n 1-6 / 3 (0 v)?=?0 v 1-6 / 5 (pe)?=?pe classifications ecl@ss ecl@ss 4.0 27140815 ecl@ss 4.1 27140815 ecl@ss 5.0 27143423 ecl@ss 5.1 27143423 ecl@ss 6.0 27143423 ecl@ss 7.0 27449001 etim etim 2.0 ec000200 etim 3.0 ec001856 etim 4.0 ec002585 etim 5.0 ec002585 unspsc unspsc 6.01 31261501 unspsc 7.0901 31261501 unspsc 11 31261501 unspsc 12.01 31261501 unspsc 13.2 31261501 approvals approvals approvals ul recognized / cul recognized / gost / culus recognized 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10
https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 4 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 approvals ex approvals approvals submitted approval details ul recognized? ? ? mm2/awg/kcmil 22-16 nominal voltage un 24 v cul recognized? ? ? mm2/awg/kcmil 22-16 nominal voltage un 24 v gost? culus recognized? accessories accessories cable by the meter 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10
https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 5 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 accessories master cable ring?-?sacb- 6x0,34/ 3x0,75-50,0 pur?-?1503331 master cable for sensor/actuator boxes, with pe conductor, unshielded, material pur/pvc, 9-pos., 6 x 0.34 mm2 and 3 x 0.75 mm2 ? ? device marking zack marker strip?-?zbn 18:unbedruckt?-?2809128 zack marker strip, strip, white, unlabeled, can be labeled with: plotter, mounting type: snap into tall marker groove, for terminal block width: 18 mm, lettering field: 18 x 5 mm ? ? protective cap screw plug?-?prot-m12?-?1680539 an m12 screw plug for the unoccupied m12 sockets of the sensor/actuator cable, boxes and flush-type connectors ? ? screwdriver tools tool?-?sac bit m12-d15?-?1208432 nut for assembling sensor/actuator cables with m12 connector and for m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive ? ? 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10
https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 6 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 accessories tool?-?sacc bit m12-d20?-?1208445 nut for assembling sacc m12 connectors for free assembly, excluding m12 connectors with quickon fast connection technology, for 4 mm hexagonal drive ? ? philips screwdriver?-?szk pz2 vde?-?1206463 screwdriver, pz crosshead, vde insulated, size: pz 2 x 100 mm, 2-component grip, with non-slip grip ? ? seal grommet?-?sacb-d pg 13,5 (4,0-6,5) ye?-?1680377 rubber seal for pg13.5 screw connection, for 4.0 mm ... 6.5 mm cable diameter ? ? grommet?-?sacb-d pg 13,5 (6,5-9,5) bk?-?1680380 rubber seal for pg13.5 screw connection, for 6.5 mm ... 9.5 mm cable diameter ? ? grommet?-?sacb-d pg 13,5 (9,0-13,0) rd?-?1680393 rubber seal for pg13.5 screw connection, for 9.0 mm ... 13.0 mm cable diameter ? ? 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10
https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 7 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 accessories torque tool torque screwdriver?-?tsd 04 sac?-?1208429 torque screwdriver, with preset torque of 0.4 nm and 4 mm hexagonal drive for m12 connectors ? ? drawings schematic diagram m12 slot, socket, 4-pos. circuit diagram 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10
https://www.phoenixcontact.com/us/products/1680746 12/2/13???page? 8 ?/? 8 sensor/actuator box?-?sacb-6/ 6-l-sc npn?-?1680746 dimensioned drawing ? phoenix contact 2013 - all rights reserved http://www.phoenixcontact.com 3 4 1 5 2/4 3 42 1 3 42 1 3 42 1 3 42 1 3 42 1 2/2 1/4 1/2 0v 8/4 8/2 9/4 9/2 10/4 10/2 u n 1 2 8 9 10


▲Up To Search▲   

 
Price & Availability of 1680746

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X