Part Number Hot Search : 
2SC3365 0LD063M0 02003 STA350BW SDB5100D LG2640 78K01T PT27214
Product Description
Full Text Search
 

To Download 1067296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet lutm-un81162p lutm luminescence sensors
a b c d e f h i j k l m n o p q r s t lutm-un81162p | lutm luminescence sensors ordering information type part no. lutm-un81162p 1067296 other models and accessories www.sick.com/lutm detailed technical data features dimensions (w?x h?x d) 12?mm?x 31.5?mm?x 21?mm sensing distance 12.5?mm? 1) housing design (light emission) rectangular working range 8?mm?... 20?mm light source led, ultraviolet light? 2) wave length 370?nm light emission long side light spot size 2?mm?x 2.5?mm? 3) light spot direction vertical receiving range 450?nm?... 750?nm adjustment teach-in button teach-in mode 2-point teach-in static/dynamic output function light/dark switching? 4) 1) ?from front edge of lens. 2) ?average service life: 100,000?h at t u ?= +25?c. 3) ?at?sensing distance. 4) ?l/d switching via teach-in. mechanics/electronics supply voltage 12?v?dc?... 24?v?dc? 1) 1) ?limit values: dc 12?v (C10 %)?... dc 24?v (+20 %). operation in short-circuit protected network max . 8?a. 2) ?may not exceed or fall below u v tolerances. 3) ?without load. 4) ?with light/dark ratio 1:1. 5) ?signal transit time with resistive load. 6) ?at supply voltage > 24?v, i max ?= 30?ma. i max is consumption count of all q n . 2 registration sensors | sick online data sheet | 2018-07-08 09:57:24 subject to change without notice
lutm-un81162p | lutm luminescence sensors ripple ?5?v pp ? 2) power consumption ?50?ma? 3) switching frequency 6?khz? 4) response time 80?s? 5) jitter 40?s switching output npn switching output (voltage) npn: high?= approx.?v s ?/ low 2?v switching output light/dark switching output current i max. 24?v, i max ?= 30?ma. i max is consumption count of all q n . ambient data ambient operating temperature C10?c?... +55?c ambient storage temperature C20?c?... +75?c shock load according to iec?60068 ul file no. nrkh.e348498 & nrkh7.e348498 classifications ecl@ss 5.0 27270908 ecl@ss 5.1.4 27270908 ecl@ss 6.0 27270908 ecl@ss 6.2 27270908 ecl@ss 7.0 27270908 ecl@ss 8.0 27270908 ecl@ss 8.1 27270908 ecl@ss 9.0 27270908 etim 5.0 ec001822 etim 6.0 ec001822 unspsc 16.0901 39121528 2018-07-08 09:57:24 | online data sheet subject to change without notice registration sensors | sick 3
a b c d e f h i j k l m n o p q r s t lutm-un81162p | lutm luminescence sensors dimensional drawing (dimensions in mm (inch)) 9 (0.35) 9.7 (0.38) 21 (0.83) 31.5 (1.24) 28.5 (1.12) 25.4 (1.00) 0.5 (0.02) 0.5 (0.02) 3 (0.12) 18.3 (0.72) 9.9 (0.39) 0.9 (0.04) 12 (0.47) 305 (12.01) 12 3 3 4 ??optical axis receiver ??optical axis sender ??m3 mounting hole ??cable with male connector adjustments 1 2 3 ??status indicator led, yellow: status switching output q ??led indicator green: supply voltage active ??teach-in button connection diagram cd-023 bn wh bk bu + (l+) 12 4 3 teach q ? (m) 4 registration sensors | sick online data sheet | 2018-07-08 09:57:24 subject to change without notice
lutm-un81162p | lutm luminescence sensors concept of operation setting the switching threshold (dynamic) press the teach-in button and keep it pressed. led flashing slowly. 1. position background keep the teach-in button > 3 < 30 s pressed. 2. move at least the fluorecent mark and background using the light spot. release the teach-in button. yellow led will illuminate, when emitted light is on the fluorecent mark. switching characteristics static teach-in: light/dark setting is defined using teach-in sequence. dynamic teach-in: switching output active on fluorecent mark, if background is longer in the field of view during the teach-in. the switching threshold is set automatically between the background and the mar k. teach-in can also be performed using an external control signal (only dynamic teach-in). keylock activation and deactivation: hold down teach-in button > 30 s. teach-in failure: yellow led indicator and the transmitted light of the sensor flashing quickly. for dynamic teach-in with et signal (5 hz) via switching output q. sensitivity setting t signal strength mark signal 1st press of button switching threshold background signal 2nd press of button setting the switching threshold (static) press and hold teach-in button > 1 < 3 s. yellow led flashes slowly. 1. position fluorecent mark press and hold teach-in button < 3 s. yellow led goes out. 2. position background 2018-07-08 09:57:24 | online data sheet subject to change without notice registration sensors | sick 5
a b c d e f h i j k l m n o p q r s t lutm-un81162p | lutm luminescence sensors characteristic curve 5 (0.20) 0 10 (0.39) 15 (0.59) 20 (0.79) 25 (0.89) 0 % 20 % 40 % 60 % 80 % 100 % 120 % sensing distance in mm (inch) relative sensitivity in % recommended accessories other models and accessories www.sick.com/lutm brief description type part no. universal bar clamp systems universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard- ware bef-khs-kh1 2022726 plate l for universal clamp bracket, steel, zinc coated, universal clamp (2022726), mounting hardware bef-khs-l01 2023057 plate n08 for universal clamp bracket, zinc plated steel (sheet), zinc die cast (clam ping bracket), universal clamp (5322626), mounting hardware bef-khs-n08 2051607 plate n08n for universal clamp bracket, stainless steel 1.4571?(sheet), stainless steel 1.4408?(clamp), universal clamp (5322626), mounting hardware bef-khs-n08n 2051616 mounting bar, straight, 200?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-a 4056054 mounting bar, straight, 300?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-b 4056055 mounting bar, l-shaped, 150?mm?x 150?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-a 4056052 mounting bar, l-shaped, 250?x 250?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-b 4056053 6 registration sensors | sick online data sheet | 2018-07-08 09:57:24 subject to change without notice
lutm-un81162p | lutm luminescence sensors brief description type part no. device protection (mechanical) stainless steel 1.4301?(svs 304), 3?mm thick protective sleeve for g6, stainless steel 1.4301, mounting hardware included bef-sg-g6-01 2069044 mounting brackets and plates mounting bracket for wall mounting, stainless steel, mounting hardware included bef-w100-a 5311520 mounting bracket for floor mounting, steel, zinc coated, mounting hardware included bef-w100-b 5311521 mounting bracket for w100 with specific bore-hole arrangements, steel, zinc coated bef-wn-w100-s01 4073866 adapter plate kt3 to ktm, steel, zinc coated, fastening screws included bef-ap-ktms01 2068786 plug connectors and cables head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 2?m yf2a14-020vb3xleax 2096234 head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 5?m yf2a14-050vb3xleax 2096235 head a: female connector, m12, 4-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 2?m yg2a14-020vb3xleax 2095895 head a: female connector, m12, 4-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 5?m yg2a14-050vb3xleax 2095897 head a: female connector, m12, 4-pin, straight head b: - cable: unshielded dos-1204-g 6007302 head a: female connector, m12, 4-pin, angled head b: - cable: unshielded dos-1204-w 6007303 2018-07-08 09:57:24 | online data sheet subject to change without notice registration sensors | sick 7
online data sheet sick ag | waldkirch | germany | www.sick.com sick at a glance sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica- tions. a unique range of products and services creates the perfect basis for controlling processes securely and eficiently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require- ments. with intelligent sensors, we can deliver exactly what our customers need. in application cent ers in europe, asia and north america, system solutions are tested and optimized in accordance with custome r speciications. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick lifetime services provide support throughout the ma- chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. worldwide presence: contacts and other locations www.sick.com


▲Up To Search▲   

 
Price & Availability of 1067296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X