Part Number Hot Search : 
SP8401 3100L U110B 1N4732 HA1377 TEA1101 8F800 8F800
Product Description
Full Text Search
 

To Download 1028075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/pi/products/1028075 02/28/2019???page? 1 ?/? 4 distribution block?-?ptfix 2x2,5 vt?-?1028075 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) distribution block, basic terminal block, nom. voltage: 450 v, nominal current: 24 a, connection method: push-in connection, number of connections: 2, cross section: 0.14 mm2?-?4 mm2, awg:?26?-?12, width: 5.2 mm, height: 21.7 mm, color: violet, mounting type: for snapping onto a din rail adapter your advantages ?time-saving conductor connection, thanks to tool-free push-in direct connection technology ?clear wiring, thanks to eleven different color variants ?flexible use, thanks to din rail mounting, direct mounting or adhesive mounting ?space savings of up to 50% on the din rail, thanks to transverse mounting key commercial data packing unit 50 pc minimum order quantity 50 pc gtin gtin 4055626524870 technical data general number of levels 1 number of connections 2 potentials 1 nominal cross section 2.5 mm2 color violet insulating material pa flammability rating according to ul 94 v0 rated surge voltage 6 kv degree of pollution 3 overvoltage category iii insulating material group i
https://www.phoenixcontact.com/pi/products/1028075 02/28/2019???page? 2 ?/? 4 distribution block?-?ptfix 2x2,5 vt?-?1028075 technical data general maximum power dissipation for nominal condition 0.77 w maximum load current 32 a maximum total current 48 a nominal current i n 24 a nominal voltage u n 450 v open side panel no dimensions width 5.2 mm length 28.6 mm height 21.7 mm connection data connection method push-in connection connection in acc. with standard iec 60998-2-2 conductor cross section solid min. 0.14 mm2 conductor cross section solid max. 4 mm2 conductor cross section awg min. 26 conductor cross section awg max. 12 conductor cross section flexible min. 0.14 mm2 conductor cross section flexible max. 2.5 mm2 min. awg conductor cross section, flexible 26 max. awg conductor cross section, flexible 12 conductor cross section flexible, with ferrule without plastic sleeve min. 0.14 mm2 conductor cross section flexible, with ferrule without plastic sleeve max. 2.5 mm2 conductor cross section flexible, with ferrule with plastic sleeve min. 0.14 mm2 conductor cross section flexible, with ferrule with plastic sleeve max. 2.5 mm2 stripping length 8 mm ... 10 mm internal cylindrical gage a3 standards and regulations connection in acc. with standard iec 60998-2-2 flammability rating according to ul 94 v0 environmental product compliance china rohs environmentally friendly use period: unlimited = efup-e no hazardous substances above threshold values drawings circuit diagram
https://www.phoenixcontact.com/pi/products/1028075 02/28/2019???page? 3 ?/? 4 distribution block?-?ptfix 2x2,5 vt?-?1028075 approvals approvals approvals dnv gl / csa / ul recognized / cul recognized / eac / culus recognized ex approvals approval details dnv gl? ? ? http://exchange.dnv.com/tari/ ?tae00002tt ? ? nominal voltage un 500 v nominal current in 24 a csa? ? ? http://www.csagroup.org/services-industries/product-listing/ ?13631 ? d b c nominal voltage un 600 v 300 v 300 v nominal current in 5 a 20 a 20 a mm2/awg/kcmil 26-12 26-12 26-12 ul recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 60425 ? d b c nominal voltage un 600 v 300 v 300 v nominal current in 5 a 20 a 20 a mm2/awg/kcmil 26-12 26-12 26-12 cul recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 60425 ? d b c nominal voltage un 600 v 300 v 300 v nominal current in 5 a 20 a 20 a mm2/awg/kcmil 26-12 26-12 26-12
https://www.phoenixcontact.com/pi/products/1028075 02/28/2019???page? 4 ?/? 4 distribution block?-?ptfix 2x2,5 vt?-?1028075 approvals eac? ? ? ?ru c- de.ai30.b.01102 culus recognized? ? ? ? phoenix contact 2019 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 1028075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X