Part Number Hot Search : 
BCM4712 DNT90C SSH4N70 WS256 A1521 PE3388 1KSMB47A PF3506
Product Description
Full Text Search
 

To Download 1028067 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/pi/products/1028067 02/28/2019???page? 1 ?/? 6 distribution block?-?ptfix 2x2,5 gy?-?1028067 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) distribution block, basic terminal block, nom. voltage: 450 v, nominal current: 24 a, connection method: push-in connection, number of connections: 2, cross section: 0.14 mm2?-?4 mm2, awg:?26?-?12, width: 5.2 mm, height: 21.7 mm, color: gray, mounting type: for snapping onto a din rail adapter your advantages ?time-saving conductor connection, thanks to tool-free push-in direct connection technology ?clear wiring, thanks to eleven different color variants ?flexible use, thanks to din rail mounting, direct mounting or adhesive mounting ?space savings of up to 50% on the din rail, thanks to transverse mounting key commercial data packing unit 50 pc minimum order quantity 50 pc gtin gtin 4055626524269 technical data general number of levels 1 number of connections 2 potentials 1 nominal cross section 2.5 mm2 color gray insulating material pa flammability rating according to ul 94 v0 rated surge voltage 6 kv degree of pollution 3 overvoltage category iii insulating material group i
https://www.phoenixcontact.com/pi/products/1028067 02/28/2019???page? 2 ?/? 6 distribution block?-?ptfix 2x2,5 gy?-?1028067 technical data general maximum power dissipation for nominal condition 0.77 w maximum load current 32 a maximum total current 48 a nominal current i n 24 a nominal voltage u n 450 v open side panel no shock protection test specification din en 50274 (vde 0660-514):2002-11 back of the hand protection guaranteed finger protection guaranteed result of surge voltage test test passed surge voltage test setpoint 9.8 kv result of power-frequency withstand voltage test test passed power frequency withstand voltage setpoint 1.89 kv result of the test for mechanical stability of terminal points (5 x conductor connection) test passed result of bending test test passed bending test rotation speed 10 rpm bending test turns 135 bending test conductor cross section/weight 0.14 mm2 / 0.2 kg 2.5 mm2 / 0.7 kg 4 mm2 / 0.9 kg tensile test result test passed conductor cross section tensile test 0.14 mm2 tractive force setpoint 10 n conductor cross section tensile test 2.5 mm2 tractive force setpoint 50 n conductor cross section tensile test 4 mm2 tractive force setpoint 60 n result of tight fit on support test passed tight fit on carrier ns 35 setpoint 1 n result of voltage-drop test test passed requirements, voltage drop 3.2 mv result of temperature-rise test test passed short circuit stability result test passed conductor cross section short circuit testing 2.5 mm2 short-time current 0.3 ka conductor cross section short circuit testing 4 mm2 short-time current 0.48 ka result of thermal test test passed ageing test for screwless modular terminal block temperature cycles 192
https://www.phoenixcontact.com/pi/products/1028067 02/28/2019???page? 3 ?/? 6 distribution block?-?ptfix 2x2,5 gy?-?1028067 technical data general proof of thermal characteristics (needle flame) effective duration 30 s result of aging test test passed oscillation, broadband noise test result test passed test specification, oscillation, broadband noise din en 50155 (vde 0115-200):2008-03 test spectrum service life test category 2, bogie-mounted test frequency f 1 = 5 hz to f 2 = 250 hz asd level 6.12 (m/s 2 ) 2 /hz acceleration 3.12 g test duration per axis 5 h test directions x-, y- and z-axis shock test result test passed test specification, shock test din en 50155 (vde 0115-200):2008-03 shock form half-sine acceleration 30g shock duration 18 ms number of shocks per direction 3 test directions x-, y- and z-axis (pos. and neg.) relative insulation material temperature index (elec., ul 746 b) 130 c temperature index of insulation material (din en 60216-1 (vde 0304-21)) 130 c static insulating material application in cold -60 c behavior in fire for rail vehicles (din 5510-2) test passed flame test method (din en 60695-11-10) v0 oxygen index (din en iso 4589-2) >32 % nf f16-101, nf f10-102 class i 2 nf f16-101, nf f10-102 class f 2 surface flammability nfpa 130 (astm e 162) passed specific optical density of smoke nfpa 130 (astm e 662) passed smoke gas toxicity nfpa 130 (smp 800c) passed calorimetric heat release nfpa 130 (astm e 1354) 28 mj/kg fire protection for rail vehicles (din en 45545-2) r22 hl 1 - hl 3 fire protection for rail vehicles (din en 45545-2) r23 hl 1 - hl 3 fire protection for rail vehicles (din en 45545-2) r24 hl 1 - hl 3 fire protection for rail vehicles (din en 45545-2) r26 hl 1 - hl 3 dimensions width 5.2 mm length 28.6 mm height 21.7 mm connection data connection method push-in connection
https://www.phoenixcontact.com/pi/products/1028067 02/28/2019???page? 4 ?/? 6 distribution block?-?ptfix 2x2,5 gy?-?1028067 technical data connection data connection in acc. with standard iec 60998-2-2 conductor cross section solid min. 0.14 mm2 conductor cross section solid max. 4 mm2 conductor cross section awg min. 26 conductor cross section awg max. 12 conductor cross section flexible min. 0.14 mm2 conductor cross section flexible max. 2.5 mm2 min. awg conductor cross section, flexible 26 max. awg conductor cross section, flexible 12 conductor cross section flexible, with ferrule without plastic sleeve min. 0.14 mm2 conductor cross section flexible, with ferrule without plastic sleeve max. 2.5 mm2 conductor cross section flexible, with ferrule with plastic sleeve min. 0.14 mm2 conductor cross section flexible, with ferrule with plastic sleeve max. 2.5 mm2 stripping length 8 mm ... 10 mm internal cylindrical gage a3 standards and regulations connection in acc. with standard iec 60998-2-2 flammability rating according to ul 94 v0 fire protection for rail vehicles (din en 45545-2) r22 hl 1 - hl 3 fire protection for rail vehicles (din en 45545-2) r23 hl 1 - hl 3 fire protection for rail vehicles (din en 45545-2) r24 hl 1 - hl 3 fire protection for rail vehicles (din en 45545-2) r26 hl 1 - hl 3 environmental product compliance china rohs environmentally friendly use period: unlimited = efup-e no hazardous substances above threshold values drawings circuit diagram approvals approvals approvals dnv gl / csa / ul recognized / cul recognized / eac / culus recognized
https://www.phoenixcontact.com/pi/products/1028067 02/28/2019???page? 5 ?/? 6 distribution block?-?ptfix 2x2,5 gy?-?1028067 approvals ex approvals approval details dnv gl? ? ? http://exchange.dnv.com/tari/ ?tae00002tt ? ? nominal voltage un 500 v nominal current in 24 a csa? ? ? http://www.csagroup.org/services-industries/product-listing/ ?13631 ? d b c nominal voltage un 600 v 300 v 300 v nominal current in 5 a 20 a 20 a mm2/awg/kcmil 26-12 26-12 26-12 ul recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 60425 ? d b c nominal voltage un 600 v 300 v 300 v nominal current in 5 a 20 a 20 a mm2/awg/kcmil 26-12 26-12 26-12 cul recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 60425 ? d b c nominal voltage un 600 v 300 v 300 v nominal current in 5 a 20 a 20 a mm2/awg/kcmil 26-12 26-12 26-12 eac? ? ? ?ru c- de.ai30.b.01102
https://www.phoenixcontact.com/pi/products/1028067 02/28/2019???page? 6 ?/? 6 distribution block?-?ptfix 2x2,5 gy?-?1028067 approvals culus recognized? ? ? ? phoenix contact 2019 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 1028067

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X