Part Number Hot Search : 
EPSA1 WM8950 T3324551 GMA8875C NJU6680 LC74751 PS8601 A7260
Product Description
Full Text Search
 

To Download 08070000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  littelfuse.com commercial vehicle product datasheet 1 of 2 08070000 & 08094270 battery disconnect switches 250a ? spst ? ip65/ip67-9k ? m10 studs ? electrical bistable remote control specifcations max operating voltage: 12v dc 24v dc max continuous current: 250a intermittent current: 2500a at 3 sec operating temp: -40 c to +85 c ingress protection: ip65: 08070000- 08070100 - 08070060 08070160 - 08094270 ip67-9k: 08070500 - 08070600 08070700-08070760 contacts: tin-plated brass or silver plated copper terminals: m10 (brass or stainless steel) applications ? heavy trucks ? commercial vehicles ? buses ? agricultural ? construction ? marine web resources download 2d print and technical resources at: littelfuse.com/manualbatteryswitches description in shape and design the current isolating switches with mechanical on-off position are very similar to the current isolating switches. but there is one difference: while traditional current isolating switches require a minimum current when they are turned on, models with mechanical on-off position absorb current only during the commuting phase or when switched from (off) to (on) and vice versa. generally referred to as bistable with zero consumption, their switches turn to closed or open state of the electric circuit. they are ideally suited for commercial vehicles and trucks, as well as for boats, etc. features/benefts ? 250a continuous current rating ? waterproof ip65/ipx7 mounting diagram part number voltage amperage circuitry mounting ingress terminal nuts image diagram notes 08070000 24v dc 250a spst bolt-down ip65 m10 tin-plated brass a 1 08070060 24v dc 250a spst bolt-down ip65 m10 tin-plated brass b 2 command switch 08070100 12v dc 250a spst bolt-down ip65 m10 tin-plated brass a 1 08070160 12v dc 250a spst bolt-down ip65 m10 tin-plated brass b 2 command switch 08094270 24v dc 250a spst bolt-down ip65 m10 tin-plated brass c 3 male connector 08070500 12-24v dc 250a spst bolt-down ip67-9k m10 silver-plated copper d 4 positive disconnection 08070600 12-24v dc 250a spst bolt-down ip67-9k m10 silver-plated copper d 5 negative disconnection 08070700 12-24v dc 250a spst bolt-down ip67-9k m10 silver-plated copper e prog. cut-off voltage 08070760 12-24v dc 250a spst bolt-down ip67-9k m10 silver-plated copper e prog. cut-off voltage kit 1 2 3 4 l oad gnd s 1 on - o ff + - b a tter y o f f o n tg c /r me - ms 3 ( - ) bat tery p os it ive = l oad p os itiv e bat tery nega ti ve bat tery p os it ive o pe n /cl o s e c md s u ppl y ( +) po s d e l ay s e l 8 8 88a fl oat bat tery p os it ive bat tery nega ti ve de lay = 0sec de lay = 30s e c de lay = 300s e c tg c /r me - ms 3 ( +) 1 2 3 4 l oad o pe n /cl o s e l oad p os itive s 1 on - o ff + - b a tter y o f f o n bat tery p os it ive bat tery nega ti ve = g nd bat tery nega ti ve c md s u ppl y ( +) n e g d e l ay s e l 8 8 88a fl oat bat tery p os it ive bat tery nega ti ve de lay = 0sec de lay = 30s e c de lay = 300s e c a d b e c 1 2 4 3 5 ordering information electrical diagram all the range disconnection separate coil feeding littelfuse.com commercial vehicle product datasheet ? 2017 littelfuse commercial vehicle products rev:072817
littelfuse.com commercial vehicle product datasheet 2 of 2 dimensions in millimeters 08070000 & 08094270 battery disconnect switches visit littelfuse.com for the most up-to-date product information. littelfuse reserves the right to make product changes, without notice. material in this document is as accurate as known at the time of publication. m10 m12 08070000 - 08070100 - 08094270 08070060 - 08070160 08070500 - 08070600 08070700 - 08070760 littelfuse.com commercial vehicle product datasheet ? 2017 littelfuse commercial vehicle products rev:072817


▲Up To Search▲   

 
Price & Availability of 08070000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X