Part Number Hot Search : 
SM5032C MMSZ5241 CSC2313F TIL31 MG300 MIC706R CXD2401R LTC1434C
Product Description
Full Text Search
 

To Download 0445200005-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 02/26/2018 please check www.molex.com for latest part information part number: 0445200005 status: active overview: magnetic and modular jacks and plugs description: modular jack, right angle, shielded, stacked, 8/8, 12 ports documents: 3d model product specification ts-44170-001-001 (pdf) drawing (pdf) packaging specification pk-44520-003-001 (pdf) product specification ps-44050-003 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 44520 comments high speed|multi-port component type pcb jack data load status data bulk loaded from saqqara made from 0442120005, 0443050002, 0445201005 magnetic no overview magnetic and modular jacks and plugs performance category 5, 5e power over ethernet (poe) n/a product name modular jack 8/8, rj45 upc 800753265257 physical color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch yes jack height 25.41mm lightpipes/leds none material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester net weight 66.536/g orientation right angle (side entry) pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 1.02mm pitch - termination interface 1.27mm plating min - mating 1.270m plating min - termination 2.540m ports 12 positions / loaded contacts 8/8 surface mount compatible (smc) no temperature range - operating -40c to +80c termination interface: style through hole wire/cable type n/a electrical current - maximum per contact 1.5a series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 44520 series mates with fcc 68 plugs
shielded yes voltage - maximum 125v solder process data duration at max. process temperature (seconds) 005 lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-44520-003-001 product specification ps-44050-003, ts-44170-001-001 sales drawing sd-44520-001 this document was generated on 02/26/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0445200005-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X