Part Number Hot Search : 
AN79N15 LL103A PD70F SP5521 APAMP WR303 1660C 00104
Product Description
Full Text Search
 

To Download UGP10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * high temperature metallurgically bonded construction * glass passivated chip * capable of meeting environmental standards of mil-s-19500 * 1.0 a operation at ta=55 c with no thermal runaway * for use in high frequency rectifier circuits * ultrafast recovery time for high efficiency * typical ir less than 0.1 a * high temperature soldering guaranteed: 350 c/10 seconds * 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data we declare that the material of product compliance case : jedec do-41, molded plastic over glass diewith rohs requirements terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.011 oz., 0.284 g handling precautin :none 1.maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol ugp 10a ugp 10b ugp 10d ugp 10f ugp 10g ugp 10j ugp 10k unit making ugp 10a ugp 10b ugp 10d ugp 10f ugp 10g ugp 10j ugp 10k maximum repetitive peak reverse voltage v rrm 50100200 300 400600 800v maximum rsm voltage v rsm 3570140210280420560 v maximum dc blocking voltage v dc 50100200300400600800 v maximum average forward rectified current 0.375" (9.5mm) lead length at t a = 55 c if(av) a peak forward surge current 8.3ms single half sine- wave superimposed on rated load (jedec method) i fsm a maximum full load reverse current, full cycle average,0.375"(9.5mm) lead lengths at t a = 55 c ir(av) a typical thermal resistance (note 2) r ja c/w operating junction and storage temperature range tj, tstg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol ugp 10a ugp 10b ugp 10d ugp 10f ugp 10g ugp 10j ugp 10k unit maximum instantaneous forward voltage at 1.0a v f 1.72.2v maximum dc reverse current ta = 25 c at rated dc blocking voltage ta = 125 c ir a typical reverse recovery time (note 1) trrns typical junction capacitance at 4.0v, 1mhz cjpf notes: 1. if = 0.5a, ir = 1.0a, irr = 0.25a 2. thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted UGP10A thru ugp10k glass passivated junction uitra fast rectifiers reverse voltage 50 to 800v forward current 1.0a C 50 to +150 55 15 1.25 35 5.0 100 0.95 1.0 30 100
2.ratings and characteristic curves ( ta = 25 c unless otherwise noted ) UGP10A thru ugp10k fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 5. C typical transient thermal impedance fig 6. C typical junction capacitance a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) j u n c t i o n c a p a c i t a n c e ( p f ) 0 25 50 75 100 125 150 175 1 10 100 0.8 1.0 1.2 1.4 1.6 1.80 20 40 60 80 100 0.1 1 10 100 20 10 1.0 10 1.0 0.1 0.01 0.001 10 1.0 0.1 0.01 100 1.0 0.5 0 50 40 30 20 10 0 60 hz resistive or inductive load 0.375" (9.5mm) lead length tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c pulse width = 300 s 1% duty cycle tj = 25 c f = 1.0 mhz vsig = 50mvp-p ambient temperature, c number of cycles at 60hz instantaneous forward voltage (v)percent of rated peak reverse voltage (%) reverse voltage (v) tj=125 tj=75 tj=25 C C c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec
3. dimension: UGP10A thru ugp10k
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension ?? ???? ???Z ? ?? green
4. update record 1 2 ??Z? 2011-8-28 ?? 2010-12-28 UGP10A thru ugp10k ???


▲Up To Search▲   

 
Price & Availability of UGP10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X