Part Number Hot Search : 
FSUSB11 43860 FESF16BT EM91210C 1412D P2309 1N3802B CAT51
Product Description
Full Text Search
 

To Download TJ232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 1 - htc descrip t ion the TJ232ed is purposed for application in high - performance information processing systems and control devices of wide application. input voltage levels are compatible with standard cmos levels. features ? output voltage levels are compatible with input levels of c - mos, n - mos and ttl integrated circuits. ? meets all eia/tia - 232e and v.28/v.24 specifications ? supply voltage range from 4.5 to 5.5 v ? low input c urrent : 1.0ua; 0.1ua at t=25 ? output current 24ma ? tolerable value of static potential not less than 2000v truth table input s outpu ts r in , t in r out , t out l h h l note - h: high voltage level l: low voltage level sop - 16
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 2 - htc ordering information package oder no. description marking compliance status sop - 16 TJ232ed interface transceiver of rs - 232 TJ232e rohs, green active 2 3 2 t j p a c k a g e t y p e r o o t n a m e p r o d u c t c o d e t a - e : - 4 0 ~ 8 5 - d : s o p - 1 6
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 3 - htc absolute maximum ratings characteristic symbol min max unit supply voltage v cc - 0.3 6.0 v transmitter high output voltage v+ vcc - 0.3 14 v transmitter low output voltage v - - 0.3 - 14 v transmitter input voltage v tin - 0.3 v+ + 0.3 v receiver input voltage v rin - 30 30 v dissipated power p d - 762 mw output current of transmitter short circuit i sc - continuously ma storage temperature range t stg - 65 150 operating ratings characteristic symbol min max unit supply voltage v cc 4.5 5.5 v transmitter high output voltage v+ 5.0 - v transmitter low output voltage v - - 5.0 - v transmitter input voltage v tin 0 v cc v receiver input voltage v rin - 30 30 v output current of transmitter short circuit i sc - 60 ma ambient temperature range t a - 40 +8 5
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 4 - htc pin configuration pin description pin no. symbol pin name 1 c1+ output of external capacitance of positive voltage multiplier unit 2 v+ output of positive voltage of multiplier unit 3 c1 output of external capacitance of positive voltage multiplier unit 4 c2+ output of external capacitance of negative voltage multiplier unit 5 c2 - output of external capacitance of negative voltage multiplier unit 6 v - output of negative voltage of multiplier unit 7 t2 out output of transmitter data (levels rs - 232) 8 r2 in input of receiver data (levels rs - 232) 9 r2 out output of receiver data (levels ttl/ c mos) 10 t2 in input of transmitter data (levels ttl/ c mos) 11 t1 in input of transmitter data ( levels ttl/ c mos) 12 r1 out outpu t of receiver data (levels ttl/ c mos) 13 r1 in input of receiver data (levels rs - 232) 14 t1 out output of transmitter data (levels rs - 232) 15 gnd common output 16 v cc supply output of voltage source 0 8 0 1 0 4 0 2 0 3 0 7 0 5 0 6 0 9 1 6 1 3 1 5 1 4 1 0 1 2 1 1 c 1 + v + c 1 - c 2 + c 2 - v - t 2 o u t r 2 i n v c c g n d t 1 o u t r 1 i n r 1 o u t t 1 i n t 2 i n r 2 o u t t j 2 3 2 e d
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 5 - htc typical application circuit c 1 + c 1 - c 2 + c 2 - v c c g n d v + v - 1 3 4 5 1 1 1 0 1 2 9 1 4 7 1 3 8 2 6 1 . 0 u f + + + + + 1 . 0 u f 1 . 0 u f 1 . 0 u f 1 . 0 u f 5 v t t l / c m o s i n p u t t t l / c m o s o u t p u t r s - 2 3 2 o u t p u t r s - 2 3 2 i n p u t 5 k 5 k
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 6 - htc static parameters parameter symbol conditions rate units 25 - 40 ~ 8 5 min max min max supply current i cc v cc = 5.5v v il = 0v - 10. 0 - 14.0 ma receiver electrical parameters hysteresis voltage v h v cc = 5.0v 0.2 0.9 0.2 1.0 v on(operation) voltage v on v o ol off v o cc - 0.1v i oh ol i l = 3.2ma v cc = 4.5v v ih = 2.4v - 0.3 - 0.4 v output high voltage v oh i oh = - 1.0ma v cc = 4.5v v il = 0.8v 3.6 - 3.5 - v input resistance r i v cc = 5.0v 3.0 7.0 3.0 7.0 k transmitter electrical parameters output low voltage v ol v cc = 4.5v v ih = 2.0v r l = 3.0k oh v cc = 4.5v v il = 0.8v r l = 3.0k il v cc = 5.5v v il = 0v - - 1.0 - - 10.0 ua input high current i ih v cc = 5.5v v ih = v cc - 1.0 - 10.0 ua speed of output front charge sr v cc = 5.0v c l = 50 - 1000pf r l = 3.0 - 7.0k o v cc = v+ = v - = 0v v o = 2v 350 - 3 0 0 - sc v cc = 5.5v v o = 0v v i = v cc - - 50 - - 60 ma v i = 0 - 50 - 60 speed of information transmission st v cc = 4.5 v c l = 1000pf r l = 3.0k w = 7us (for extreme , t w = 8us) 140 - 120 - kbit/s
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 7 - htc dynamic parameters parameter symbol conditions rate units 25 - 40 ~ 8 5 min max min max signal propagation delay time when switching on (off) t phlr (t plhr ) v cc = 4.5v c l = 150pf v il = 0v v ih = 3.0v t lh = t hl 10ns - 9.7 - 10 us signal propagation delay time when switching on (off) t phlt (t plht ) v cc = 4.5v c l = 2500pf v il = 0v v ih = 3.0v r l = 3k t lh = t hl 10ns - 5.0 - 6.0 us capacitance parameter symbol vcc [v] rate unit input capacitance c in 5.0 9.0 pf dynamic capacitance c pd 5.0 90 pf
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 8 - htc timing diagram figure 1 . t phl and t plh waveforms of receiver figure 2 . t phl and t plh waveforms of transmitter 1 . 5 v 1 . 5 v 0 . 5 v c c 0 . 5 v c c t p h l r t p l h r r i n r o u t + 3 v 0 v v o h v o l 1 0 % 9 0 % 1 0 n s 9 0 % 1 0 % 1 0 n s 1 . 5 v 1 . 5 v t p h l t t p l h t t i n t o u t + 3 v 0 v v o h v o l 1 . 5 v 1 . 5 v 1 0 % 9 0 % 1 0 n s 9 0 % 1 0 % 1 0 n s
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 9 - htc figure 3 . t slh and t shl waveforms of transmitter t s l h t s h l + 3 v + 3 v - 3 v - 3 v t i n t o u t 9 0 % 1 0 % 1 0 n s 1 0 % 9 0 % 1 0 n s
interface transceiver of rs - 232 standard with one supply voltage TJ232 oct . 2015 _ preliminary - 10 - htc preliminary revision notice the information in this datasheet can be revised without any notice.


▲Up To Search▲   

 
Price & Availability of TJ232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X