Part Number Hot Search : 
BSP090 DWR2G ZFMG14C T1206CS M8085AH F4116 74VHC1G V614ME07
Product Description
Full Text Search
 

To Download STDA100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stda 10 0 series 10 0w desktop power supply for i.t. equipment C wide input voltage 90 to 260 vac, 47 to 63hz C active power factor correction C iec - 320 - c14 input inlet C output voltage available from 11vdc thru 48vdc C single output C class i insulation C input surge current, over voltage, over load and output voltage protection. C cec level v, energy star 2.0, and rohs compliance 2 year warranty approvals: single output product number output voltage max. output current total regulation maximum output power STDA100 - s05 11 ~ 13 vdc 9.09 ~ 7.69 a 5% 100w STDA100 - s06 13 ~ 16 vdc 7.69 ~ 6.25 a 4% 100w STDA100 - s07 16 ~ 21 vdc 6.25 ~ 4.76 a 4% 100w STDA100 - s08 21 ~ 27 vdc 4.76 ~ 3.70 a 4% 100w STDA100 - s09 27 ~ 33 vdc 3.70 ~ 3.03 a 3% 100w STDA100 - s10 33 ~ 40 vdc 3.00 ~ 2.50 a 3% 100w STDA100 - s11 40 ~ 48 vdc 2.50 ~ 2.08 a 3% 100w total regulation is conditioned by below configuration the total regulation on each model is required to use awg#183c+ awg#16 3c/4ft output cable. electrical characteristics parameter test conditions min. typ. max. unit input voltage operating voltage 90 26 0 vac input frequency 47 63 hz power factor correction io=full load, vin= 230 vac 0.95 1.00 output power range vin=90 to 26 0 vac 0 10 0 w input current (low line) io=full load, vin=11 5 vac 1. 35 a input current (high line) io=full load, vin=2 3 0vac 0. 5 a low line inrush current io=full load, 25c ,cool start, vin=115vac 4 4 50 a high line inrush current io=full load, 25c, cool start, vin=230vac 8 5 100 a efficiency io=full load, vin=230vac 87 90 % line regulation io=full load 0.5 1 % load regulation vin=230vac 3 5 % over voltage protection 112 132 % over current protection 110 150 % transient response io=full load to half load, vin=100vac 4 ms hold - up time io=full load, vin=110vac 1 2 ms start up time io=full load, vin=100vac 0.3 1 .5 2 s ripple & noise (peak to peak) full load, vin=90vac 0.5 1 % safety ground leakage current io=full load, vin=240vac /60hz 0.5 0.75 ma temperature coefficient all output - 0.04 0.04 %/c
conditions parameter test conditions min. typ. max. unit operating temperature 0 4 0 70 c storage temperature - 40 85 c relative humidity 5 95 % operation temperature at 25 c , calculated per mil - hdbk - 217f 0.1m hrs der ate linearly from 100% load at 4 0c to 50% load at 70c approvals and compliance parameter test conditions min. unit dielectric withstanding voltage for primary to secondary primary to secondary 4242 vdc dielectric withstanding voltage for primary to ground primary to ground 2121 vdc isolation resistance test voltage = 21 00vdc 50 m emi requirements for cispr - 11 vin=2 3 0vac b class emi requirements for fcc part - 1 5 vin=1 2 0vac b class mechanical and pin out note: 1. dimensions are shown in mm & inch 2. weight: 490 ~ 670 g approx (exclude the input cord) 3. optional output connector.


▲Up To Search▲   

 
Price & Availability of STDA100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X