Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download SMF28CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient v oltage s uppressor smf5v0 ca-- smf170 ca sod603aa www. gmesemi .com rev. b production specification m aximum ratings (@t a = 25c unless otherwise specified) notes: 1. non - repetitive current pulse and derated above t a =25 c features ? for surface mounted applications ? low profile package ? low incremental surge resistance, excellent clamping capability ? 200w peak pulse power capability with a ? 10/1000 s wave from, repetition rate (duty cycle):0.01% ? high temperature soldering guaranteed: 260 /10 seconds, at terminals m echanical data ? case: s od - 123fl molded plastic ? molding compound, ul flammability classification rating 94v -0 ? polarity: color band denotes cathode end parameter symbol value units non - repetitive peak pulse power dissipation with a 10/1000s waveform (note 1) p ppm 200 w peak pulse current 10/1000 s wave from (note 1) i ppm see table1 a thermal resistance junction to ambient r j a 180 k/w operating temperature junction range t j - 55 --- +150 c storage temperature range t stg - 55 --- +150 c
transient v oltage s uppressor smf5v0 ca-- smf170 ca sod603aa www. gmesemi .com rev. b production specification electrical c haracteristics (@t a = 25c unless otherwise specified) type marking breakdown voltage v br @i t test current reverse standoff voltage max. reverse leakage@ v rwm max. peak pulse current max. clamping voltage @i pp v i t v rwm i r i pp v c min max m a v u a a v smf5v0ca aec 6.4 7 10 5 400 21.7 9.2 smf6v0ca agc 6.7 7.4 10 6 400 19.4 10.3 smf6v5ca akc 7.2 8 10 6.5 250 17.9 11.2 smf7v0ca amc 7.8 8.6 10 7 100 16.7 12 .0 smf7v5ca apc 8.3 9.2 1 7.5 50 15.5 12.9 smf8v0ca arc 8.9 9.8 1 8 25 14.7 13.6 smf8v5ca atc 9.4 10.4 1 8.5 10 13.9 14.4 smf9v0ca avc 10 11.1 1 9 5 13 .0 15.4 smf10ca axc 11.1 12.3 1 10 2.5 11.8 17 .0 smf11ca azc 12.2 13.5 1 11 2.5 11 18.2 smf12ca bec 13.3 14.7 1 12 2.5 10.1 19.9 smf13ca bgc 14.4 15.9 1 13 1 9.3 21.5 smf14ca bkc 15.6 17.2 1 14 1 8.6 23.2 smf15ca bmc 16.7 18.5 1 15 1 8.2 24.4 smf16ca bpc 17.8 19.7 1 16 1 7.7 26 .0 smf17ca brc 18.9 20.9 1 17 1 7.2 27.6 smf18ca btc 20 22.1 1 18 1 6.8 29.2 smf20ca bvc 22.2 24.5 1 20 1 6.2 32.4 smf22ca bxc 24.4 26.9 1 22 1 5.6 35.5 smf24ca bzc 26.7 29.5 1 24 1 5.1 38.9 smf26ca cec 28.9 31.9 1 26 1 4.8 42.1 SMF28CA cgc 31.1 34.4 1 28 1 4.4 45.4 smf30ca ckc 33.3 36.8 1 30 1 4.1 48.4 smf33ca cmc 36.7 40.6 1 33 1 3.8 53.3 smf36ca cpc 40 44.2 1 36 1 3.4 58.1 smf40ca crc 44.4 49.1 1 40 1 3.1 64.5 smf43ca ctc 47.8 52.8 1 43 1 2.9 69.4 smf45ca cvc 50 55.3 1 45 1 2.8 72.7 smf48ca cxc 53.3 58.9 1 48 1 2.6 77.4
transient v oltage s uppressor smf5v0 ca-- smf170 ca sod603aa www. gmesemi .com rev. b production specification type marking breakdown voltage v br @i t test current reverse standoff voltage max. reverse leakage@ v rwm max. peak pulse current max. clamping voltage @i pp v i t v rwm i r i pp v c min max m a v u a a v smf51ca czc 56.7 62.7 1 51 1 2.4 82.4 smf54ca dec 60 66.3 1 54 1 2.3 87.1 smf58ca dgc 64 71.2 1 58 1 2.1 93.6 smf60ca dkc 66.7 73.7 1 60 1 2.1 96.8 smf64ca dmc 71.1 78.6 1 64 1 1.9 103 smf70ca dpc 78.8 86 1 70 1 1.8 113 smf75ca drc 83.3 92.1 1 75 1 1.7 121 smf78ca dtc 86.7 95.8 1 78 1 1.6 126 smf85ca dvc 94.4 104 1 85 1 1.5 137 smf90ca dxc 100 111 1 90 1 1.4 146 smf100ca dzc 111 123 1 100 1 1.2 162 smf110ca eec 122 135 1 110 1 1.1 177 smf120ca egc 133 147 1 120 1 1.0 193 smf130ca ekc 144 159 1 130 1 1.0 209 smf150ca emc 167 185 1 150 1 0.8 243 smf160ca epc 178 197 1 160 1 0.8 259 smf170ca erc 189 209 1 170 1 0.7 275
transient v oltage s uppressor smf5v0 ca-- smf170 ca sod603aa www. gmesemi .com rev. b production specification ratings and characteristic curves (t a =25 c unless otherwise noted)
transient v oltage s uppressor smf5v0 ca-- smf170 ca sod603aa www. gmesemi .com rev. b production specification package outline dimensions (unit:mm) mounting pad layout (unit:mm) ordering information part no. package shipping smf5v0 ca- sm f170 ca sod - 123fl 10000/tape&reel


▲Up To Search▲   

 
Price & Availability of SMF28CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X