Part Number Hot Search : 
LC7215F AMS302T U30D20PT KBPC5010 5993A MM1093PD UPL34PT 1N4001
Product Description
Full Text Search
 

To Download SAS9311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for applications demanding high levels of storage connectivity, performance, and integrated raid support. sas 9311 hbas connect servers and appliances to internal and external storage, achieving over 1 million iops. overview the sas 9311 8 and 4-port, 12gb/s sas host bus adapter family provide increased connectivity and maximum performance for high-end servers and appliances within internal storage, or connecting to large scale storage enclosures. the sas 9311 hba family is based on the sas 3008 io controller, integrating the latest enhancements in sas and pci express ? technology. each host bus adapter also supports 8 or 4 sas ports operating at 12gb/s data transfer rates, and can reach over 1 million iops. the 9311 adapter family supports 8 pci express lanes that comply with the latest pci express 3.0 specifcations. in addition, these adapters are backwards compatible with previous sas and pcie generations through automatic negotiation, and provide sas data transfer rates of 12, 6, and 3 gb/s per lane, and sata data transfer rates of 6 and 3gb/s per lane. the sas 9311 adapter family ofers integrated raid (0, 1, 1e, and 10) support. due to simplifying the confguration options and ofering a ir frmware support for its 6gb/s sas host adapters, these integrated raid solutions provide a low cost option for the server or workstation market which requires the extra performance, storage capacity, and/or redundancy of a raid confguration. integrated raid ofers distinct performance and reliability advantages, including reduced cpu levels on your host computer, and also volumes that are os agnostic. the integrated raid solution includes the following raid features: ? the integrated mirroring solution, which provides features of raid 1 ? the integrated mirroring + striping solution, which provides features of raid 10 ? the integrated mirroring enhanced solution, which provides features of raid 1 ? the integrated striping solution, which provides features of raid 0 avago storage by lsi ? avago technologies products serve four primary target markets: wireless communications, wired infrastructure, enterprise storage, and industrial. avago storage by lsi ? ofers the industrys broadest portfolio of storage solutions, backed by decades of experience and trusted by the worlds leading server and storage suppliers. avago provides the building blocks for storage solutions that help customers understand, prioritize, store and protect critical data. the avago 12gb/s sas portfolio includes megaraid ? controller cards, host bus adapters (hbas), advanced software options, syncro ? shared das solutions and sas storage ics, including raid-on- chip (rocs), i/o controllers and expanders. key features eight/four ports of 12gb/s sas + sata ports eight lanes of pci express 3.0 low-profle form factor mini-sas hd connectors sas 3008 12gb/s sas+sata controller supports ssds, hdds, and tape drives ofers integrated raid (0, 1, 1e and 10) key advantages provides connectivity in a low-profle form factor 8 lanes of pci express 3.0 provides fast signaling for high bandwidth applications high performance with 12gb/s sas data transfer rates avago ? sas 9311 12gb/s sas host bus adapter family product brief
fusion-mpt ? architecture fusion-mpt architecture marks the next generation of i/o architecture designed to deliver the highest performance available today while reducing time to market, integration, and certifcation time. fusion-mpt devices are high performance, cost-efective protocol controllers that represent the newest system- level integration technology in intelligent i/o processors from avago. sas 9311-8i sas 9311-4i4e io controller sas 3008 fusion mpt 2.5 sas 3008 fusion mpt 2.5 port count 8 port, internal 4 port ext/4 port int connectors mini sas hd sff8643 two (x4) mini sas hd sff8644 one (x4), sff8643 one (x4) storage connectivity data transfer rates 12gb/s sas 3.0 compliant 12gb/s sas 3.0 compliant sas bandwidth half duplex (x8 wide bus) 9600 mb/s half duplex (x8 wide bus) 9600 mb/s port confgurations 8 ea, x1 ports (individual drives) 2 ea, x4 wide port 8 ea, x1 ports (individual drives) 2 ea, x4 wide port host bus x8 lane, pcie 3.0 x8 lane, pcie 3.0 pci data burst transfer rates half duplex x8, pcie 3.0, 8000 mb/s half duplex x8, pcie 3.0, 8000 mb/s form factor low profle low profle physical dimensions 2.6 x 6.0 2.6 x 6.0 brackets full height and low profle vented full height and low profle vented cable support passive copper passive copper active optical (ext only) operating voltage +12v +/-8%; 3.3v +/-9% +12v +/-8%; 3.3v +/-9% led management reference sff-8485 (sgpio) compliant reference sff-8485 (sgpio) compliant pci power (nominal) 13w 14.25w integrated raid (ir) 14 spread across 2 volumes raid 0 10 per volume raid 1 2 per volume plus hot spare raid 1e 10 per volume raid 10 10 per volume 14 spread across 2 volumes raid 0 10 per volume raid 1 2 per volume plus hot spare raid 1e 10 per volume raid 10 10 per volume environmental operating: 0c to 55c storage: -45c to 105c 5 to 90% non-condensing airfow: 200 lfm operating: 0c to 55c storage: -45c to 105c 5 to 90% non-condensing airfow: 200 lfm mtbf >2,800,000 hours >2,800,000 hours regulatory certifcations emc: class b-us (cfr 47, p15b); canada (ices-003); japan (v-3/02.04); europe (en55022/en55024); australia/new zealand (as/nzs 3548); korea (n-b 2-0001-404); safety: en60950; rohs; weee os support microsoft windows, linux (suse , red hat), solaris, vmware, freebsd; see www.lsi.com/support for details on versions * the hba supports solaris 10 and oracle ? provides a built in driver; installation of an avago driver is not required. for more information on the oracle solaris 10 driver and installation, sign in at the following oracle link: https://support.oracle.com/ . contact oracle support for oracle driver or software support. warranty 3 years, free advanced technical support, advanced replacement option visit the avago storage by lsi website at: lsi.com avago, avago technologies, megaraid, and the storage by lsi logo are trademarks of avago technologies. all other trademarks are the property of their respective owners. copyright ?2014 avago technologies. all rights reserved. > 10.27.14 pb0008.en product brief


▲Up To Search▲   

 
Price & Availability of SAS9311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X