Part Number Hot Search : 
ST901 4B40B OP798 1205E SK120 MSK4250H 24C10 TA8266HQ
Product Description
Full Text Search
 

To Download PMV31XN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description n-channel enhancement mode field-effect transistor (fet) in a sot23 (to-236ab) small surface-mounted device (smd) plasti c package using trench mosfet technology. 1.2 features and benefits ? very fast switching ? low threshold voltage ? trench mosfet technology 1.3 applications ? battery-powered motor control ? high-speed switching in set top box power supplies 1.4 quick reference data PMV31XN n-channel trenchmos fet table 1. quick reference data symbol parameter conditions min typ max unit v ds drain-source voltage t j 25 c; t j 150c --20v i d drain current t sp =25c; v gs = 4.5 v; see figure 2 ; see figure 3 --5.9a p tot total power dissipation t sp =25c; see figure 1 --2w static characteristics r dson drain-source on-state resistance v gs =2.5v; i d =1a; t j = 25 c; see figure 9 ; see figure 10 - 4453m ? v gs =4.5v; i d = 1.5 a; t j = 25 c; see figure 9 ; see figure 10 - 3137m ? 1 of 3 sales@zpsemi.com www.zpsemi.com
2. pinning information 3. ordering information 4. marking [1] % = placeholder for manufacturing site code 5. limiting values table 2. pinning information pin symbol description simplified outline graphic symbol 1 g gate sot23 (to-236ab) 2ssource 3 d drain 12 3 s d g 017aaa253 table 3. ordering information type number package name description version PMV31XN to-236ab plastic surface-mounted package; 3 leads sot23 table 4. marking codes type number marking code [1] PMV31XN %m4 table 5. limiting values in accordance with the absolute maxi mum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage t j 25 c; t j 150 c - 20 v v dgr drain-gate voltage t j 25 c; t j 150 c; r gs =20k ? -20v v gs gate-source voltage -12 12 v i d drain current t sp = 100 c; v gs =4.5v; see figure 2 -3.75a t sp =25c; v gs = 4.5 v; see figure 2 ; see figure 3 -5.9a i dm peak drain current t sp = 25 c; pulsed; t p 10 s; see figure 3 - 23.7 a p tot total power dissipation t sp =25c; see figure 1 -2w t stg storage temperature -55 150 c t j junction temperature -55 150 c source-drain diode i s source current t sp =25c - 1.7 a PMV31XN n-channel trenchmos fet 2 of 3 sales@zpsemi.com www.zpsemi.com
table 6. characteristics 6. characteristics symbol parameter conditions min typ max unit static characteristics v (br)dss drain-source breakdown voltage i d =250a; v gs =0v; t j = -55 c 18 - - v i d =250a; v gs =0v; t j =25c 20--v v gs(th) gate-source threshold voltage i d =1ma; v ds =v gs ; t j =-55c; see figure 8 --1.8v i d =1ma; v ds =v gs ; t j = 150 c; see figure 8 0.35 - - v i d =1ma; v ds =v gs ; t j =25c; see figure 8 0.5 - 1.5 v i dss drain leakage current v ds =20v; v gs =0v; t j = 150 c - - 100 a v ds =20v; v gs =0v; t j =25c --1a i gss gate leakage current v gs =12v; v ds =0v; t j = 25 c - 10 100 na v gs =-12v; v ds =0v; t j = 25 c - 10 100 na r dson drain-source on-state resistance v gs =2.5v; i d =1a; t j = 25 c; see figure 9 ; see figure 10 - 4453m ? v gs =4.5v; i d = 1.5 a; t j = 25 c; see figure 9 ; see figure 10 - 3137m ? dynamic characteristics q g(tot) total gate charge i d =6a; v ds =10v; v gs =4.5v; t j =25c; see figure 11 -5.8-nc q gs gate-source charge - 1.4 - nc q gd gate-drain charge - 1.7 - nc c iss input capacitance v ds =20v; v gs = 0 v; f = 1 mhz; t j =25c; see figure 12 - 410 - pf c oss output capacitance - 115 - pf c rss reverse transfer capacitance -80-pf t d(on) turn-on delay time v ds =10v; r l =10 ? ; v gs =4.5v; r g(ext) =6 ? ; t j =25c -10-ns t r rise time - 15 - ns t d(off) turn-off delay time - 25 - ns t f fall time - 12 - ns source-drain diode v sd source-drain voltage i s = 1.5 a; v gs =0v; t j =25c; see figure 13 - 0.75 1.2 v PMV31XN n-channel trenchmos fet 3 of 3 sales@zpsemi.com www.zpsemi.com


▲Up To Search▲   

 
Price & Availability of PMV31XN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X