Part Number Hot Search : 
V800ME14 F050420 MC101 FN2899 SC531 HA173 XN0111F BD00HC0
Product Description
Full Text Search
 

To Download PBPC1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds21312 rev. e-2 1 of 2 PBPC1001-pbpc1007 www.diodes.com  diodes incorporated PBPC1001 - pbpc1007 10a bridge rectifier features a e g h c b a d ac ac + - pbpc-8 dim min max a 18.54 19.56 b 6.35 7.60 c 22.20 ? d 1.27  typical e 5.33 7.37 g 3.60  4.00  h 12.70 typical j 2.38 x 45 typical all dimensions in mm maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified mechanical data single phase, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol pbpc 1001 pbpc 1002 pbpc 1003 pbpc 1004 pbpc 1005 pbpc 1006 pbpc 1007 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t c = 50c (note 2) @ t c = 50c i o 10 8.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a forward voltage (per element) @ i f = 5.0a v fm 1.1 v peak reverse current @t c = 25c at rated dc blocking voltage (per element) @ t c = 100c i r 10 1.0 a ma i 2 t rating for fusing (t<8.3ms) (note 3) i 2 t64a 2 s typical junction capacitance, per element (note 4) c j 110 pf typical thermal resistance junction to case (per element) r  jc 7.5 k/w operating and storage temperature range t j, t stg -65 to +125 c notes: 1. mounted on metal chassis. 2. mounted on pc board fr-4 material. 3. non-repetitive, for t > 1.0ms and < 8.3ms. 4. measured at 1.0 mhz and applied reverse voltage of 4.0v dc.  diffused junction  high current capability  surge overload rating to 150a peak  high case dielectric strength of 1500v  ideal for printed circuit board application  plastic material - ul flammability classification 94v-0  ul listed under recognized component index, file number e94661  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: marked on body  mounting: through hole for #6 screw  mounting torque: 5.0 inch-pounds maximum  weight: 3.8 grams (approx)  mounting position: any  marking: type number
ds21312 rev. e-2 2 of 2 PBPC1001-pbpc1007 www.diodes.com 0.01 0.1 1.0 10 0 0.4 0.8 1.2 1.6 i , forward current (a) f v , instantaneous forward voltage (v) f fi g . 2 t yp ical forward characteristics, p er element t = 25c j 0 1.0 10 100 i , peak forward surge current (a) f number of cycles at 60hz fi g . 3 t y pical reverse characteristics single half sine-wave jedec method t = 50c c 25 50 75 100 125 1 5 0 0.01 0.1 1.0 10 04080120 percent of rated peak reverse voltage (%) fi g . 4 t y pical reverse charac teristics, per element t = 25c j t = 100c j 0 2 4 6 10 25 50 75 100 125 i,average forward output current (a) av t , case temperature (c) c fi g . 1 forward current deratin g curve 8 resistive or inductive load mounted on metal chassis mounted on pc board


▲Up To Search▲   

 
Price & Availability of PBPC1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X