Part Number Hot Search : 
EPZ3002G 2SD427 H836079 MR752 AD8631 CP566 1AR15D1 CPC1976Y
Product Description
Full Text Search
 

To Download OV20880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20-megapixel second-generation 1.0-micron purecel?plus-s sensor for smartphones omnivision's OV20880 is an ultra-compact image sensor designed specifically to bring 20-megapixel resolution to high-end, dual-camera mobile zoom solutions using omnivision's second-generation, 1.0-micron purecel?plus-s pixel technology. the OV20880 offers advanced features such as zig-zag high dynamic range (zhdr), phase detection autofocus (pdaf), and support for dual-camera functionality with context switching, scaler and electronic image stabilization (eis). the on-chip eis also enables advanced capabilities such as image deblur. zhdr uses a long and a short exposure in a single frame to extend dynamic range capabilities of the sensors. long and short exposure lines are diagonally interlaced across the entire pixel array in a zig-zag pattern. this enables live preview and video recording in hdr mode and single-shot full-resolution hdr images in capture mode without any shutter lag. the OV20880 captures full-resolution 20-megapixel images and video with zhdr capability at 30 fps, ultra- high-resolution 4k2k video with full field-of-view at 60 fps, and 1080p high definition (hd) video at 120 fps. the OV20880 offers both mipi d-phy and c-phy interfaces. the OV20880 comes in a package size of 8.5 x 8.5 mm with a z-height of 5.3 mm. find out more at www.ovt.com. OV20880 20mp product brief lead free available in a lead-free package
? ? smartphones video conferencing ? pc multimedia applications ? ? ? ? ? ? ? automatic black level calibration (ablc) programmable controls for: - frame rate - mirror and flip - cropping - windowing support for dynamic dpc cancellation supports output formats: - 10-bit raw rgb - dpcm 10-8 compression supports horizontal and vertical subsampling supports typical images sizes: - 5184 x 3888 - 3840 x 2160 - 2560 x 1440 - 1920 x 1080 - 1280 x 720 - 1000 x 568 - 800 x 480 programmable i/o drive capability standard serial sccb interface with speed up to 1 mhz (when clock input is >10 mhz) up to 4-lane mipi tx interface with speed up to 1.92 gbps/lane embedded 20 kbits of one-time programmable (otp) memory sequential multi-frame hdr and zigzag hdr support phase detection auto focus (pdaf) pixels with bypass pd pixels gyro interface with 4-wire spi and eis support long exposure time of up to 30 seconds two on-chip phase lock loops (plls) built-in temperature sensor typical module size: 8.5 x 8.5 x 5.3 mm ? ? ? ? ? ? ? ? ? ? product features functional block diagram ? OV20880-ga5a (color, chip probing, 150 m backgrinding, reconstructed wafer with good die) ordering information ? ? ? ? ? ? active array size: 5184 x 3888 power supply: - core: 1.05v - analog: 2.8v - i/o: 1.8v power requirements: - active: 349 mw - standby: 10 mw - xshutdown: 5 a temperature range: - operating: -30c to +85c junction temperature - stable image: 0c to +60c junction temperature output formats: 10-bit rgb raw, dpcm 10-8 compression lens size: 1/2.76" ? ? ? ? ? ? ? ? ? ? lens chief ray angle: 34.86 non-linear maximum image transfer rate: - 5184x3888: 30 fps input clock frequency: 6 ~ 27 mhz sensitivity: 3,400 e - /lux-sec max s/n ratio: 37.3 db dynamic range: 72.9 db @ 16x gain scan mode: progressive pixel size: 1.00 m x 1.00 m image area: 5257.73 m x 3951.36 m die dimensions: - cob: 6210 m x 4446 m - rw: 6260 m x 4515.8 m product specifications v e r s i o n 1 . 3 , o c t o b e r 2 0 1 8 o m n i v i s i o n r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o t h e i r p r o d u c t s o r t o d i s c o n t i n u e a n y p r o d u c t o r s e r v i c e w i t h o u t f u r t h e r n o t i c e . o m n i v i s i o n , t h e o m n i v i s i o n l o g o a n d p u r e c e l a r e r e g i s t e r e d t r a d e m a r k s o f o m n i v i s i o n t e c h n o l o g i e s , i n c . a l l o t h e r t r a d e m a r k s a r e t h e p r o p e r t y o f t h e i r r e s p e c t i v e o w n e r s . 4275 burton drive santa clara, ca 95054 usa tel: + 1 408 567 3000 fax: + 1 408 567 3001 www.ovt.com OV20880 o v20880 image sensor core image sensor processor image interf ace column sample/hold ro w select plls pll control register bank sccb interf ace timing gener ator and system control logic gain control temper ature sensor xv clk vs ync / fsin tm p wdnb xshutdown s trobe gpio[3:0] href scl sid sd a mcp/n mdp/n[3:0] image arr ay amp isp 10-bit adc fifo mipi gyro interf ace with 4-wire spi master mosi miso sck csb


▲Up To Search▲   

 
Price & Availability of OV20880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X