Part Number Hot Search : 
6S9045MB 2SK14 DC450V NJU9207F IS62W 42042 C4400 CFE370
Product Description
Full Text Search
 

To Download OV20880-4C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20-megapixel second-generation 1.0-micron purecel?plus-s sensor for front-facing cameras omnivision's OV20880-4C is an ultra-compact image sensor engineered to bring 20-megapixel resolution to produce "super selfies" for high-end mobile applications using omnivision's second-generation, 1.0-micron purecel?plus-s pixel technology. the OV20880-4C's on- chip pixel binning feature allows four times more light photons than a regular 1.0-micron pixel, enabling high- sensitivity and clear images in all lighting environments. the OV20880-4C pairs with omnivision's complete software solution for resolution recovery and high- resolution, 20-megapixel selfies combined with a 4-cell mode. the OV20880-4C offers a full 20-megapixel 4-cell raw output mode and a 5-megapixel bayer output mode that uses in-pixel binning to achieve 2.0-micron pixel performance. the OV20880-4C captures full-resolution 20-megapixel images and video at 30 frames per second (fps) and 1080p full high definition (hd) video at 120 fps. the OV20880-4C offers both mipi d-phy and c-phy interfaces. the OV20880-4C can fit in a package size of 8.5 x 8.5 mm with a z-height of 5.0 mm. find out more at www.ovt.com. OV20880-4C 20mp product brief lead free available in a lead-free package
? ? smartphones video conferencing ? pc multimedia applications ? ? ? ? ? ? ? automatic black level calibration (ablc) programmable controls for: - frame rate - mirror and flip - cropping - windowing support for dynamic dpc supports output formats: - 10-bit raw rgb - dpcm 10-8 compression supports horizontal and vertical subsampling 20-megapixel resolution, 5184 x 3888, 4-cell color filter, 30 fps 5-megapixel resolution, 2592 x 1944, output bayer pattern after quadra binned, 120 fps two on-chip phase lock loops (plls) standard serial sccb interface with speed up to 1 mhz (when clock input is >10 mhz) up to 4-lane mipi tx interface with speed up to 1.92 gbps/lane programmable i/o drive capability embedded 20 kbits of one-time programmable (otp) memory with 12 kbits reserved for customer use gyro interface with 4-wire spi and eis support long exposure time of up to 30 seconds built-in temperature sensor typical module size: 8.5 x 8.5 x 5.3 mm ? ? ? ? ? ? ? ? ? product features functional block diagram ? ov20880-ga5a-4c (color, chip probing, 150 m backgrinding, reconstructed wafer with good die) ordering information ? ? ? ? ? ? ? ? active array size: 5184 x 3888 power supply: - core: 1.05v - analog: 2.8v - i/o: 1.8v power requirements: - active: 349 mw - standby: 10 mw - xshutdown: 5 a temperature range: - operating: -30c to +85c junction temperature - stable image: 0c to +60c junction temperature output formats: 10-bit rgb raw, dpcm 10-8 compression lens chief ray angle: 34.86 non-linear lens size: 1/2.76" input clock frequency: 6 ~ 64 mhz ? ? ? ? ? ? ? ? ? maximum image transfer rate: - 5184 x 3888: 30 fps - 2592 x 1944: 120 fps - 1920 x 1080: 180 fps - 1280 x 720: 180 fps sensitivity: 14,200 e - /lux-sec @ 530 nm in 4c bin mode max s/n ratio: 37.8 db dynamic range: 64.8 db @ 1x gain scan mode: progressive pixel size: 1.0 m x 1.0 m dark current: 4 e - /sec @ 60c junction temperature image area: 5257.73 m x 3951.36 m die dimensions: - cob: 6210 m x 4446 m - rw: 6260 m x 4516 m product specifications v e r s i o n 1 . 2 , s e p t e m b e r , 2 0 1 7 o m n i v i s i o n r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o t h e i r p r o d u c t s o r t o d i s c o n t i n u e a n y p r o d u c t o r s e r v i c e w i t h o u t f u r t h e r n o t i c e . o m n i v i s i o n , t h e o m n i v i s i o n l o g o a n d p u r e c e l a r e r e g i s t e r e d t r a d e m a r k s o f o m n i v i s i o n t e c h n o l o g i e s , i n c . a l l o t h e r t r a d e m a r k s a r e t h e p r o p e r t y o f t h e i r r e s p e c t i v e o w n e r s . 4275 burton drive santa clara, ca 95054 usa tel: + 1 408 567 3000 fax: + 1 408 567 3001 www.ovt.com OV20880-4C o v20880-4c image sensor core image sensor processor image interf ace column sample/hold ro w select plls pll control register bank sccb interf ace timing gener ator and system control logic gain control temper ature sensor xv clk vs ync / fsin tm p wdnb xshutdown s trobe gpio[3:0] href scl sid sd a mcp/n mdp/n[3:0] image arr ay amp isp 10-bit adc fifo mipi gyro interf ace with 4-wire spi master mosi miso sck csb


▲Up To Search▲   

 
Price & Availability of OV20880-4C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X