Part Number Hot Search : 
ZMM5253 LS3250 2SJ0164 MNAC50S D2M80 2815S BA7609F 364484
Product Description
Full Text Search
 

To Download MTB180N06KSN3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 1/9 MTB180N06KSN3 cystek product specification 60v n-channel enhancement mode mosfet MTB180N06KSN3 bv dss 55v i d @ t a =25 c, v gs =10v 1.9a r dson @v gs =10v, i d =1.8a 145m (typ) features r dson @v gs =4.5v, i d =1.3a ? simple drive requirement ? small package outline ? esd protected gate ? pb-free lead plating and halogen-free package symbol outline sot-23 MTB180N06KSN3 ordering information device package shipping MTB180N06KSN3-0-t1-g sot-23 (pb-free lead plating and halogen-free package) 3000 pcs / tape & reel 173m (typ) environment friendly grade : s for rohs compliant products, g for rohs compliant packing spec, t1 : 3000 pcs / tape & reel,7? reel d g gate s source d drain g s product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 2/9 MTB180N06KSN3 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds 55 gate-source voltage v gs 20 v continuous drain current @ t a =25 c, v gs =10v (note 3) 1.9 continuous drain current @ t a =70 c, v gs =10v (note 3) i d 1.5 pulsed drain current (notes 1, 2) i dm 10 a maximum power dissipation@ t a =25 (note 3) 1.25 maximum power dissipation@ t a =70 (note 3) p d 0.8 w operating junction and storage temperature range tj ; tstg -55~+150 c note : 1. pulse width limited by maximum junction temperature. 2. pulse width 300 s, duty cycle 2%. 3. surface mounted on 1 in2 copper pad of fr-4 board; 270 c/w when mounted on minimum copper pad thermal performance parameter symbol limit unit thermal resistance, junction-to-ambient, max r ja 100 thermal resistance, junction-to-case, max r jc 62 c/w note : surface mounted on 1 in2 copper pad of fr-4 board; 270 c/w when mounted on minimum copper pad electrical characteristics (tj=25 c, unless otherwise noted) symbol min. typ. max. unit test conditions static bv dss 55 - - v gs =0v, i d =250 a v gs(th) 1.0 - 2.5 v v ds =v gs , i d =250 a i gss - - 10 v gs = 16v, v ds =0v - - 1 v ds =48v, v gs =0v i dss - - 10 a v ds =48v, v gs =0v (tj=85 c) - 145 185 i d =1.8a, v gs =10v *r ds(on) - 173 225 m i d =1.3a, v gs =4.5v *g fs - 1.4 - s v ds =10v, i d =1a dynamic ciss - 121 - coss - 17 - crss - 12 - pf v ds =30v, v gs =0v, f=1mhz t d(on) - 3.2 - t r - 16.6 - t d(off) - 10.2 - t f - 4.8 - ns v ds =30v, i d =1.8a, v gs =10v, r g =1
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 3/9 MTB180N06KSN3 cystek product specification qg - 4.1 - qgs - 0.9 - qgd - 0.5 - nc v ds =40v, i d =1.8a, v gs =10v source-drain diode *i s - - 1.9 *i sm - - 10 a *v sd - 0.78 1 v v gs =0v, i s =0.45a *pulse test : pulse width 300 s, duty cycle 2% recommended soldering footprint
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 4/9 MTB180N06KSN3 cystek product specification typical characteristics typical output characteristics 0 1 2 3 4 5 6 7 8 9 10 012345 v ds , drain-source voltage(v) i d , drain current(a) 10v , 9v , 8v , 7v , 6v , 5v , 4.5 v v gs =3v 3.5v 4 v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 10 100 1000 0.001 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs = 10 v v gs =4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 012345678910 i dr , reverse drain current(a) v sd , source-drain voltage(v) tj=25c tj=150c static drain-source on-state resistance vs gate-source voltage 0 200 400 600 800 1000 1200 024681 0 drain-source on-state resistance vs junction tempearture 0.4 0.8 1.2 1.6 2 2.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =1.8a r dson @tj=25c : 145m typ. v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =1.8a
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 5/9 MTB180N06KSN3 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 0 5 10 15 20 25 30 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a i d =1ma forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) v ds =10v pulsed ta=25c gate charge characteristics 0 2 4 6 8 10 012345 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =1.8a v ds =40v v ds =25v maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 1000 v ds , drain-source voltage(v) i d , drain current(a) dc 10ms 100ms 1ms 100 s r ds( on) limited t a =25c, tj=150, v gs =10v r ja =100c/w, single pulse maximum drain current vs junction temperature 0 0.5 1 1.5 2 2.5 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =10v, r ja =100c/w
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 6/9 MTB180N06KSN3 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 2 4 6 8 10 012345678910 v gs , gate-source voltage(v) i d , drain current (a) v ds =10v single pulse power rating, junction to ambient (note on page 2) 0 1 2 3 4 5 6 7 8 9 10 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =150c t a =25c r ja =100c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *r ja (t) 4.r ja =100c/w
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 7/9 MTB180N06KSN3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 8/9 MTB180N06KSN3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c052n3 issued date : 2016.12.09 revised date : 2016.12.12 page no. : 9/9 MTB180N06KSN3 cystek product specification sot-23 dimension *: typical inches marking: date code te h8ns xx device code style: pin 1.gate 2.source 3.drain 3-lead sot-23 plastic surface mounted package cystek package code: n3 millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1102 0.1204 2.80 3.04 j 0.0032 0.0079 0.08 0.20 b 0.0472 0.0669 1.20 1.70 k 0.0118 0.0266 0.30 0.67 c 0.0335 0.0512 0.89 1.30 l 0.0335 0.0453 0.85 1.15 d 0.0118 0.0197 0.30 0.50 s 0.0830 0.1161 2.10 2.95 g 0.0669 0.0910 1.70 2.30 v 0.0098 0.0256 0.25 0.65 h 0.0000 0.0040 0.00 0.10 l1 0.0118 0.0197 0.30 0.50 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB180N06KSN3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X