Part Number Hot Search : 
APTGT1 AN802 LD7202W MID4000 A1150 27NQ10T BSS414 2815S
Product Description
Full Text Search
 

To Download MBR10150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente MBR10150 voltage 150 v 10.0 amp schottky barrier rectifiers 09-mar-2017 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen free features  plastic package has underwriters laboratory flammability classification 94v-0.flame retardant epoxy molding compound.  metal silicon junction, major carrier conduction  low power loss, high efficiency  guardring for overvoltage protection  for use in low voltage, high frequency inverters free wheeling, and polarlity protection application s.  lead free in comply with eu rohs mechanical data  case: molded plastic  terminals: solder plated, solderable per mil-std-75 0, method 2026  polarity: as marked  mounting position: any maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 150 v maximum rms voltage v rms 105 v maximum dc blocking voltage v dc 150 v maximum average forward rectified current i f 10 a peak forward surge current, 8.3ms single half sine-wa ve superimposed on rated load (jedec method) i fsm 110 a maximum instantaneous forward voltage @ i f =5a v f 0.92 v t a =25c 0.02 maximum dc reverse current at rated dc blocking voltage t a =125c i r 20 ma typical thermal resistance r jc 3 c/w operating and storage temperature range t j ,t stg -55~150 c to-220j millimeter millimeter ref. min. max. ref. min. max. a 9.57 10.57 i 4.68 5.48 b 3.54 4.14 j 2.95 3.96 c 2.54 2.94 k 4.27 4.87 d 11.86 13.26 l 1.07 1.47 e 0.97 1.57 m 8.0 10.0 f 0.51 1.11 n 2.0 3 2.92 g 12.7 13.8 q 0.30 0.65 h 2.540 typ.
elektronische bauelemente MBR10150 voltage 150 v 10.0 amp schottky barrier rectifiers 09-mar-2017 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of MBR10150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X