Part Number Hot Search : 
B105M TA7280 CRHV1206 10DTH JC208N SD103BW 220ML LC75394
Product Description
Full Text Search
 

To Download MB1200F-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente mb140f-c~MB1200F-C 40v~200v 1amp surface mount bridge rectifiers 23-jan-2018 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  high surge current capability  designed for surface mount application mechanical data  case: mbf  terminals: solderable per mil-std-750, method 2026 marking part number marking part number marking mb140f-c mb14f mb1100f-c mb110f mb160f-c mb16f MB1200F-C mb120f package information package mpq leader size mbf 5k 13 inch order information maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave 60hz, resistive or inductive load, for capacitive load current derate current by 20%.) part number parameter symbol mb140f-c mb160f-c mb1100f-c MB1200F-C unit maximum recurrent peak reverse voltage v rrm 40 60 100 200 v maximum rms voltage v rms 28 42 70 140 v maximum dc blocking voltage v dc 40 60 100 200 v maximum average forward current i f(av) 1 a peak forward surge current @8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 40 30 a maximum instantaneous forward voltage @i f =1a v f 0.55 0.7 0.85 0.9 v t a =25c 0.3 0.2 0.1 maximum dc reverse current @rated dc blocking voltage t a =100c i r 10 5 2 ma typical junction capacitance 1 c j 110 80 pf thermal resistance junction-ambient 2 r ja 100 c/w operating and storage temperature range t j , t stg 125, -55~150 c notes: 1. measured at 1mhz and applied reverse voltage of 4v d.c. 2. mounted on glass epoxy pc board with 41.5"1.5 " 3.813.81 cm copper pad. part number type mb140f-c~MB1200F-C lead (pb)-free and halogen-free mbf millimeter millimeter min. max. ref. min. max. a 4.5 5.0 f 0.2 typ. b 3.6 4.1 g 6.4 7.0 c 0.5 0.8 h 1.3 1.7 d 2.3 2.7 i 0.15 0.22 e 1.2 1.6 j 0.5 1.1
elektronische bauelemente mb140f-c~MB1200F-C 40v~200v 1amp surface mount bridge rectifiers 23-jan-2018 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of MB1200F-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X