Part Number Hot Search : 
MS69N68 P3010 PTM10 MBRF201 CS120 IRFU3910 MS4E5 D74HC3
Product Description
Full Text Search
 

To Download LV3045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LV3045CT rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220 ?? ?? schottky barrier diode in a to-220 plastic package. ???  low forward voltage drop,low power losses,high efficiency operation. ????or-ing ?dc-dc ?????  for use in high frequency inverters, swit ching power supplies, freewheeling diodes, or-ing diode, dc-to-dc converters and reverse battery protection. pin1 anode pin 2 cathode pin 3 anode ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
LV3045CT rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit peak repetitive reverse voltage v rrm 45 v average rectified output current i f(av) 2 15 a non repetitive peak surge current i fsm 250 a thermal resistance junction to case r jc 2.8 /w junction and storage temperature range t j t stg -40 +150 parameter symbol test conditions ? min ? typ ? max unit breakdown reverse voltage v br i r =1ma(ta=25 ) 45 v forward voltage v f i f =5a(ta=25 ) 0.38 0.45 v i f =15a(ta=25 ) 0.48 0.55 v i f =5a(ta=125 ) 0.28 0.35 v i f =15a(ta=125 ) 0.45 0.50 v instantaneous reverse current i r note 1 v r =45v(ta=25 ) 200 a v r =45v(ta=125 ) 40 100 ma  ? /notes 1. ????? ?? /short duration pulse test used to minimize self-heating effect. 2. ??????? / unless otherwise noted, values for the parameters of a single chip ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
LV3045CT rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
LV3045CT rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
LV3045CT rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions  ? br    ?? lv3045  ??? ct:     ??? ****   ???? note: br: company code lv3045 product type. ct: internal structure ****: lot no. code, code change with lot no. br **** lv3045 ct
LV3045CT rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of LV3045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X