|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 for more information www.linear.com/ltc4236 typical a pplica t ion fea t ures descrip t ion dual ideal diode- or and single hot swap controller with current monitor the lt c ? 4236 offers ideal diode-or and hot swap func- tions for two power rails by controlling external n-channel mosfet s. mosfets acting as ideal diodes replace two high power schottky diodes and the associated heat sinks, saving power and board area. a hot swap control mosfet allows a board to be safely inserted and removed from a live backplane by limiting inrush current. the supply output is also protected against short-circuit faults with a fast acting foldback current limit and electronic circuit breaker. the ltc4236 regulates the forward voltage drop across the ideal diode mosfets to ensure smooth current transfer from one supply to the other without oscillation. the ideal diode mosfets turn on quickly to reduce the load voltage droop during supply switchover. if the input supply fails or is shorted, a fast turn-off minimizes reverse current transients. a current sense amplifier translates the voltage across the sense resistor to a ground referenced signal. the ltc4236 provides adjustable start-up delay, turn-on/-off control, and reports fault and power good status for the supply. a pplica t ions n ideal diode-or and inrush current control for redundant supplies n low loss replacement for power schottky diodes n enables safe board insertion into a live backplane n 2.9v to 18v operating range n current monitor output n controls n-channel mosfets n limits peak fault current in 1s n adjustable current limit with foldback n adjustable start-up and current limit fault delay n 0.5s ideal diode turn-on and turn-off time n smooth switchover without oscillation n fault, power good and diode status outputs n ltc4236-1: latch off after fault n ltc4236-2: automatic retry after fault n 28-pin 4mm x 5mm qfn package n redundant power supplies n high availability systems and servers n telecom and network infrastructure l, lt , lt c , lt m , linear technology and the linear logo are registered trademarks of linear technology corporation. all other trademarks are the property of their respective owners. protected by u.s. patents, including 7920013, 8022679. ideal diode-or with hot swap application + adc sense + sense ? cs + 12v 12v cpo1 gnd on 13.7k c load 12v 7a 2k intv cc d2off in1 dgate1 dgate2 ltc4236 4236 ta01a sir158dp sir158dp 0.003 hgate out cpo2 0.1f in2d2src 0.1f sir158dp en 0.1f 0.1f dtmr 0.1f ftmr reg 0.1f fault pwrgd dstat1 dstat2 fb 15k 2k imon smooth supply switchover 200ms/div in1 1v/div in2 1v/div in2 in1 i in1 2a/div i in2 2a/div 4236 ta01b ltc 4236 4236f
2 for more information www.linear.com/ltc4236 a bsolu t e maxi m u m r a t ings supply voltages in 1, in 2 .................................................. C 0.3 v to 24 v int v cc ..................................................... C0. 3 v to 7v reg ........................... sense + C 5v to sense + + 0.3 v input voltages on , d 2off, en ...................................... C 0.3 v to 24 v ft mr , dtmr ......................... C 0.3 v to intv cc + 0.3 v fb ............................................................ C 0.3 v to 7v sense + , sense C , cs + , d2 src .............. C 0.3 v to 24 v output voltages imo n ....................................................... C 0.3 v to 7v fa u lt , pwrgd , dstat 1 , dstat 2 ........... C 0.3 v to 24 v cpo 1, cpo 2 ( notes 3, 4) ....................... C 0.3 v to 35 v dg ate 1, dgate 2 ( notes 3, 4) ............... C 0.3 v to 35 v hg ate ( note 5) ..................................... C 0.3 v to 35 v out ....................................................... C0. 3 v to 24 v average currents fa u lt , pwrgd , dstat 1 , dstat 2 ......................... 5 ma int v cc ............................................................... 10 ma op erating ambient temperature range ltc 42 36 c ................................................ 0 c to 70 c ltc 42 36 i ............................................. C 40 c to 85 c storage temperature range .................. C 65 c to 150 c 9 10 top view ufd package 28-lead (4mm 5mm) plastic qfn 11 12 13 28 27 26 25 24 14 23 6 5 4 3 2 1 sense ? sense + cs + in1 intv cc gnd in2 d2src fault dstat1 dstat2 on d2off nc nc reg dgate1 cpo1 hgate out fb pwrgd dgate2 cpo2 dtmr ftmr en imon 7 17 18 19 20 21 22 16 8 15 29 t jmax = 125c, ja = 43c/w (note 6) exposed pad ( pin 29) pcb gnd connection op tional p in c on f igura t ion o r d er i n f or m a t ion lead free finish tape and reel part marking package description temperature range ltc4236cufd-1#pbf ltc4236cufd-1#trpbf 42361 28-lead (4mm x 5mm) plastic qfn 0c to 70c ltc4236cufd-2#pbf ltc4236cufd-2#trpbf 42362 28-lead (4mm x 5mm) plastic qfn 0c to 70c ltc4236iufd-1#pbf ltc4236iufd-1#trpbf 42361 28-lead (4mm x 5mm) plastic qfn C40c to 85c ltc4236iufd-2#pbf ltc4236iufd-2#trpbf 42362 28-lead (4mm x 5mm) plastic qfn C40c to 85c consult lt c marketing for parts specified with wider operating temperature ranges. for more information on lead free part marking, go to: http://www.linear.com/leadfree/ for more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. some packages are available in 500 unit reels through designated sales channels with #trmpbf suffix. (notes 1, 2) ltc 4236 4236f 3 for more information www.linear.com/ltc4236 e lec t rical c harac t eris t ics note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. symbol parameter conditions min typ max units supplies v in input supply range l 2.9 18 v i in input supply current l 2.7 4 ma v intvcc internal regulator voltage i = 0, C500a l 4.5 5 5.5 v v intvcc(uvl) internal v cc undervoltage lockout intv cc rising l 2.1 2.2 2.3 v ?v intvcc(hyst) internal v cc undervoltage lockout hysteresis l 30 60 90 mv ideal diode control ? v fwd (reg) forward regulation voltage (v inn C v sense +) l 2 15 28 mv ? v dgate external n-channel gate drive (v dgate1 C v in1 ) and (v dgate2 C v d2src ) in < 7v, ? v fwd = 0.15v; i = 0, C1a in = 7 v to 18 v , ? v fwd = 0.15v ; i = 0, C1a l l 5 10 7 12 14 14 v v ? v dgate(st) diode mosfet on detect threshold (v dgate1 C v in1 ) and (v dgate2 C v d2src ) dstat pulls low, ? v fwd = 50mv l 0.3 0.7 1.1 v i d2src d2src pin current d2 src = 0v l C90 C130 a i cpo(up) cpon pull-up current cpo = in = d2src = 2.9v cpo = in = d2src = 18v l l C60 C50 C100 C90 C130 C120 a a i dgate(fpu) dgaten fast pull-up current ? v fwd = 0.2v, ? v dgate = 0v, cpo = 17v C1.5 a i dgate(fpd) dgaten fast pull-down current ? v fwd = C0.2v, ? v dgate = 5v 1.5 a i dgate2(dn) dgate2 off pull-down current d2off = 2v, ? v dgate2 = 2.5v l 50 100 200 a t on(dgate) dgaten turn-on delay ? v fwd = 0.2v , c dgate = 10nf l 0.25 0.5 s t off(dgate) dgaten turn-off delay ? v fwd = C0.2v, c dgate = 10nf l 0.2 0.5 s t plh(dgate2) d2off low to dgate2 high l 50 100 s hot swap control ? v sense(th) current limit sense voltage threshold (v sense + C v sense C) fb = 1.3v fb = 0v l l 22.5 5.8 25 8.3 27.5 10.8 mv mv v sense + (uvl) sense + undervoltage lockout sense + rising l 1.8 1.9 2 v ?v sense + ( hyst) sense + undervoltage lockout hysteresis l 10 50 90 mv i sense + sense + pin current sense + = 12v l 0.3 0.8 1.3 ma i sense C sense C pin current sense C = 12v l 10 40 100 a i cs + cs + pin current cs + = 12v, ?v sense = 0v l 1 a ? v hgate external n-channel gate drive (v hgate ?C?v out ) in < 7v, i = 0, C1a in = 7v to 18v, i = 0, C1a l l 5 10 7 12 14 14 v v ? v hgate(h) gate high threshold (v hgate C v out ) l 3.6 4.2 4.8 v i hgate(up) external n-channel gate pull-up current gate drive on, hgate = 0v l C7 C10 C13 a i hgate(dn) external n-channel gate pull-down current gate drive off, out = 12v, hgate = out + 5v l 1 2 4 ma i hgate(fpd) external n-channel gate fast pull-down current fast t urn-off, out = 12v, hgate = out + 5v l 100 200 350 ma t phl(sense) sense voltage (sense + C sense C ) high to hgate low ? v sense = 200mv, c hgate = 10nf l 0.5 1 s t off(hgate) on low to hgate low en high to hgate low sense + low to hgate low sense + uvlo l l l 10 20 10 20 40 20 s s s t d(hgate) on high, en low to hgate turn-on delay dtmr = intv cc l 50 100 150 ms t p(hgate) on to hgate propagation delay on = step 0.8v to 2v l 10 20 s the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c. v in = 12v, unless otherwise noted. ltc 4236 4236f 4 for more information www.linear.com/ltc4236 symbol parameter conditions min typ max units inputs v d2off(h,th) d2off pin high threshold d2off rising l 1.21 1.235 1.26 v v d2off(l,th) d2off pin low threshold d2off falling l 1.19 1.215 1.24 v ? v d2off(hyst) d2off pin hysteresis l 10 20 30 mv v in(th) on, fb pin threshold voltage voltage rising l 1.21 1.235 1.26 v ? v on(hyst) on pin hysteresis l 40 80 120 mv ? v fb(hyst) fb pin hysteresis l 10 20 30 mv v on(reset) on pin fault reset threshold voltage on falling l 0.57 0.6 0.63 v i in(leak) input leakage current (on, fb, d2off) v = 5v l 0 1 a v en(th) en pin threshold voltage en rising l 1.185 1.235 1.284 v ? v en(hyst) en pin hysteresis l 60 110 200 mv i en(up) en pull-up current en = 1v l C7 C10 C13 a v tmr(h) ftmr, dtmr pin high threshold l 1.198 1.235 1.272 v v tmr(l) ftmr, dtmr pin low threshold l 0.15 0.2 0.25 v i ftmr(up) ftmr pull-up current ftmr = 1v, in fault mode l C80 C100 C120 a i ftmr(dn) ftmr pull-down current ftmr = 2v, no faults l 1.3 2 2.7 a d retry auto-retry duty cycle l 0.07 0.15 0.23 % i dtmr(up) dtmr pull-up current dtmr = 0.6v l C8 C10 C12 a i dtmr(dn) dtmr pull-down current dtmr = 1.5v l 1 5 10 ma ?v dtmr(th) dtmr pin threshold voltage (v dtmr C v intvcc ) t d(hgate) start-up delay l C0.1 C0.3 C0.5 v t rst(on) on low to fault high l 20 40 s t pg(fb) fb low to pwrgd high l 20 40 s outputs i out out pin current out = 11v, in = 12v, on = 2v out = 13v, in = 12v, on = 2v l l 40 2.5 100 4 a ma v ol output low voltage ( fault, pwrgd, dstat 1 , dstat 2) i = 1ma i = 3ma l l 0.15 0.4 0.4 1.2 v v v oh output high voltage ( fault , pwrgd ) i = C1a l intv cc C 1 intv cc C 0.5 v i oh input leakage current ( fault, pwrgd, dstat 1 , dstat 2) v = 18v l 0 1 a i pu output pull-up current ( fault, pwrgd ) v = 1.5v l C7 C10 C13 a current monitor ? v reg floating regulator voltage (v sense + C v reg ) i reg = 1a l 3.6 4.1 4.6 v ? v sense(fs) input sense voltage full scale (v sense + C v sense C) sense + = 12v l 25 mv v imon(os) imon input offset voltage ?v sense = 0v l 150 v g imon imon voltage gain ? v sense = 20mv and 5mv l 99 100 101 v/v v imon(max) imon maximum output voltage ? v sense = 70mv, 5v sense + 18v ? v sense = 35mv, sense + = 2.9v l l 3.5 2.7 5.5 2.9 v v v imon(min) imon minimum output voltage ? v sense = 200v l 40 mv r imon(out) imon output resistance ? v sense = 200v l 15 20 27 k e lec t rical c harac t eris t ics the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c. v in = 12v, unless otherwise noted. ltc 4236 4236f 5 for more information www.linear.com/ltc4236 e lec t rical c harac t eris t ics note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: all currents into device pins are positive; all currents out of device pins are negative. all voltages are referenced to gnd unless otherwise specified. note 3: an internal clamp limits the dgate1 and cpo1 pins to a minimum of 10 v above and a diode below in1. driving these pins to voltages beyond the clamp may damage the device. note 4: an internal clamp limits the dgate2 and cpo2 pins to a minimum of 10v above and a diode below d2src. driving these pins to voltages beyond the clamp may damage the device. note 5: an internal clamp limits the hgate pin to a minimum of 10v above and a diode below out. driving this pin to voltages beyond the clamp may damage the device. note 6: thermal resistance is specified when the exposed pad is soldered to a 3" x 5" , four layer, fr4 board. ltc 4236 4236f 6 for more information www.linear.com/ltc4236 typical p er f or m ance c harac t eris t ics hot swap gate voltage vs current hot swap gate voltage vs in voltage cpo voltage vs current diode gate voltage vs current diode gate voltage vs in voltage fault , pwrgd, dstat1, dstat2 output low voltage vs current in supply current vs voltage sense + current vs voltage out current vs voltage t a = 25c, v in = 12v, unless otherwise noted. v in (v) 0 i in (ma) 3.5 3 2 1 2.5 1.5 0.5 0 6 12 4236 g01 18 3 15 9 v sense + = v in ? 0.5v v out = 12v v out = 0v v out = 3.3v v sense + (v) 0 i sense + (ma) 1.4 1.2 0.8 0.4 1 0.6 0.2 0 6 12 4236 g02 18 3 15 9 v out (v) 0 i out (ma) 3.5 3 2 1 2.5 1.5 0.5 ?0.5 0 6 12 4236 g03 18 3 15 9 v in = 12v, v sense + = 11.5v i hgate (a) 0 ?v hgate (v) 14 12 10 8 6 4 2 0 ?4 ?8 4236 g04 ?12 ?2 ?10 ?6 v out = v in v in = 12v v in = 2.9v v in (v) 0 ?v hgate (v) 14 12 10 8 6 4 6 12 4236 g05 18 3 15 9 v out = v in i cpo (a) 0 v cpo ? v in (v) 12 0 10 8 6 4 2 ?2 ?40 ?120 ?80 4236 g06 ?140 ?20 ?100 ?60 v in = 18v v in = 2.9v i dgate (a) 0 ?v dgate (v) 12 0 10 8 6 4 2 ?2 ?40 ?120 ?80 4236 g07 ?140 ?20 ?100 ?60 v sense + = v in ? 0.15v v in = 18v v in = 2.9v v in (v) 0 ?v dgate (v) 14 12 10 8 6 4 6 12 4236 g08 18 3 15 9 v sense + = v in ? 0.15v current (ma) 0 output low voltage (v) 1 0.6 0.2 0.8 0.4 0 2 4 4236 g09 5 1 3 v in = 12v v in = 2.9v ltc 4236 4236f 7 for more information www.linear.com/ltc4236 typical p er f or m ance c harac t eris t ics imon voltage vs sense voltage imon voltage gain vs temperature imon propagation delay vs sense voltage adjustable hgate start-up delay with 0.1f capacitor at dtmr pin ideal diode start-up waveform on in power-up 100ms hgate start-up delay with dtmr pin connected to intv cc current limit threshold foldback current limit delay vs sense voltage current sense amplifier input offset voltage vs temperature t a = 25c, v in = 12v, unless otherwise noted. fb voltage (v) 0 current limit sense voltage v sense + ? v sense ? (mv) 30 25 20 15 5 10 0 0.4 0.8 4236 g10 1.41.2 0.2 1.0 0.6 sense voltage (v sense + ? v sense ?) (mv) 0 current limit delay (s) 100 10 1 0.1 80 120 4236 g11 200 40 160 c hgate = 10nf 10ms/div in 10v/div sense + 10v/div 10v/div 4236 g16 cpo dgate 20ms/div on 5v/div hgate 10v/div out 10v/div pwrgd 10v/div 4236 g17 20ms/div on 5v/div hgate 10v/div out 10v/div pwrgd 10v/div 4236 g18 temperature (c) ?50 input offset voltage (v) 40 0 ?30 20 30 10 ?20 ?10 ?40 0 75 4236 g12 100 ?25 5025 v in = 12v v in = 2.9v 0 imon voltage (v) 5 3 4 1 2 0 20 4236 g13 50 10 4030 v in = 12v v in = 2.9v sense voltage (v sense + ? v sense ?) (mv) temperature (c) ?50 imon voltage gain (v/v) 101 100 100.5 99.5 99 0 75 4236 g14 100 ?25 5025 v in = 12v v in = 2.9v 0 imon propagation delay (s) 120 80 100 40 20 60 0 2 4236 g15 5 1 43 sense voltage (v sense + ? v sense ?) (mv) ltc 4236 4236f 8 for more information www.linear.com/ltc4236 p in func t ions cpo1, cpo2: charge pump output. connect a capacitor from cpo1 or cpo2 to the corresponding in1 or d2src pin. the value of this capacitor is approximately 10 the gate capacitance (c iss ) of the external mosfet for ideal diode control. the charge stored on this capacitor is used to pull up the ideal diode mosfet gate during a fast turn-on. leave this pin open if fast ideal diode turn- on is not needed. cs + : positive current sense input for current sense am- plifier. connect this pin to the input of the current sense resistor. the voltage between cs + and sense C is translated to a ground referenced signal at imon pin. dgate1, dgate2: ideal diode mosfet gate drive out - put. connect this pin to the gate of an external n-channel mosfet for ideal diode control. an internal clamp limits the gate voltage to 12v above and a diode voltage below in1 or d2src. during fast turn-on, a 1.5 a pull-up charges dgate from cpo. during fast turn-off, a 1.5 a pull-down discharges dgate1 to in1 and dgate2 to d2src. d2off: control input. a rising edge above 1.235v turns off the external ideal diode mosfet in the in2 supply path and a falling edge below 1.215 v allows the mosfet to be turned on. connect this pin to an external resistive divider from in1 to make in1 the higher priority input supply when in1 and in2 are equal. d2src: ideal diode mosfet gate drive return. connect this pin to the source of the external n-channel mosfet switch in the in2 power path. the gate fast pull-down cur - rent returns through this pin when dgate2 is discharged. dst at1 : diode mosfet status output. open drain out- put that pulls low when the mosfet gate drive voltage between dgate1 and in1 exceeds 0.7 v indicating that the mosfet diode path is on. otherwise it goes high imped - ance. it requires an external pull-up resistor to a positive supply. leave open if unused. dst at2 : diode mosfet status output. open drain out- put that pulls low when the mosfet gate drive voltage between dgate2 and d2src exceeds 0.7 v indicating that the mosfet diode path is on. otherwise it goes high impedance. it requires an external pull-up resistor to a positive supply. leave open if unused. dtmr: debounce t imer capacitor terminal. connect this pin to either intv cc for fixed 100 ms delay or an external capacitor to ground for adjustable start-up delay (123ms/f) when en toggles low. en : enable input. ground this pin to enable hot swap control. if this pin is pulled high, the hot swap mosfet is not allowed to turn on. a 10 a current source pulls this pin up to a diode below intv cc . upon en going low when on is high, there is a start-up delay for debounce as con- figured at the dtmr pin, after which the fault is cleared. f aul t: overcurrent fault status output. output that pulls low when the fault timer expires during an overcurrent fault. otherwise it is pulled high by a 10 a current source to a diode below intv cc . it may be pulled above intv cc using an external pull-up. leave open if unused. fb: foldback and power good comparator input. connect this pin to an external resistive divider from out. if the voltage falls below 1.215 v, the pwrgd pin pulls high to indicate the power is bad. if the voltage falls below 0.9v, the output power is considered bad and the current limit is reduced. tie to intv cc to disable foldback. ftmr : fault timer capacitor terminal. connect a capacitor between this pin and ground to set a 12 ms/f duration for current limit before the external hot swap mosfet is turned off. the duration of the off time is 8 s/f, resulting in a 0.15% duty cycle. gnd: device ground. ltc 4236 4236f 9 for more information www.linear.com/ltc4236 p in func t ions hgate: hot swap mosfet gate drive output. connect this pin to the gate of the external n-channel mosfet for hot swap control. an internal 10 a current source charges the mosfet gate. an internal clamp limits the gate volt - age to 12 v above and a diode voltage below out. during an undervoltage generated turn-off, a 2 ma pull-down discharges hgate to ground. during an output short or intv cc undervoltage lockout, a fast 200 ma pull-down discharges hgate to out. in1, in2: positive supply input and ideal diode mosfet gate drive return. connect this pin to the power input side of the external ideal diode mosfet. the 5 v intv cc supply is generated from in1, in2 and out via an internal diode-or. the voltage sensed at this pin is used to control dgate . the gate fast pull-down current returns through in1 pin when dgate1 is discharged. intv cc : internal 5 v supply decoupling output. this pin must have a 0.1 f or larger capacitor to gnd. an external load of less than 500a can be connected at this pin. an undervoltage lockout threshold of 2.2 v will turn off both mosfets. imon: current sense monitoring output. this pin voltage is proportional to the sense voltage across the current sense resistor with a voltage gain of 100. an internal 20k resistor is connected from this pin to ground. on: on control input. a rising edge above 1.235 v turns on the external hot swap mosfet and a falling edge below 1.155v turns it off. connect this pin to an external resistive divider from sense + to monitor the supply undervoltage condition. pulling the on pin below 0.6 v resets the fault latch after an overcurrent fault. tie to intv cc if unused. out: hot swap mosfet gate drive return. connect this pin to the output side of the external mosfet. the gate fast pull-down current returns through this pin when hgate is discharged. pwrgd : power status output. output that pulls low when the fb pin rises above 1.235 v and the mosfet gate drive between hgate and out exceeds 4.2 v. otherwise it is pulled high by a 10 a current source to a diode below intv cc . it may be pulled above intv cc using an external pull-up. leave open if unused. reg: internal regulated supply for current sense ampli - fier. a 0.1 f or larger capacitor should be tied from reg to sense + . this pin is not designed to drive external circuits. sense + : positive current sense input. connect this pin to the diode-or output of the external ideal diode mos- fets and input of the current sense resistor. the voltage sensed at this pin is used for monitoring the current limit and also to control dgate for forward voltage regulation and reverse turn-off. this pin has an undervoltage lockout threshold of 1.9 v that will turn off the hot swap mosfet. sense C : negative current sense input. connect this pin to the output of the current sense resistor. the current limit circuit controls hgate to limit the voltage between sense + and sense C to 25 mv or less depending on the voltage at the fb pin. ltc 4236 4236f 10 for more information www.linear.com/ltc4236 b lock diagra m + ? + ? cl ? + + ? cm + ? gd1 ? + ? + ? + ? + ? + ? + ? + ? + ? + + ? + ? 1.235v en en ? + ? + 0.2v tm2 1.235v ftmr tm1 tm4 tm3 10a intv cc 100a 2a intv cc logic 4236 bd gate driver cpo1 0.9v foldback intv cc 10a intv cc intv cc 10a fault pwrgd cpo2 imon in1 sense ? in2 sense + pg1 pg2 out 4.2v hgate dstat1 in1 0.7v dgate1 dstat2 d2src 0.7v dgate2 uvlo1 uvlo2 1.9v 2.2v sense + 1.235v fb ? + ? + 0.6v rst fault reset 1.235v on hgate on dgate2 off + ? 1.235v doff d2off on 5v ldo charge pump 2 f = 2mhz 100a 100a charge pump 1 f = 2mhz 10a dgate1 dgate2 15mv 15mv gd2 12v 12v 12v reg cs + out 20k 200 4.1v hgate fb d2src dstat2 dstat1 exposed pad ? + ? ? + 0.2v 1.235v dtmr intv cc 0.3v 10a gnd ltc 4236 4236f 11 for more information www.linear.com/ltc4236 o pera t ion the ltc4236 functions as an input supply diode-or with inrush current limiting and overcurrent protection by controlling the external n-channel mosfets (m d1 , m d2 and m h ) on a supply path. this allows boards to be safely inserted and removed in systems with a backplane powered by redundant supplies. the ltc4236 has a single hot swap controller and two separate ideal diode controllers, each providing independent control for the two input supplies. when the ltc4236 is first powered up, the gates of the external mosfets are held low, keeping them off. as the dgate2 pull - up can be disabled by the d2 off pin, dgate 2 will pull high only when the d2off pin is pulled low. the gate drive amplifier ( gd1, gd2) monitors the voltage be - tween the in and sense + pins and drives the respective dgate pin. the amplifier quickly pulls up the dgate pin, turning on the mosfet for ideal diode control, when it senses a large forward voltage drop. with the ideal diode mosfets acting as input supply diode-or, the sense + pin voltage rises to the highest of the supplies at the in1 and in2 pins. an external capacitor connected at the cpo pin provides the charge needed to quickly turn on the ideal diode mosfet. an internal charge pump charges up this capacitor at device power-up. the dgate pin sources current from the cpo pin and sinks current into the in1, d2src and gnd pins. when the dgate1 to in1 or dgate2 to d2src voltage exceeds 0.7 v, the respec - tive d stat pin pulls low to indicate that the ideal diode mosfet is turned on. pulling the on pin high and en pin low initiates a debounce timing cycle that can be a fixed 100 ms or adjustable delay as configured at the dtmr pin. after this timing cycle, a 10a current source from the charge pump ramps up the hgate pin. when the hot swap mosfet turns on, the inrush current is limited at a level set by an external sense resistor (r s ) connected between the sense + and sense C pins. an active current limit amplifier ( cl) servos the gate of the mosfet to 25 mv or less across the cur- rent sense resistor depending on the voltage at the fb pin. inrush current can be further reduced, if desired, by adding a capacitor from hgate to gnd. when fb voltage rises above 1.235 v and the mosfets gate drive ( hgate to out voltage) exceeds 4.2 v, the pwrgd pin pulls low. the high side current sense amplifier ( cm) provides ac - curate monitoring of current through the current sense resistor. the sense voltage is amplified by 100 times and level shifted from the positive rail to a ground-referred output at the imon pin. the output signal is analog and may be used as is or measured with an adc. when the ideal diode mosfet is turned on, the gate drive amplifier controls dgate to servo the forward voltage drop (v in C v sense +) across the mosfet to 15 mv. if the load current causes more than 15 mv of voltage drop, the gate voltage rises to enhance the mosfet. for large output currents, the mosfets gate is driven fully on and the voltage drop is equal to i load ?r ds(on) of the mosfet. in the case of an input supply short-circuit when the mosfets are conducting, a large reverse current starts flowing from the load towards the input. the gate drive amplifier detects this failure condition and turns off the ideal diode mosfet by pulling down the dgate pin. in the case where an overcurrent fault occurs on the supply output, the current is limited with foldback. after a delay set by 100 a charging the ftmr pin capacitor, the fault timer expires and pulls the hgate pin low, turning off the hot swap mosfet. the fault pin is also latched low . at this point, the dgate pin continues to pull high and keeps the ideal diode mosfet on. internal clamps limit both the dgate1 and cpo1 to in1, and dgate2 and cpo2 to d2src voltages to 12 v. the same clamps also limit the dgate and cpo pins to a diode voltage below the in1 or d2src pins. another internal clamp limits the hgate to out voltage to 12 v and also clamps the hgate pin to a diode voltage below the out pin. power to the ltc4236 is supplied from either the in or out pins, through an internal diode-or circuit to a low dropout regulator ( ldo). that ldo generates a 5 v supply at the intv cc pin and powers the ltc4236s internal low voltage circuitry. ltc 4236 4236f 12 for more information www.linear.com/ltc4236 high availability systems often employ parallel-connected power supplies or battery feeds to achieve redundancy and enhance system reliability. power oring diodes are com - monly used to connect these supplies at the point of load at the expense of power loss due to significant diode forward voltage drop. the ltc4236 minimizes this power loss by using external n-channel mosfets as the pass elements, allowing for a low voltage drop from the supply to the load when the mosfets are turned on. when an input source voltage drops below the output common supply voltage, the appropriate mosfet is turned off, thereby matching the function and performance of an ideal diode. by adding a current sense resistor and a hot swap mosfet after the parallel-connected ideal diode mosfets, the ltc4236 enhances the ideal diode performance with inrush current limiting and overcurrent protection ( see figure?1). this allows the board to be safely inserted and removed from a live backplane without damaging the connector. a pplica t ions i n f or m a t ion internal v cc supply the ltc4236 operates with an input supply from 2.9 v to 18v. the power supply to the device is internally regulated at 5 v by a low dropout regulator ( ldo) with an output at the intv cc pin. an internal diode-or circuit selects the highest of the supplies at the in and out pins to power the device through the ldo . the diode - or scheme permits the devices power to be kept alive by the out voltage when the in supplies have collapsed or shut off. an undervoltage lockout circuit prevents all of the mosfets from turning on until the intv cc voltage exceeds 2.2 v. a 0.1f capacitor is recommended between the intv cc and gnd pins, close to the device for bypassing. no external supply should be connected at the intv cc pin so as not to affect the ldos operation. a small external load of less than 500a can be connected at the intv cc pin. figure?1. card resident diode-or with hot swap application + adc cpo1 gnd on fault pwrgd dstat1 dstat2 c l 680f 12v 7a r1 2k intv cc z2 smaj15a d2off in1 dgate1 dgate2 4236 f01 m d2 sir158dp m h sir158dp r s 0.003 hgate out fb sense + cs + sense ? d2src cpo2 c3 0.1f c4 0.1f in2 r2 13.7k r4 15k r3 2k r h 10 r hg 1k c hg 10nf reg c2 0.1f c1 0.1f m d1 sir158dp en z1 smaj15a dtmr c ft 0.1f c dt 0.1f ftmr imon c5 0.1f ltc4236 backplane connector v in1 12v v in2 12v card connector v sense + r6 100k r5 100k r7 100k r8 100k ltc 4236 4236f 13 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion turn-on sequence the board power supply at the out pin is controlled with external n-channel mosfets (m d1 , m d2 and m h ) in figure?1. the ideal diode mosfets connected in parallel on the supply side function as a diode-or, while m h on the load side acts as a hot swap mosfet controlling the power supplied to the output load. the sense resistor r s monitors the load current for overcurrent detection. the hgate capacitor c hg controls the gate slew rate to limit the inrush current. resistor r hg with c hg compensates the current control loop, while r h prevents high frequency oscillations in the hot swap mosfet. during a normal power-up, the ideal diode mosfets turn on first. as soon as the internally generated supply, intv cc , rises above its 2.2 v undervoltage lockout threshold, the internal charge pump is allowed to charge up the cpo pins. because the ideal diode mosfets are connected in parallel as a diode-or, the sense + pin voltage approaches the highest of the supplies at the in1 and in2 pins. the mosfet associated with the lower input supply voltage will be turned off by the corresponding gate drive amplifier . before the hot swap mosfet can be turned on, en must remain low and on must remain high for a debounce cycle as configured at the dtmr pin, to ensure that any contact bounces during the insertion have ceased. at the end of the debounce cycle, the internal fault latch is cleared. the hot swap mosfet is then allowed to turn on by charging up hgate with a 10 a current source from the charge pump. the voltage at the hgate pin rises with a slope equal to 10a/c hg and the supply inrush current flowing into the load capacitor c l is limited to: i inrush = c l c hg ? 10a the out voltage follows the hgate voltage when the hot swap mosfet turns on. if the voltage across the current sense resistor r s becomes too high based on the fb pin voltage, the inrush current will be limited by the internal current limiting circuitry. once the mosfet gate overdrive exceeds 4.2 v and the fb pin voltage is above 1.235 v, the pwrgd pin pulls low to indicate that the power is good. once out reaches the input supply voltage, hgate con - tinues to ramp up. an internal 12 v clamp limits the hgate voltage above out. when the ideal diode mosfet is turned on, the gate drive amplifier controls the gate of the mosfet to servo the forward voltage drop across the mosfet to 15mv. if the load current causes more than 15 mv of drop, the mosfet gate is driven fully on and the voltage drop is equal to i load ? r ds(on) . turn-off sequence the external mosfets can be turned off by a variety of conditions. a normal turn-off for the hot swap mosfet is initiated by pulling the on pin below its 1.155 v threshold (80mv on pin hysteresis), or pulling the en pin above its 1.235 v threshold. additionally, an overcurrent fault that exceeds the fault timer period also turns off the hot swap mosfet. normally, the ltc4236 turns off the mosfet by pulling the hgate pin to ground with a 2 ma current sink. all of the mosfets turn off when intv cc falls below its undervoltage lockout threshold (2.2 v). the dgate pin is pulled down with a 100 a current to one diode voltage below the in1 or d2 src pins, while the hgate pin is pulled down to the out pin by a 200 ma current. when d2off is pulled high above 1.235 v, the ideal diode mosfet in the in2 power path is turned off with dgate2 pulled low by a 100a current. the gate drive amplifier controls the ideal diode mosfet to prevent reverse current when the input supply falls below sense + . if the input supply collapses quickly, the gate drive amplifier turns off the ideal diode mosfet with a fast pull-down circuit. if the input supply falls at a more modest rate, the gate drive amplifier controls the mosfet to maintain sense + at 15mv below in. board presence detect with en if on is high when the en pin goes low , indicating a board presence, the ltc4236 initiates a timing cycle as configured at the dtmr pin for contact debounce. it defaults to inter - nal 100 ms delay if dtmr is tied to intv cc . if an external capacitor c dt is connected from the dtmr pin to gnd, the delay is given by charging the capacitor to 1.235 v with ltc 4236 4236f 14 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion a 10 a current. thereafter, the capacitor is discharged to ground by a 5 ma current. for a given debounce delay, the equation for setting the external capacitor c dt value is: c dt = t db ?0.0081 [f/ms] upon board insertion, any bounces on the en pin restart the timing cycle. when the debounce timing cycle is done, the internal fault latch is cleared. if the en pin remains low at the end of the timing cycle, hgate is charged up with a 10 a current source to turn on the hot swap mosfet. if the en pin goes high, indicating a board removal, the hgate pin is pulled low with a 2 ma current sink after a 20s delay, turning off the hot swap mosfet without clearing any latched fault. overcurrent fault the ltc4236 features an adjustable current limit with foldback that protects the external mosfet against short circuits or excessive load current. the voltage across the external sense resistor r s is monitored by an active current limit amplifier. the amplifier controls the gate of the hot swap mosfet to reduce the load current as a function of the output voltage sensed by the fb pin during active current limit. a graph in the typical performance characteristics shows the current limit sense voltage versus fb voltage. an overcurrent fault occurs when the output has been in current limit for longer than the fault timer period configured at the ftmr pin. current limiting begins when the sense voltage between the sense + and sense C pins reaches 8.3mv to 25 mv depending on the fb pin voltage. the gate of the hot swap mosfet is brought under control by the current limit amplifier and the output current is regulated to limit the sense voltage to less than 25 mv. at this point, the fault timer starts with a 100 a current charging the ftmr pin capacitor. if the ftmr pin voltage exceeds its 1.235v threshold, the external mosfet turns off with hgate pulled to ground by 2ma and fault pulls low. after the hot swap mosfet turns off, the ftmr pin ca - pacitor is discharged with a 2 a pull-down current until its threshold reaches 0.2 v. this is followed by a cool-off period of 14 timing cycles as described in the ftmr pin functions. figure? 2 shows an overcurrent fault on the 12v output. 200s/div out 10v/div hgate 10v/div i load 20a/div 4236 f02 figure?2. overcurrent fault on 12v output 5s/div out 10v/div hgate 10v/div i load 20a/div 4236 f03 figure?3. severe short-circuit on 12v output in the event of a severe short-circuit fault on the 12 v output as shown in figure?3, the output current can surge to tens of amperes. the ltc4236 responds within 1 s to bring the current under control by pulling the hgate to out voltage down to zero volts. almost immediately, the gate of the hot swap mosfet recovers rapidly due to the charge stored in the r hg and c hg network and current is actively limited until the fault timer expires. due to parasitic supply lead inductance, an input supply without any bypass capaci - tor may collapse during the high current surge and then spike upwards when the current is interrupted. figure?9 shows the input supply transient suppressors comprising of z1, r snub1 , c snub1 and z2, r snub2 , c snub2 for the two supplies if there is no input capacitance. ftmr pin functions an external capacitor c ft connected from the ftmr pin to gnd serves as fault timing when the supply output is ltc 4236 4236f 15 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion in active current limit. when the voltage across the sense resistor exceeds the foldback current limit threshold (from 25mv to 8.3 mv), ftmr pulls up with 100 a. otherwise, it pulls down with 2 a. the fault timer expires when the 1.235v ftmr threshold is exceeded, causing the fault pin to pull low. for a given fault timer period, the equation for setting the external capacitor c ft value is: c ft = t ft ? 0.083 [f/ms] after the fault timer expires, the ftmr pin capacitor pulls down with 2 a from the 1.235 v ftmr threshold until it reaches 0.2v . then, it completes 14 cooling cycles consist - ing of the ftmr pin capacitor charging to 1.235 v with a 100a current and discharging to 0.2 v with a 2 a current. at that point, the hgate pin voltage is allowed to start up if the fault has been cleared as described in the resetting fault section. when the latched fault is cleared during the cool-off period, the fault pin pulls high. the total cool-off time for the mosfet after an overcurrent fault is: t cool = c ft ? 8 [s/f] after the cool-off period, the hgate pin is only allowed to pull up if the fault has been cleared for the latchoff part. for the auto-retry part, the latched fault is cleared automatically following the cool-off period and the hgate pin voltage is allowed to restart. resetting fault (ltc4236-1) for the latchoff part, an overcurrent fault is latched after the fault timer expires and the fault pin is asserted low. only the hot swap mosfet is turned off and the ideal diode mosfets are not affected. to reset a latched fault and restart the output, pull the on pin below 0.6 v for more than 100 s and then high above 1.235 v. the fault latch resets and the fault pin de-asserts on the falling edge of the on pin. when on goes high again and the cool-off cycle has completed, a debounce timing cycle is initiated before the hgate pin voltage restarts. toggling the en pin high and then low again also resets a fault, but the fault pin pulls high at the end of the debounce cycle before the hgate pin volt - age starts up. bringing all the supplies below the intv cc undervoltage lockout threshold (2.2 v) shuts off all the mosfets and resets the fault latch. a debounce cycle is initiated before a normal start-up when any of the supplies is restored above the int v cc uvlo threshold. auto-retry after a fault (ltc4236-2) for the auto-retry part, the latched fault is reset automati - cally at the end of the cool-off period as described in the f tmr pin functions section. at the end of the cool-off period, the fault latch is cleared and fault pulls high. the hgate pin voltage is allowed to start up and turn on the hot swap mosfet. if the output short persists, the supply powers up into a short with active current limiting until the fault timer expires and fault again pulls low. a new cool-off cycle begins with ftmr ramping down with a 2 a current. the whole process repeats itself until the output short is removed. since t ft and t cool are a function of ftmr capacitance c ft , the auto-retry cycle is equal to 0.15%, irrespective of c ft . figure?4 shows an auto-retry sequence after an overcur- rent fault. 100ms/div ftmr 2v/div fault 10v/div hgate 20v/div out 10v/div 4236 f04 figure?4. auto-retry sequence after a fault monitor undervoltage fault the on pin functions as a turn-on control and an input supply monitor. a resistive divider connected between the supply diode-or output (sense + ) and gnd at the on pin monitors the supply for undervoltage condition. the undervoltage threshold is set by proper selection of the resistors at the on rising threshold voltage (1.235 v). for figure? 1, if r 1 = 2 k, r2 = 13.7 k, the input supply undervoltage threshold is set to 9.7v. ltc 4236 4236f 16 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion an undervoltage fault occurs if the diode-or output sup- ply falls below its undervoltage threshold. if the on pin voltage falls below 1.155 v but remains above 0.6 v, the hot swap mosfet is turned off by a 2 ma pull-down from hgate to ground. the hot swap mosfet turns back on instantly without the debounce cycle when the diode-or output supply rises above its undervoltage threshold. however, if the on pin voltage drops below 0.6 v, it turns off the hot swap mosfet and clears the fault latch. the hot swap mosfet turns back on only after a debounce cycle when the diode-or output supply is restored above its undervoltage threshold. during the undervoltage fault condition, fault will not be pulled low but pwrgd will be pulled high as hgate is pulled low. the ideal diode function controlled by the ideal diode mosfet is not affected by the undervoltage (uv) fault condition. power good monitor internal circuitry monitors the mosfet gate overdrive between the hgate and out pins. also, the fb pin that connects to out through a resistive divider is used to determine a power good condition. the power good comparator drives high when the fb pin rises above 1.235v, and drives low when fb falls below 1.215 v. the power good status for the input supply is reported via an open-drain output, pwrgd . it is normally pulled high by an external pull-up resistor or the internal 10a pull-up. the pwrgd pin pulls low when the fb power good com - parator is high and the hgate drive exceeds 4.2 v. the p wrgd pin goes high when the hgate is turned off by the on or en pins, or when the fb power good comparator drives low, or when intv cc enters undervoltage lockout. current sense monitor the current through the external sense resistor is moni - tored by ltc4236s current sense amplifier at the cs + and sense C pins ( see figure? 5). the amplifier uses auto-zeroing circuitry to achieve an offset below 150v over temperature, sense voltage and input supply volt - age. the frequency of the auto-zero clock is 10 khz. an internal resistor r in is connected between the amplifiers negative input terminal and cs + pin. the sense amplifier loop forces the negative input terminal to have the same potential as sense C and that develops a potential across r in to be the same as the sense voltage v sense . a cor- responding current , v sense /r in , will flow through r in . the high impedance inputs of the sense amplifier will not conduct this input current, allowing it to flow through an internal mosfet to a resistor r out connected between the imon and gnd pins. the imon output voltage is equal to (r out /r in )??? v sense . the resistor ratio r out /r in defines the voltage gain of the sense amplifier and is set to 100 with r in = 200 and r out = 20 k. full scale input sense voltage to the sense amplifier is 25 mv, corresponding to an output of 2.5 v. for input supply voltages greater than 0.1f 0.1f 10f 5v imon v out i load v cc r in 200 12v 0.1f v sense r out 20k 2-wire i 2 c interface ltc4236 4236 f05 hgate load sense + ref + ref ? sense ? gnd gnd reg scl sda ltc2451 in v out = CCCCC ? v sense = 100 ? v sense r out r in cs + figure?5. high side current monitor with ltc2451 adc ltc 4236 4236f 17 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion 5v, the output clamps at 3.5 v if the allowable input sense voltage range is exceeded. imon output filtering a capacitor connected in parallel with r out will give a low pass response. this will reduce unwanted noise at the output, and may also be useful as a charge reservoir to keep the output steady while driving a switching circuit such as an adc ( see figure? 5). this output capacitor c out in parallel with r out will create a pole in the output response at: f c = 1 2 ? ? r out ? c out reg pin bypassing the ltc4236 has an internally regulated supply near sense + for internal bias of the current sense amplifier. it is not intended for use as a supply or bias pin for external circuitry. a 0.1 f capacitor should be connected between the reg and sense + pins. this capacitor should be located very near to the device and close to the reg pin for the best performance. reg and imon start-up the start-up current of the current sense amplifier when the ltc4236 is powered on consists of two parts: the first is the current necessary to charge the reg bypass capacitor, which is nominally 0.1 f. since the reg voltage charges to approximately 4.1 v below the sense + voltage, this can require a significant amount of start-up current. the second source is the output current that flows into r out , which upon start-up may temporarily drive the imon output high for less than 2 ms. this is a temporary condition which will cease when the sense amplifier settles into normal closed-loop operation. cpo and dgate start-up the cpo pin voltage is initially pulled up to a diode below the in1 or d2src pin when first powered up ( see figure?1). however, for application with back-to-back mosfets in in2 power path, cpo2 starts off at 0 v since d2src is near ground ( see figure?8). cpo starts ramping up 7 s after intv cc clears its undervoltage lockout level. another 40s later, dgate also starts ramping up with cpo. the cpo ramp rate is determined by the cpo pull-up current into the combined cpo and dgate pin capacitances. an internal clamp limits the cpo pin voltage to 12 v above the in1 or d2src pin, while the final dgate pin voltage is determined by the gate drive amplifier. an internal 12v clamp limits the dgate1 and dgate2 pin voltages above in1 and d2src respectively. cpo capacitor selection the recommended value of the capacitor between the cpo1 and in1, and cp02 and d2src pins is approximately 10 the input capacitance c iss of the ideal diode mosfet. a larger capacitor takes a correspondingly longer time to charge up by the internal charge pump. a smaller capacitor suffers more voltage drop during a fast gate turn-on event as it shares charge with the mosfet gate capacitance. mosfet selection the ltc4236 drives n-channel mosfets to conduct the load current. the important features of the mosfets are on - resistance r ds ( on ) , the maximum drain - source voltage bv dss and the threshold voltage. the gate drive for the ideal diode and hot swap mosfet is guaranteed to be greater than 5 v when the supply voltages at in1 and in2 are between 2.9 v and 7 v. when the supply voltages at in1 and in2 are greater than 7v, the gate drive is guaranteed to be greater than 10 v. the gate drive is limited to 14 v. an external zener diode can be used to clamp the potential from the mosfets gate to source if the rated breakdown voltage is less than 14v. the maximum allowable drain- source voltage bv dss must be higher than the supply voltage including supply transients as the full supply voltage can appear across the mosfet. if an input or output is connected to ground, the full supply voltage will appear across the mosfet. the r ds( on) should be small enough to conduct the maximum load current, and also stay within the mosfet s power rating. ltc 4236 4236f 18 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion supply transient protection when the capacitances at the input and output are very small, rapid changes in current during input or output short-circuit events can cause transients that exceed the 24v absolute maximum ratings of the in and out pins. to minimize such spikes, use wider traces or heavier trace plating to reduce the power trace inductance. also, bypass locally with a 10 f electrolytic and 0.1 f ceramic, or alternatively clamp the input with a transient voltage suppressor ( z1, z2). a 100, 0.1 f snubber damps the response and eliminates ringing (see figure?9). design example as a design example for selecting components, consider a 12v system with a 7 a maximum load current for the two supplies (see figure?1). first, select the appropriate value of the current sense resistor r s for the 12 v supply. calculate the sense resistor value based on the maximum load current i load(max) and the lower limit for the current limit sense voltage threshold ? v sense(th)(min) . r s = v sense(th)(min) i load(max) = 22.5mv 7a = 3.2m choose a 3m sense resistor with a 1% tolerance. next, calculate the r ds(on) of the ideal diode mosfet to achieve the desired forward drop at maximum load. assum - ing a forward drop , ? v fwd of 30 mv across the mosfet: r ds(on) v fwd i load(max) = 30mv 7a = 4.2m the sir158dp offers a good choice with a maximum r ds(on) of 1.8 m at v gs = 10 v. the input capacitance c iss of the sir158dp is about 4980 pf. slightly exceeding the 10 recommendation, a 0.1 f capacitor is selected for c2 and c3 at the cpo pins. next, verify that the thermal ratings of the selected hot swap mosfet are not exceeded during power-up or an overcurrent fault. assuming the mosfet dissipates power due to inrush current charging the load capacitor c l at power-up, the energy dissipated in the mosfet is the same as the energy stored in the load capacitor, and is given by: e cl = 1 2 ? c l ? v in 2 for c l = 680 f, the time it takes to charge up c l is cal- culated as: t charge = c l ? v in i inrush = 680f ? 12v 1a = 8ms the inrush current is set to 1 a by adding capacitance c hg at the gate of the hot swap mosfet. c hg = c l ? i hgate(up) i inrush = 680f ? 10a 1a = 6.8nf choose a practical value of 10nf for c hg . the average power dissipated in the mosfet is calculated as: p avg = e cl t charge = 1 2 ? 680f ? 12v ( ) 2 8ms = 6w the mosfet selected must be able to tolerate 6 w for 8ms during power- up. the soa curves of the sir158dp provide 45w (1.5 a at 30 v) for 100 ms. this is sufficient to satisfy the requirement. the increase in junction temperature due to the power dissipated in the mosfet is ? t ?= ? p avg ?? ? zth jc where zth jc is the junction-to-case thermal impedance. under this condition, the sir158dp data sheet indicates that the junction temperature will increase by 3 c using zth jc = 0.5c/w (single pulse). next, the power dissipated in the mosfet during an overcurrent fault must be safely limited. the fault timer capacitor (c ft ) is used to prevent power dissipation in the mosfet from exceeding the soa rating during active current limit. a good way to determine a suitable value for c ft is to superimpose the foldback current limit profile shown in the typical performance characteristics on the mosfet data sheets soa curves. ltc 4236 4236f 19 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion for the sir158dp mosfet, this exercise yields the plot in figure?6. 1ms 10ms 100ms 1s 10s dc bvdss limited i d limited i dm limited limited by r ds(on) * mosfet power dissipation curve resulting from foldback active current limit ta = 25c, single pulse v ds ? drain-to-source voltage (v) 4236 f06 * v gs > minimum v gs at which r ds(on) is specified i d ? drain current (a) 0.01 10 100 1 0.1 100 10 1 0.1 0.01 figure?6. sir158dp soa with design example mosfet power dissipation superimposed as can be seen, the ltc4236 s foldback current limit profile roughly coincides with the 100 ms soa contour. since this soa plot is for an ambient temperature of 25 c only, a maximum fault timer period of much less than 100 ms should be considered, such as 10 ms or less. selecting a 0.1f 10% value for c ft yields a maximum fault timer period of 1.75 ms which should be small enough to protect the mosfet during any overcurrent fault scenario. next, select the values for the resistive divider at the on pin that defines the undervoltage threshold of 9.7 v for the 12v supply at sense + . since the leakage current for the on pin can be as high as 1 a, the total resistance in the divider should be low enough to minimize the resulting offset error. calculate the bottom resistor r1 based on the following equation to obtain less than 0.2% error due to leakage current. r1 = v on(th) i in(leak) ? ? ? ? ? ? ? 0.2% = 1.235v 1a ? ? ? ? ? ? ? 0.2% = 2.4k choose r1 to be 2 k to achieve less than 0.2% error and calculating r2 yields: r2 = v in(uv) v on(th) C 1 ? ? ? ? ? ? ? r1 r2 = 9.7v 1.235v C 1 ? ? ? ? ? ? ? 2k = 13.7k it remains to select the values for the fb pin resistive divider in order to set a power good threshold of 10.5v. keeping in mind the fb pins 1 a leakage current, choose a value of 2 k for the bottom resistor r3. calculating the top resistor r4 value yields: r4 = v out(pg) v fb(th) C 1 ? ? ? ? ? ? ? r3 r4 = 10.5v 1.235v C 1 ? ? ? ? ? ? ? 2k = 15k the subsequent offset error due to the fb pin leakage current will be less than 0.2%. the final components to consider are a 0.1 f bypass (c1) at the intv cc pin and a 0.1 f capacitor ( c4) connected between the reg and sense + pins. pcb layout considerations to achieve accurate current sensing, a kelvin connection for the sense resistor is recommended. the pcb layout should be balanced and symmetrical to minimize wiring errors. in addition, the pcb layout for the sense resistor and the power mosfet should include good thermal management techniques for optimal device power dissipa - tion. a recommended pcb layout is illustrated in figure?7. connect the in and out pin traces as close as possible to the mosfets terminals. keep the traces to the mosfets wide and short to minimize resistive losses. the pcb traces associated with the power path through the mosfets should have low resistance. the suggested trace width for 1oz copper foil is 0.03 " for each ampere of dc current to keep pcb trace resistance, voltage drop and temperature rise to a minimum. note that the sheet resistance of 1oz copper foil is approximately 0.5 m/square, and voltage drops due to trace resistance add up quickly in high cur- rent applications. ltc 4236 4236f 20 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion it is also important to place the bypass capacitor c1 for the intv cc pin, as close as possible between intv cc and gnd. also place c2 near the cpo1 and in1 pins, c3 near the cpo2 and d2src pins, and c4 near the reg and sense + pins. the transient voltage suppressors z1 and z2, when used, should be mounted close to the ltc4236 using short lead lengths. power prioritizer figure?8 shows an application where the in1 supply is passed to the output on the basis of priority, rather than simply allowing the highest voltage to prevail. this is achieved by connecting a resistive divider from in1 at the d2off pin to suppress the turn-on of the back-to-back ideal diode mosfets, m d2 and m d3 in the in2 power path. in this application, the 5 v primary supply (v in1 ) is passed to the output whenever it is available; power is drawn from the 12 v backup supply (v in2 ) only when the primary supply is unavailable. as long as v in1 is above the 4.7v threshold set by the r6-r7 divider at the d2off pin, m d2 and m d3 are turned off, allowing v in1 to be connected to the output through m d1 . the common source terminals of m d2 and m d3 are connected to d2src pin, which allows the body-diode of m d2 to reverse block the current flow from the higher backup supply (v in2 ) to the output. if the primary supply fails and v in1 drops below 4.3 v, d2off is allowed to turn on m d2 and m d3 , and connect the v in2 to the output. when v in1 returns to a viable voltage, m d2 and m d3 turn off, and the output is connected to v in1 . adding r5 in the r6-r7 divider and bypassing it with dstat2 pin control allows the d2off pin hysteresis to be increased from 20 mv to 100 mv. the resistive divider at the on pin sets the sense + undervoltage threshold to 4.1v. ? c4 d g d s d s d s s d s d s d g d s d s d s d g d ??? ? ? ? ? ? ? ?? ? ? ??? z2 z1 r s m h powerpak so-8 m d1 powerpak so-8 m d2 powerpak so-8 win1 via to in1 current flow to load c3 c2 r h c1 out w win2 current flow to load track width w: 0.03" per ampere on 1oz cu foil via to c2 (cpo1) via to dgate2 via to c4 (reg) via to sense + via to gnd plane via to gnd plane via to gnd plane via to dgate1 9 10 11 12 13 28 27 26 25 24 14 23 6 5 4 3 2 1 7 17 18 19 20 21 22 16 8 15 ltc4236ufd 4236 f07 figure?7. recommended pcb layout for power mosfets and sense resistor ltc 4236 4236f 21 for more information www.linear.com/ltc4236 a pplica t ions i n f or m a t ion + adc + v in1 5v primary supply v in2 cpo1 gnd on fault pwrgd dstat1 c l 470f 12v 5a r1 2k intv cc z2 smaj15a d2off in1 dgate1 dgate2 4236 f08 m d3 sir818dp m h sir818dp r s 0.004 hgate out fb sense + cs + sense ? d2src cpo2 c3 0.1f c4 0.1f in2 r2 4.64k r4 4.87k r3 2k r h 10 r hg 1k c hg 10nf m d2 sir818dp reg c2 0.1f c1 0.1f m d1 sir818dp en c dt 0.1f 12v backup battery z1 smaj15a dtmr c ft 0.1f ftmr imon r6 20k r7 56.2k r5 2.2k c5 0.1f dstat2 ltc4236 figure?8. 2-channel power prioritizer backplane connector v in1 12v v in2 12v card connector 12v 10a r1 10k z2 smaj15a 4236 f09 m d2 sir158dp m h sir158dp r s 0.002 v sense + c3 0.1f r h 10 c2 0.1f m d1 sir158dp pwren z1 smaj15a r snub1 100 c snub1 0.1f r snub2 100 c snub2 0.1f d3 r6 2.7k d1 r8 2.7k d1, d2, d3: green led ln1351c d4: red led ln1261cal r5 2.7k d4 adc cpo1 gnd on intv cc d2off in1 dgate1 dgate2 ltc4236 out in2 en dtmr r7 2.7k d2 c1 0.1f c dt 0.1f ftmr c ft 0.1f sense + cs + c4 0.1f reg c l 220f + r4 15k r3 2k fault pwrgd dstat1 dstat2 imon fb d2src r hg 1k c hg 10nf cpo2 hgate sense ? figure?9. 12v, 10a card resident application ltc 4236 4236f 22 for more information www.linear.com/ltc4236 typical a pplica t ion plug-in card 3.3v prioritized power supply at in1 + adc cpo1 gnd on fault pwrgd dstat1 c l 100f 3.3v 5a r1 2k intv cc z2 smaj13a d2off in1 dgate1 dgate2 4236 ta02 m d2 sir818dp m h sir818dp r s 0.004 hgate out fb d2src cpo2 c3 0.1f in2 r2 2.21k r4 2.37k r3 2k r h 10 r hg 1k c hg 10nf c2 0.1f c1 0.1f m d1 sir818dp en z1 smaj13a dtmr c ft 0.1f ftmr imon r9 20k r10 28.7k r8 2.2k c6 0.1f c5 0.1f dstat2 ltc4236 sense + cs + sense ? c4 0.1f reg backplane connector v main 3.3v v aux 3.3v card connector v sense + r6 10k r5 10k r7 10k ltc 4236 4236f 23 for more information www.linear.com/ltc4236 p ackage descrip t ion please refer to http://www .linear.com/product/ltc4236#packaging for the most recent package drawings. 4.00 0.10 (2 sides) 2.50 ref 5.00 0.10 (2 sides) note: 1. drawing proposed to be made a jedec package outline mo-220 variation (wxxx-x). 2. drawing not to scale 3. all dimensions are in millimeters 4. dimensions of exposed pad on bottom of package do not include mold flash. mold flash, if present, shall not exceed 0.15mm on any side 5. exposed pad shall be solder plated 6. shaded area is only a reference for pin 1 location on the top and bottom of package pin 1 top mark (note 6) 0.40 0.10 27 28 1 2 bottom view?exposed pad 3.50 ref 0.75 0.05 r = 0.115 typ r = 0.05 typ pin 1 notch r = 0.20 or 0.35 45 chamfer 0.25 0.05 0.50 bsc 0.200 ref 0.00 ? 0.05 (ufd28) qfn 0506 rev b recommended solder pad pitch and dimensions apply solder mask to areas that are not soldered 0.70 0.05 0.25 0.05 0.50 bsc 2.50 ref 3.50 ref 4.10 0.05 5.50 0.05 2.65 0.05 3.10 0.05 4.50 0.05 package outline 2.65 0.10 3.65 0.10 3.65 0.05 ufd package 28-lead plastic qfn (4mm 5mm) (reference ltc dwg # 05-08-1712 rev b) ltc 4236 4236f 24 for more information www.linear.com/ltc4236 ? linear technology corporation 2015 lt 1215 ? printed in usa linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax : (408) 434-0507 www.linear.com/ltc4236 r ela t e d p ar t s typical a pplica t ion part number description comments LTC4210 single channel hot swap controller operates from 2.7v to 16.5v, active current limiting, tsot23-6 ltc4211 single channel hot swap controller operates from 2.5 v to 16.5v , multifunction current control, msop-8, so-8 or msop-10 ltc4215 single channel hot swap controller operates from 2.9v to 15v, i 2 c compatible monitoring, ssop-16 or qfn-24 ltc4216 single channel hot swap controller operates from 0v to 6v, active current limiting, msop-10 or dfn-12 ltc4218 single channel hot swap controller operates from 2.9v to 26.5v, active current limiting, ssop-16 or dfn-16 ltc4221 dual channel hot swap controller operates from 1v to 13.5v, multifunction current control, ssop-16 ltc4222 dual channel hot swap controller operates from 2.9v to 29v, i 2 c compatible monitoring, ssop-36 or qfn-32 ltc4223 dual supply hot swap controller controls 12v and 3.3v, active current limiting, ssop-16 or dfn-16 ltc4224 dual channel hot swap controller operates from 1v to 6v, active current limiting, msop-10 or dfn-10 ltc4227 dual ideal diode and single hot swap controller operates from 2.9v to 18v, controls three n-channels, ssop-16 or qfn-20 ltc4228 dual ideal diode and hot swap controller operates from 2.9v to 18v, controls four n-channels, ssop-28 or qfn-28 ltc4229 ideal diode and hot swap controller operates from 2.9v to 18v , controls tw o n-channels, ssop-24 or qfn-24 ltc4235 dual 12v ideal diode-or and single hot swap controller with current monitor operates from 9v to 14v, controls three n-channels, qfn-20 ltc4352 low v oltage ideal diode controller operates from 0v to 18v, controls n-channel, msop-12 or dfn-12 ltc4353 dual low voltage ideal diode controller operates from 0v to 18v, controls tw o n-channels, msop-16 or dfn-16 ltc4355 positive high voltage ideal diode-or and monitor operates from 9v to 80v, controls tw o n-channels, so-16, dfn-14 or msop-16 ltc4357 positive high voltage ideal diode controller operates from 9v to 80v, controls n-channel, msop-8 or dfn-6 adc c l 1000f 12v 5a r1 2k bulk supply bypass capacitor + r2 13.7k c5 0.1f bulk supply bypass capacitor backplane v in1 12v v in2 12v plug-in card cpo1 gnd on fault pwrgd dstat1 dstat2 en intv cc d2off in1 dgate1 dgate2 4236 ta03 m d2 sir158dp m h sir158dp r s 0.004 hgate out fb d2src cpo2 c3 0.1f in2 r4 15k r3 2k r h 10 r hg 1k c hg 10nf c2 0.1f c1 0.1f m d1 sir158dp dtmr c ft 0.1f ftmr imon ltc4236 sense + sense ? c4 0.1f reg cs + 12v, 5a backplane resident ideal diode-or application with inrush current limiting ltc 4236 4236f |
Price & Availability of LTC4210 |