Part Number Hot Search : 
BYP60A5 TT214 C74HC0 MC9S12DG 74AHC SM104 C74HC0 SM104
Product Description
Full Text Search
 

To Download L130-2280002011001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  luxeon 3020 industrys most compact, highest drive current 3v mid power led luxeon 3020 is the frst and only hot-color targeted emc-based 3 .0mm x 2.0mm qfn, delivering superior efcacy with superior lumen maintenance and assurance of ansi color compliance at operating conditions 85c. lumileds enables mass production of afordable and reliable bulb s and lamps by simplifying system designs and integration with leadin g lm/$ and hot-color targeting. features and benefits primary applications high efcacy delivers superior lumen maintenance architectural reliable qfn emc package delivers superior thermal properties and reliability downlights 1/9 th ansi micro-color binning enables tight color control indoor area lighting hot-color targeted at 85c which leads to better color accuracy C trofer drive at max current for superior value C tled lamps specialty lighting illumination pb209 luxeon 3020 product brief ?2017 lumileds holding b.v. all rights reserved.
?2017 lumileds holding b.v. all rights reserved. luxeon is a registered trademark of the lumileds holding b.v. in the united states and other countries. lumileds.com luxeon 3020 product performance at 120ma and 100ma at specifed temperature. nomi nal cct [1] minimum cri [2, 3] luminous flux [2, 3] ( lm) typi cal luminous efficacy (lm/w) typi cal lumi nous flux (lm) typical lumi nous efficacy (lm/w) part number minimum typical 120m a 100m a 4000k 70 51 56 153 48 160 l130-4070002011001 5000k 70 51 56 153 48 160 l130-5070002011001 5700k 70 51 56 153 48 160 l130-5770002011001 6500k 70 51 56 153 48 160 l130-6570002011001 2200k 80 40 46 125 40 133 L130-2280002011001 2500k 80 44 50 135 43 143 l130-2580002011001 2700k 80 42 52 134 42 140 l130-2780002011001 3000k 80 44 53 134 43 143 l130-3080002011001 3500k 80 45 55 139 44 147 l130-3580002011001 4000k 80 46 57 145 46 153 l130-4080002011001 5000k 80 46 58 145 46 153 l130-5080002011001 5700k 80 46 57 145 46 153 l130-5780002011001 6500k 80 46 57 145 46 153 l130-6580002011001 2700k 90 36 41 112 35 117 l130-2790002011001 3000k 90 37 42 115 36 120 l130-3090002011001 3500k 90 38 43 117 37 123 l130-3590002011001 4000k 90 40 45 123 38 127 l130-4090002011001 notes: 1. correlated color temperature is hot targeted at t j =85c. 2. luminous fux and cri are based upon mounted package on highly refective surface at t j =25. typical cri is approximately 2 points higher than the minimum cri specifed, but this is not guaranteed. 3. lumileds maintains a tolerance of 2 on cri and 7.5% on luminous fux measurements. notes: 1. drawings are not to scale. 2. all dimensions are in millimeters. 3. tolerance: 0.10mm. mechanical dimensions neither lumileds holding b.v. nor its afliates shall be liable for any kind of loss of data or any other damages, direct, indirect or consequential, resulting from the use of the provided information and data. although lumileds holding b.v. and/or its afliates have attempted to provide the most accurate information and data, the materials and services information and data are provided as is, and neither lumileds holding b.v. nor its afliates warrants or guarantees the contents and correctness of the provided information and data. lumileds holding b.v. and its afliates reserve the right to make changes without notice. you as user agree to this disclaimer and user agreement with the download or use of the provided materials, information and data. pb209 luxeon 3020 product brief 20170306


▲Up To Search▲   

 
Price & Availability of L130-2280002011001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X