1 screw terminal blocks, pitch 3.5/5.0/10.0 mm screw terminal block, clamp with wire protector, upright version, stringable without loss of pitch state: active approvals: of 3 61 KRM 01/2018 ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c
2 *a bore hole of printed circuit board ? 1.3 mm *b dovetail joint without loss of pitch environmental conditions temperature range 2 c0 c 1 1 dauergebrauchstemperatur (nach iec 60216) nach materialdatenblatt materials nsulating bod p 2 according to u clamp cun prenicel and tinplated ire protector cun nicelplated crew steel incplated and chromatiert mechanical data crew sie m tightening torue screw 0 nm connectable conductors for screw clamp ection stranded wire 022 mm 22 (u c) ection solid wire 022 mm 222 (u) 22 (c) tripping length 0 mm electrical data (at t amb 20 c) ated current (de t u 100 c) 15 a (vde, t u 65 c) rated voltage 250 v ac(vde, ul)/300 v-b (csa) material group i (iec)/0 (ul) (cti 600) creepage distance 1.3 mm, with maximum section connected (solid conductor 2.5 mm2) clearance 1.3 mm, with maximum section connected (solid conductor 2.5 mm2) insulation resistance > 10 g? of 3 61 KRM 01/2018
3 designation pole number pu (pieces) mdq (pieces) dimensions (mm) m 02 2 200 000 0 m 0 200 000 m 0 200 000 20 m 0 200 000 2 m 0 200 000 0 m 0 200 000 m 0 200 000 0 m 0 200 000 m 200 000 m 2 2 200 000 0 m 200 000 0 packaging: in bulk, in a cardboard box of 3 61 KRM 01/2018
|