Part Number Hot Search : 
00145 ER802D AA7623SP MPSA1 S220KFKT 10016 BU4328G BZT52C
Product Description
Full Text Search
 

To Download KBP06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac 0.600(15.2) 0.560(14.2) 0.125(3.2)x45 0.60(15.2)min 0.420(10.7) 0.460(11.7) 0.50(12.7)min 0.140(3.6) 0.160(4.1) 0.034(0.86)dia 0.028(0.76)typ 0.18(4.6) 0.20(5.1) 0.055(1.4) 0.039(1.0) galaxy electrical features rating to 1000v prv surge overload rating to 50 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique results in inexpensive product 94v-o maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. kbp02 kbp04 KBP06 kbp08 kbp10 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v ma x imu m rms v o lta g e v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v ma x imu m a v e r ag e f o r w ar d output current @t a =25 peak forw ard surge current 8.3ms single half -sine-w ave superimposed on rated load ma x imu m in s t a nt a ne ou s f o r w a r d v o lt ag e @ 2.0 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg 70 voltage range: 50 --- 1000 v current: 2.0 a 35 50 kbp plastic material has ul flammability classification weight: 0.050 ounces,1.42 grams - 55 ---- + 150 - 55 ---- + 125 i r kbp005 - - - kbp10 a 10.0 lead solderable per mil-std-202 method 208 i f(av) 2.0 silicon bridge rectifiers a 100 kbp005 kbp01 50 100 1.1 1.0 50.0 i fsm www.galaxycn.com bl bl galaxy electrical document number 0287016 1. inch(mm) glass passivated chip junctions
0.4 0.6 0.8 1.0 1.4 1.2 0.1 1.0 10 t j =125 pulse width =300 u s 0.2 0 .01 1.0 10 0 4 0 60 0.1 20 t j =100 100 120 140 80 t j =25 0.4 0.8 1.2 1.6 0 20 40 60 80 100 120 copperpads pcb (12mm x 12mm) 140 2.0 resislive or inductive load 150 110100 8.3ms single half sine wave 0 20 30 40 50 10 amperse average forward output current , amperse amperse micro amperse fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c percent of rated peak reverse voltage kbp005 - - - kbp10 number of cycles at 60h z ambient temperature, instantaneous reverse current, instantaneous forward voltage, volts fi g. 1 -- peak forward surge current fi g. 2 -- forward derati ng curve vvnvv output recti fi ed current ratings and characteristic curves instantaneous forward current, peak forward surge current, bl galaxy electrical www.galaxycn.com document number 0287016 2.


▲Up To Search▲   

 
Price & Availability of KBP06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X