Part Number Hot Search : 
C3360 FS1610BH 4S1071 GS81032A 63168 1N6108A MSU2031 1N494
Product Description
Full Text Search
 

To Download IRG7PH44K10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? IRG7PH44K10Dpbf IRG7PH44K10D-epbf 1 www.irf.com ? 2014 international rectifier submit datasheet feedback may 29, 2014 base part number package type standard pack orderable part number form quantity IRG7PH44K10Dpbf to-247ac tube 25 IRG7PH44K10Dpbf IRG7PH44K10D-epbf to-247ad tube 25 IRG7PH44K10D-epbf absolute maximum ratings parameter max. units v ces collector-to-emitter voltage 1200 v i c @ t c = 25c continuous collector current 70 a ? i c @ t c = 100c continuous collector current 40 i cm pulse collector current, v ge =20v 100 i lm clamped inductive load current, v ge =20v ? 100 i f @ t c = 25c diode continuous forward current 20 i f @ t c = 100c diode continuous forward current 10 v ge continuous gate-to-emitter voltage 30 v p d @ t c = 25c maximum power dissipation 320 w p d @ t c = 100c maximum power dissipation 120 t j operating junction and -40 to +150 c t stg storage temperature range soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw 10 lbfin (1.1 nm) thermal resistance parameter min. typ. max. units r ? jc (igbt) thermal resistance junction-to-case-(each igbt) ? CCC CCC 0.40 c/w r ? cs thermal resistance, case-to-sink (flat, greased surface) CCC 0.24 CCC r ? ja thermal resistance, junction-to-ambient (typical socket mount) CCC 40 CCC r ? jc (diode) thermal resistance junction-to-case-(each diode) ? CCC CCC 1.3 v ces = 1200v i c = 40a, t c =100c t sc ?? 10s, t j(max) = 150c v ce(on) typ. = 1.9v @ i c = 25a applications industrial motor drive ups features benefits low v ce(on) and switching losses high efficiency in a wide range of applications 10s short circuit soa square rbsoa maximum junction temperature 150c increased reliability positive v ce (on) temperature coefficient excellent current sharing in parallel operation rugged transient performance g c e gate collector emitter g c e c ? c g c e insulated gate bipolar transistor with ultrafast soft recovery diode ? IRG7PH44K10Dpbf ? to \ 247ac ? IRG7PH44K10D \ epbf ? to \ 247ad ? e g n-channel c downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 2 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 1200 v v ge = 0v, i c = 250a ? ? v (br)ces / ? t j temperature coeff. of breakdown voltage 0.80 v/c v ge = 0v, i c = 2ma (25c-150c) v ce(on) collector-to-emitter saturation voltage 1.9 2.4 v i c = 25a, v ge = 15v, t j = 25c 2.4 i c = 25a, v ge = 15v, t j = 150c v ge(th) gate threshold voltage 5.0 7.5 v v ce = v ge , i c = 1.2ma ? v ge(th) / ? t j threshold voltage te mperature coeff. -15 mv/c v ce = v ge , i c = 1.2ma (25c-150c) gfe forward transconductance 16 s v ce = 50v, i c = 25a, pw = 20s i ces collector-to-emitter leakage current 1.0 35 a v ge = 0v, v ce = 1200v 1200 v ge = 0v, v ce = 1200v, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 30v v f ? 2.5 3.3 v i f = 8.0a 2.4 i f = 8.0a, t j = 150c switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max ? units conditions q g total gate charge (turn-on) 135 200 nc i c = 25a q ge gate-to-emitter charge (turn-on) 30 45 v ge = 15v q gc gate-to-collector charge (turn-on) 65 100 v cc = 600v e on turn-on switching loss 2.1 3.0 mj ? i c = 25a, v cc = 600v, v ge =15v r g = 10 ? , t j = 25c energy losses include tail & diode reverse recovery ?? e off turn-off switching loss 1.3 2.2 e total total switching loss 3.4 5.2 t d(on) turn-on delay time 75 95 ns ? t r rise time 50 70 t d(off) turn-off delay time 315 340 t f fall time 95 115 e on turn-on switching loss 2.8 mj ? i c = 25a, v cc = 600v, v ge =15v r g = 10 ? , t j = 150c energy losses include tail & diode reverse recovery ?? ? e off turn-off switching loss 2.2 e total total switching loss 5.0 t d(on) turn-on delay time 60 ns t r rise time 55 t d(off) turn-off delay time 340 t f fall time 250 c ies input capacitance 3050 v ge = 0v c oes output capacitance 145 pf v cc = 30v c res reverse transfer capacitance 80 f = 1.0mhz rbsoa reverse bias safe operating area t j = 150c, i c = 100a full square v cc = 960v, vp 1200v v ge = +20v to 0v scsoa ? short circuit safe operating area ? 10 ? ? ? s ? t j = 150c,v cc = 600v, vp 1200v v ge = +15v to 0v erec reverse recovery energy of the diode 190 j t j = 150c t rr diode reverse recovery time 130 ns v cc = 600v, i f = 8a i rr peak reverse recovery current 13 a v ge = 15v, rg = 10 ? diode forward voltage drop ? notes: ? v cc = 80% (v ces ), v ge = 20v. ? r ? is measured at t j of approximately 90c. ? refer to an-1086 for guidelines for measuring v (br)ces safely. ? maximum limits are based on statistical sample size characterization. ? pulse width limited by max. junction temperature. ? values influenced by parasitic l and c in measurement . downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 3 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 25 50 75 100 125 150 t c (c) 0 10 20 30 40 50 60 70 i c ( a ) 1 10 100 1000 10000 v ce (v) 0.1 1 10 100 i c ( a ) 10sec 100sec tc = 25c tj = 150c single pulse dc 1msec fig. 2 - maximum dc collector current vs. case temperature 25 50 75 100 125 150 t c (c) 0 50 100 150 200 250 300 350 p t o t ( w ) 10 100 1000 10000 v ce (v) 1 10 100 1000 i c ( a ) fig. 3 - power dissipation vs. case temperature fig. 5 - reverse bias soa t j = 150c; v ge = 20v fig. 4 - forward soa t c = 25c; t j 150c; v ge = 15v 0.1 1 10 100 f , frequency ( khz ) 0 10 20 30 40 50 60 70 l o a d c u r r e n t ( a ) for both: duty cycle : 50% tj = 150c tcase = 100c gate drive as specified power dissipation = 128.2w fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) i square wave: v cc diode as specified downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 4 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 51 01 52 0 v ge (v) 0 2 4 6 8 10 12 v c e ( v ) i ce = 13a i ce = 25a i ce = 50a 0.0 2.0 4.0 6.0 8.0 10.0 v f (v) 0 20 40 60 80 100 120 140 160 i f ( a ) t j =150c t j = 25c tj = -40c fig. 9 - typ. diode forward voltage drop characteristics 51 01 52 0 v ge (v) 0 2 4 6 8 10 12 v c e ( v ) i ce = 13a i ce = 25a i ce = 50a 0 2 4 6 8 10 v ce (v) 0 20 40 60 80 100 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v fig. 8 - typ. igbt output characteristics t j = 150c; tp = 20s fig. 10 - typical v ce vs. v ge t j = -40c fig. 11 - typical v ce vs. v ge t j = 25c fig. 7 - typ. igbt output characteristics t j = 25c; tp = 20s 0 2 4 6 8 10 v ce (v) 0 20 40 60 80 100 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v fig. 6 - typ. igbt output characteristics t j = -40c; tp = 20s 0 2 4 6 8 10 v ce (v) 0 20 40 60 80 100 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 5 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 0 10 20 30 40 50 i c (a) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 4 6 8 10 12 14 v ge (v) 0 25 50 75 100 i c e ( a ) t j = 25c t j = 150c fig. 13 - typ. transfer characteristics v ce = 50v; tp = 20s fig. 15 - typ. switching time vs. i c t j = 150c; l = 0.62mh; v ce = 600v, r g = 10 ? ; v ge = 15v fig. 16 - typ. energy loss vs. r g t j = 150c; l = 0.62mh; v ce = 600v, i ce = 25a; v ge = 15v 0 1 02 03 04 05 0 i c (a) 0 1000 2000 3000 4000 5000 6000 7000 8000 e n e r g y ( j ) e off e on 0 2 04 06 08 01 0 0 rg ( ? ) 2000 3000 4000 5000 6000 7000 e n e r g y ( j ) e off e on fig. 14 - typ. energy loss vs. i c t j = 150c; l = 0.62mh; v ce = 600v, r g = 10 ? ; v ge = 15v 0 20 40 60 80 100 r g ( ? ) 10 100 1000 10000 s w i c h i n g t i m e ( n s ) t r td off t f td on fig. 17 - typ. switching time vs. r g t j = 150c; l = 0.62mh; v ce = 600v, i ce = 25a; v ge = 15v 51 01 52 0 v ge (v) 0 2 4 6 8 10 12 v c e ( v ) i ce = 13a i ce = 25a i ce = 50a fig. 12 - typical v ce vs. v ge t j = 150c downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 6 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 0 100 200 300 400 500 di f /dt (a/s) 200 400 600 800 1000 1200 1400 1600 1800 q r r ( n c ) ?? ??? ???? ??? 4a 16a 8a fig. 21 - typ. diode q rr vs. di f /dt v cc = 600v; v ge = 15v; t j = 150c 2 4 6 8 10 12 14 16 18 i f (a) 0 50 100 150 200 250 300 350 e n e r g y ( j ) r g =10 ? r g = ?? r g = 47 ? r g = 100 ? fig. 22 - typ. diode e rr vs. i f t j = 150c 0 100 200 300 400 500 di f /dt (a/s) 5 7 9 11 13 15 i r r ( a ) fig. 20 - typ. diode i rr vs. di f /dt v cc = 600v; v ge = 15v; i f = 8.0a; t j = 150c 8 1 01 21 41 61 8 v ge (v) 10 20 30 40 t i m e ( s ) 40 80 120 160 c u r r e n t ( a ) t sc i sc fig. 23 - v ge vs. short circuit time v cc = 600v; t c = 150c 4 6 8 10 12 14 16 i f (a) 2 6 10 14 18 i r r ( a ) r g = ?? r g = 47 ? r g = 10 ? r g = 100 ? fig. 18 - typ. diode i rr vs. i f t j = 150c 0 20 40 60 80 100 120 r g ( ? ) 2 4 6 8 10 12 14 i r r ( a ) fig. 19 - typ. diode i rr vs. r g t j = 150c downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 7 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r ma l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r ma l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc fig. 26 - maximum transient thermal impedance, junction-to-case (igbt) fig. 27 - maximum transient thermal impedance, junction-to-case (diode) ri (c/w) ? i (sec) ? 0.010602 0.000026 0.112078 0.000155 0.169631 0.003607 0.098447 0.018763 ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= ? i ? ri ci= ? i ? ri ? c ? c ? 4 ? 4 r 4 r 4 ri (c/w) ? i (sec) ? 0.016084 0.000015 0.462040 0.000462 0.554156 0.003501 0.266112 0.021934 ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= ? i ? ri ci= ? i ? ri ? c ? c ? 4 ? 4 r 4 r 4 0 100 200 300 400 500 600 v ce (v) 10 100 1000 10000 c a p a c i t a n c e ( p f ) cies coes cres fig. 24 - typ. capacitance vs. v ce v ge = 0v; f = 1mhz 0 20 40 60 80 100 120 140 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e , g a t e - t o - e m i t t e r v o l t a g e ( v ) v ces = 600v v ces = 400v fig. 25 - typical gate charge vs. v ge i ce = 25a downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 8 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 fig.c.t.1 - gate charge circuit (turn-off) fig.c.t.2 - rbsoa circuit fig.c.t.3 - s.c. soa circuit fig.c.t.4 - switching loss circuit fig.c.t.5 - resistive load circuit fig.c.t.6 - bvces filter circuit 0 1k vcc dut l l rg 80 v dut vcc + - dc 4x dut vcc r sh l rg vcc dut / driver diode clamp / dut -5v rg vcc dut r = vcc icm g force c sense 100k dut 0.0075f d1 22k e force c force e sense downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 9 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 fig. wf1 - typ. turn-off loss waveform @ t j = 150c using fig. ct.4 fig. wf2 - typ. turn-on loss waveform @ t j = 150c using fig. ct.4 fig. wf4 - typ. s.c. waveform @ t j = 150c using fig. ct.3 fig. wf3 - typ. diode recovery waveform @ t j = 150c using fig. ct.4 -10 0 10 20 30 40 50 -200 0 200 400 600 800 1000 -0.5 0 0.5 1 i ce (a) v ce (v) time(s) 90% i ce 10% v ce 10% i ce eoff loss t f -10 0 10 20 30 40 50 -200 0 200 400 600 800 1000 -0.5 0 0.5 1 i ce (a) v ce (v) time (s) test current 90% i ce 10% v ce 10% i ce tr eon loss -50 0 50 100 150 200 -200 0 200 400 600 800 -20 -10 0 10 ice (a) vce (v) time (s) vce ice -50 0 50 100 150 200 -200 0 200 400 600 800 -20 -10 0 10 ice (a) vce (v) time (s) vce ice -30 -15 0 15 30 45 -0.20 0.00 0.20 0.40 0.60 0.80 i f (a) time (s) peak i rr t rr q rr downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 10 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 to-247ac package outline dimensions are shown in millimeters (inches) to-247ac part marking information note: for the most current drawing please refer to ir website at http://www.irf.com/package/ to-247ac package is not recommended for surface mount application. year 1 = 2001 date code part number international logo rectifier assembly 56 57 irfpe30 135h line h indicates "lead-free" week 35 lot code in the assembly line "h" assembled on ww 35, 2001 notes: this part marking information applies to devices produced after 02/26/2001 note: "p" in assembly line position example: with assembly this is an irfpe30 lot code 5657 downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 11 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 to-247ad package outline dimensions are shown in millimeters (inches) to-247ad part marking information note: for the most current drawing please refer to ir website at http://www.irf.com/package/ to-247ad package is not recommended for surface mount application. assem bly year 0 = 2000 assem bled o n w w 35, 2000 in the assem bly line "h" exam ple: this is an irgp30b120kd-e lo t co de 5657 with assembly part number date code in t e r n a t io n a l rectifier lo g o 035h 5 6 5 7 week 35 lin e h lot code n o te : "p " in a s s e m b ly lin e p o s itio n indicates "lead-free" downloaded from: http:///
? IRG7PH44K10Dpbf/IRG7PH44K10D-epbf 12 www.irf.com ? 2014international rectifier submit datasheet feedback may 29, 2014 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ qualification information ? qualification level industrial ? (per jedec jesd47f) ?? moisture sensitivity level to-247ac n/a rohs compliant yes to-247ad n/a ? qualification standards can be found at international rectifiers web site: http://www.irf.com/product-info/reliability/ ?? applicable version of jedec standar d at the time of product release. revision history date comments 5/29/14 ? corrected pin assignment from g to c on page1 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRG7PH44K10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X