Part Number Hot Search : 
EHRCA2X 1MC04030 PHB10 CS439 SMAJ16 MAX893 AD821207 122DL
Product Description
Full Text Search
 

To Download IFLY0012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc-dc flyback transformer for telecom document 269 document 269 revised 01/26/05 this low profle fyback transformer is designed for applica - tions such as subscriber line interface circuits (slics), cable and dsl modems and set top boxes. inductance inductance leakage at 0 adc 2 at 6.5 adc 2 dcr max inductance isolation 3 part number 1 10% (h) min (h) (ohms) max (h) input output (vrms) IFLY0012l_ 6.0 4.8 0.021 (pins 8 - 1) 0.3 9 v C 20 v C 24 v, 170 ma 500 0.690 (pins 7 - 2) C 72 v, 170 ma 0.690 (pins 6 - 3) 0.690 (pins 5 - 4) a max b max c max d nom e nom f nom 0.925 0.675 0.360 0.591 0.148 0.079 0.110 inches 23,5 17,15 9,14 15,01 3,76 2,01 2,79 mm for free evaluation samples, contact coilcraft or visit www. coilcraft.com . 1. when ordering, please specify packaging code: IFLY0012l d packaging: d = 13 machine ready reel. eia-481 embossed plastic tape (200 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance is for the primary, measured at 100 khz, 1.0 vrms. 3. isolation is from primary to secondary, tested for one minute. 4. operating temperature range C 40c to +85c. 5. electrical specifcations at 25c. for use with intersil isl6401 family dot on pin 1 recommended land p attern e f d 1 b c a 1 1 8 4 4 5 5 8 0.004/0,01 ifl y0012 8 2 7 1 3 4 6 5 pr imar y ?2 4v ?7 2v gnd dimensions are in inches mm core material ferrite terminations rohs matte tin over nickel over phos bronze weight 5.2 g isolation 500 vrms, one minute primary to secondary ambient temperature C40c to +85c storage temperature component: C40c to +85c. tape and reel packaging: C40c to +80c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 200/13 reel plastic tape: 44 mm wide, 0.4 mm thick, 28 mm pocket spacing, 9.6 mm pocket depth pcb washing only pure water or alcohol recommended us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of IFLY0012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X