semihow rev.a1,.may 2015 HDSE8U60G may 2015 c a absolute maximum ratings t c =25 c unless otherwise noted symbol parameter value unit v rrm peak repetitive reverse voltage 600 v v r dc blocking voltage i f(av) average rectifier forward current (t c =125 ) 8 a i fsm non - rectifier peak surge current @8.3ms 80 a t j , t stg operating and storage temperature range - 55 to +150 thermal resistance characteristics symbol parameter test conditions min typ max unit v br breakdown voltage i r = 50ua 600 -- -- v v f forward voltage i f = 8a, t c = 25 -- 1.40 1.70 v i f = 8a, t c = 125 -- 1.25 1.50 i r reverse current v r = 600v, t c = 25 -- -- 10 ua t rr reverse recovery time i f = 1a, di / dt = 200a/ s -- 27 -- ns i f = 8a, di / dt = 200a/ s -- 52 -- ns electrical characteristics symbol parameter typ. max. unit r jc junction -to - case -- 4.0 /w HDSE8U60G ultra fast recovery diode features ? high breakdown voltage ? high speed switching ? avalanche energy rated ? planar construction general description with excellent performance in reverse recovery time, switching speed and rated current, HDSE8U60G can be utilized with high voltage power switches for voltage limitation and high - frequency current rectification. applications ? led power & other charger smps ? pfc ? general purpose v rrm = 600 v i f = 8 a t rr(typ) = 27 ns cathode anode to - 220f - 2l
semihow rev.a1,.may 2015 HDSE8U60G typical characteristics figure 1. forward current derating curve figure 2. typical forward characterisitics figure 3. typical reverse characteristics figure 4. typical junction capacitance 0 100 200 300 400 500 600 0.1 1 10 100 1000 10000 t c =25 o c t c =75 o c instantaneous reverse current [na] reverse voltage [v] t c =125 o c 1 10 100 10 20 30 40 50 60 junction capacitance [pf] reverse voltage [v] 25 50 75 100 125 150 0 2 4 6 8 10 average forward rectified current [a] case temperature [ o c] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1 t c =25 o c t c =75 o c t c =125 o c instantaneous forward current [a] forward voltage [v]
semihow rev.a1,.may 2015 HDSE8U60G package dimension to - 220f - 2l
|