hdl1s thru hdl10s ? ? 1 / 4 yangzhou yangjie electroni c technology co., ltd. s-s327 rev. 2.0, 24-jan-15 www.21yangjie.com bridge rectifiers features ul recognition, file #e313149 ideal for automated placement high surge current capability meets msl level 1, per j-std-020, lf maximum peak of 260 c typical applications general purpose use in ac/dc bridge full wave rectification for power supply, lighting ballast, battery charger, home appliances, office equipment, and telecommunication applications. mechanical data p ackage : mbls molding compound meets ul 94 v-0 flammability rating, rohs-compliant terminals : tin plated leads, solderable per j-std-002 and jesd22-b102 polarity: as marked on body ? maximum ratings (t a =25 unless otherwise specified parameter symbol unit hdl1s hdl2s hdl4s ? HDL6S ? hdl8s ? hdl10s device marking code hdl1s hdl2s hdl4s ? HDL6S ? hdl8s ? hdl10s ? repetitive peak reverse voltage vrrm v 100 200 400 600 800 1000 average rectified output current @60hz sine wave, r-load, ta=40 on alumina substrate i o a 0.8 on glass-epoxi substrate 0.5 surge(non-repetitive)forward current @60hz half sine wave, 1 cycle, t j =25 i fsm a 30 current squared time @1ms t 8.3ms tj=25 ,rating of per diode i 2 t a 2 s 3.7 storage temperature t stg -55 ~+150 junction temperature t j -55 ~+150 electrical characteristics t a =25 unless otherwise specified parameter symbol unit test conditions hdl1s hdl2s hdl4s ? HDL6S ? hdl8s ? hdl10s maximum instantaneous forward voltage drop per diode v f v i fm =0.4a 1.0 maximum dc reverse current at rated dc blocking voltage per diode i rrm a v rm =v rrm 5 compliant rohs ?
hdl1s thru hdl10s ? ? 2 / 4 yangzhou yangjie electroni c technology co., ltd. s-s327 rev. 2.0, 24-jan-15 www.21yangjie.com thermal characteristics t a =25 unless otherwise specified parameter symbol unit hdl1s hdl2s hdl4s ? HDL6S ? hdl8s ? hdl10s ? thermal resistance between junction and ambient, on alumina substrate r j-a /w 76 between junction and ambient, on glass- epoxi substrate r j-a 134 between junction and lead r j-l 20 ordering information (example) prefered p/n packing code unit weight(g) miniimum package(pcs) inner box quantity(pcs) outer carton quantity(pcs) delivery mode hdl1s-hdl10s f1 approximate 0.083 4000 8000 64000 13? reel characteristics (typical) ` 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.02 0.05 fig3: forward voltage 0.1 1 2 4 6 0.5 ta=25 instantaneous forward current (a) instantaneous forward voltage (v) 0 20 40 60 80 100 0.01 0.1 1.0 10 100 tj=150 tj=25 fig4:typical reverse characteristics instantaneous reverse current (ua) percent of rated peak reverse voltage (%) 1 0 2 5 10 20 50 100 5 half sine wave non-repetitive tj=25 fig2:surge forward current capability number of cycles 0 8.3ms 1cycle ifsm 8.3ms 10 15 20 25 30 35 p e a k f o r w a r d s u r g e c u r r e n t ( a ) 0 0 0.2 fig1:io-ta curve 160 40 80 120 0.4 0.6 0.8 1.0 1.2 ? soldering land 1mm1mm 1mm1mm conductor layer 35um 20um substrate thickness 0.64mm .on glass-epoxi substrate .on alumina substrate average forward output current(a) ambient temperature(c)
hdl1s thru hdl10s ? ? 3 / 4 yangzhou yangjie electroni c technology co., ltd. s-s327 rev. 2.0, 24-jan-15 www.21yangjie.com outline dimensions mbls dim min max a 3.60 4.00 b 6.40 7.00 c 2.20 2.60 d 4.50 4.90 e 1.30 1.50 f 1.40 1.60 g 0.56 0.84 h 0.15 0.35 i 0.20max j 0.70 1.10 suggested pad layout dim min p1 6.00 p2 2.40 q1 ? 1.84 q2 ? 1.20 dimensions in millimeters q2 p2 p1 q1 dimensions in millimeters a b c d g h i e f j mbls
hdl1s thru hdl10s ? ? 4 / 4 yangzhou yangjie electroni c technology co., ltd. s-s327 rev. 2.0, 24-jan-15 www.21yangjie.com disclaimer the information presented in this document is for reference only. yangzhou yangjie electronic technology co., ltd. reserves the right to make changes without notice for t he specification of the produc ts displayed herein to improve reliability, function or design or otherwise. the product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used wit h equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (su ch as medical instruments, trans portation equipment, aerospa ce machinery, nuclear-reactor controll ers, fuel controll ers and other saf ety devices), yangjie or anyone on its behalf, assumes no responsibilit y or liability for any damages resulting from such improper use of sale. this publication supersedes & replaces all information previous ly supplied. for additional information, please visit our websit e http:// www.21yangjie.com , or consult your nearest yangjie?s sales office for further assistance.
|