|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ac-dc power supplies 1 of 1 creation date : january 04, 2019 (gmt) DRJ30-24-1 new product sales region worldwide series drj status production feature din din rail installation compatible option option lineup please refer to here. recommended emc filter please refer to here. accessories please refer to the catalog electrical characteristics input voltage range[ac] 85 to 264v input voltage range[dc] 120 to 370v e?ciency 90% typ. rated output voltage[dc] 24v output voltage range[dc] 21.6 to 28.5v maximum output current 1.25a maximum output power 30w cases shape & size case shape din rail width(w) 21.5mm nom. height(h) 75mm nom. depth(d) 90mm nom. weight 120g typ. other operating temp. range -20 to 70c cooling convection cooling safety standard(certi?ed) ul60950-1 csa c22.2 no.60950-1 csa c22.2 no.107.1 en60950-1 ul508 safety standard(conformed) den-an appendix 8 at 100vac only remarks this page only shows representative characteristics. please refer to the technical data for detailed speci?cations and conditions. ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
|
Price & Availability of DRJ30-24-1 |