Part Number Hot Search : 
MIC83301 CR8PM BU405 2SC3376 MN1202 SD2200R TCR2BE19 HTG2190
Product Description
Full Text Search
 

To Download CD74HC4020E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 data sheet acquired from harris semiconductor schs201 features ? fully static operation ? buffered inputs ? common reset ? negative edge clocking ? typical f max = 60 mhz at v cc = 5v, c l = 15pf, t a = 25 o c ? fanout (over temperature range) - standard outputs . . . . . . . . . . . . . . . 10 lsttl loads - bus driver outputs . . . . . . . . . . . . . 15 lsttl loads ? wide operating temperature range . . . -55 o c to 125 o c ? balanced propagation delay and transition times ? signi?cant power reduction compared to lsttl logic ics ? hc types - 2v to 6v operation - high noise immunity: n il = 30%, n ih = 30% of v cc at v cc = 5v ? hct types - 4.5v to 5.5v operation - direct lsttl input logic compatibility, v il = 0.8v (max), v ih = 2v (min) - cmos input compatibility, i l 1 m a at v ol , v oh description the harris cd74hc4020 and cd74hct4020 are 14-stage ripple-carry binary counters. all counter stages are master- slave ?ip-?ops. the state of the stage advances one count on the negative clock transition of each input pulse; a high voltage level on the mr line resets all counters to their zero state. all inputs and outputs are buffered. pinout cd74hc4020, cd74hct4020 (pdip, soic) top view ordering information part number temp. range ( o c) package pkg. no. CD74HC4020E -55 to 125 16 ld pdip e16.3 cd74hct4020e -55 to 125 16 ld pdip e16.3 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 q 12 q 13 q 14 q6 q 5 q 7 gnd q 4 v cc q 10 q 8 q 9 mr cp q 1 q 11 february 1998 caution: these devices are sensitive to electrostatic discharge. users should follow proper ic handling procedures. copyright ? harris corporation 1998 file number 1484.2 cd74hc4020, cd74hct4020 high speed cmos logic 14-stage binary counter [ /title (cd74 hc402 0, cd74 hct40 20) / sub- j ect (high speed cmos
2 functional diagram 9 5 6 12 1 3 2 15 10 input q1 q4 q5 q6 q7 q8 q9 q10 11 master q11 q12 q13 q14 7 4 13 14 8 gnd v cc 16 pulses reset buffered outputs 14-stage ripple counter truth table cp count mr output state - l no change l advance to next state x h all outputs are low note: h = high voltage level, l = low voltage level, x = dont care, - = transition from low to high level, = transition from high to low. cd74hc4020, cd74hct4020
3 logic diagram 9 q 1 cp q cp q i r q cp q cp q 2 r cp q cp q 3 r cp q cp q 4 r 7 q 4 cp q cp q 5 r 5 q 5 cp q cp q 6 r 4 q 6 cp q cp q 7 r 6 q 7 cp q cp q 8 r 13 q 8 cp q cp q 9 r 12 q 9 cp q cp q 10 r 14 q 10 cp q cp q 12 r 15 q 11 cp q cp q 11 r 1 q 12 cp q cp q 13 r 2 q 13 cp q cp q 14 r 3 q 14 cp mr 11 10 cd74hc4020, cd74hct4020
4 absolute maximum ratings thermal information dc supply voltage, v cc . . . . . . . . . . . . . . . . . . . . . . . . -0.5v to 7v dc input diode current, i ik for v i < -0.5v or v i > v cc + 0.5v . . . . . . . . . . . . . . . . . . . . . . 20ma dc output diode current, i ok for v o < -0.5v or v o > v cc + 0.5v . . . . . . . . . . . . . . . . . . . . 20ma dc output source or sink current per output pin, i o for v o > -0.5v or v o < v cc + 0.5v . . . . . . . . . . . . . . . . . . . . 25ma dc v cc or ground current, i cc or i gnd . . . . . . . . . . . . . . . . . . 50ma operating conditions temperature range (t a ) . . . . . . . . . . . . . . . . . . . . . -55 o c to 125 o c supply voltage range, v cc hc types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2v to 6v hct types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5v to 5.5v dc input or output voltage, v i , v o . . . . . . . . . . . . . . . . . 0v to v cc input rise and fall time 2v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (max) 4.5v. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (max) 6v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (max) thermal resistance (typical, note 3) q ja ( o c/w) pdip package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 soic package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115 maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . . 150 o c maximum storage temperature range . . . . . . . . . .-65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . . 300 o c (soic - lead tips only) caution: stresses above those listed in absolute maximum ratings may cause permanent damage to the device. this is a stress only rating and operatio n of the device at these or any other conditions above those indicated in the operational sections of this speci?cation is not im plied. note: 3. q ja is measured with the component mounted on an evaluation pc board in free air. dc electrical speci?cations parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o cto125 o c units v i (v) i o (ma) min typ max min max min max hc types high level input voltage v ih - - 2 1.5 - - 1.5 - 1.5 - v 4.5 3.15 - - 3.15 - 3.15 - v 6 4.2 - - 4.2 - 4.2 - v low level input voltage v il - - 2 - - 0.5 - 0.5 - 0.5 v 4.5 - - 1.35 - 1.35 - 1.35 v 6 - - 1.8 - 1.8 - 1.8 v high level output voltage cmos loads v oh v ih or v il -0.02 2 1.9 - - 1.9 - 1.9 - v -0.02 4.5 4.4 - - 4.4 - 4.4 - v -0.02 6 5.9 - - 5.9 - 5.9 - v high level output voltage ttl loads - - --- - - - - v -4 4.5 3.98 - - 3.84 - 3.7 - v -5.2 6 5.48 - - 5.34 - 5.2 - v low level output voltage cmos loads v ol v ih or v il 0.02 2 - - 0.1 - 0.1 - 0.1 v 0.02 4.5 - - 0.1 - 0.1 - 0.1 v 0.02 6 - - 0.1 - 0.1 - 0.1 v low level output voltage ttl loads - - --- - - - - v 4 4.5 - - 0.26 - 0.33 - 0.4 v 5.2 6 - - 0.26 - 0.33 - 0.4 v input leakage current i i v cc or gnd -6-- 0.1 - 1- 1 m a quiescent device current i cc v cc or gnd 0 6 - - 8 - 80 - 160 m a cd74hc4020, cd74hct4020
5 hct types high level input voltage v ih - - 4.5 to 5.5 2- - 2 - 2 - v low level input voltage v il - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 v high level output voltage cmos loads v oh v ih or v il -0.02 4.5 4.4 - - 4.4 - 4.4 - v high level output voltage ttl loads -4 4.5 3.98 - - 3.84 - 3.7 - v low level output voltage cmos loads v ol v ih or v il 0.02 4.5 - - 0.1 - 0.1 - 0.1 v low level output voltage ttl loads 4 4.5 - - 0.26 - 0.33 - 0.4 v input leakage current i i v cc and gnd 0 5.5 - - 0.1 - 1- 1 m a quiescent device current i cc v cc or gnd 0 5.5 - - 8 - 80 - 160 m a additional quiescent device current per input pin: 1 unit load d i cc v cc -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 m a note: for dual-supply systems theoretical worst case (v i = 2.4v, v cc = 5.5v) speci?cation is 1.8ma. dc electrical speci?cations (continued) parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o cto125 o c units v i (v) i o (ma) min typ max min max min max hct input loading table input unit loads mr 0.65 cp 0.5 note: unit load is d i cc limit speci?ed in dc electrical table, e.g., 360 m a max at 25 o c. prerequisite for switching speci?cations parameter symbol v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units min max min max min max hc types maximum input pulse frequency f max 26-5-4-ns 4.530-25-20-ns 635-29-24-ns input pulse width t w 2 80 - 100 - 120 - ns 4.516-20-24-ns 614-17-20-ns reset removal time t rem 250-65-75-ns 4.510-13-15-ns 6 9 -11-13-ns cd74hc4020, cd74hct4020
6 reset pulse width t w 2 80 - 100 - 120 - ns 4.516-20-24-ns 614-17-20-ns hct types maximum input pulse frequency f max 4.5 25 - 20 - 16 - mhz input pulse width t w 4.520-25-30-ns reset recovery time t rec 4.510-13-15-ns reset pulse width t w 4.520-25-30-ns switching speci?cations input t r , t f = 6ns parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units min typ max min max min max hc types propagation delay time (figure 1) t plh, t phl c l = 50pf 2 - - 140 - 175 - 210 ns cp to q1 output 4.5 - - 28 - 35 - 42 ns c l =15pf 5 - 11 - - - - - ns c l = 50pf 6 - - 24 - 30 - 36 ns q n to q n + 1 t plh, t phl c l = 50pf 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns c l =15pf 5 - 6 - - - - - ns c l = 50pf 6 - - 13 - 16 - 19 ns mr to q n t plh, t phl c l = 50pf 2 - - 170 - 215 - 255 ns 4.5 - - 34 - 43 - 51 ns 5 - 14 - - - - - ns 6 - - 29 - 37 - 43 ns output transition time (figure 1) t tlh ,t thl c l = 50pf 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns input capacitance c in c l = 50pf - - - 10 - 10 - 10 pf power dissipation capaci- tance (notes 4, 5) c pd c l =15pf 5 - 30 - - - - - pf hct types propagation delay time (figure 2) t plh, t phl c l = 50pf 4.5 - - 40 - 50 - 60 ns cp to q1 output c l =15pf 5 - 17 - - - - - ns q n to q n + 1 t plh, t phl c l = 50pf 4.5 - - 15 - 19 - 22 ns c l =15pf 5 - 6 - - - - - ns mr to q n t plh, t phl c l = 50pf 4.5 - - 40 - 50 - 60 ns c l =15pf 5 - 17 - - - - - ns prerequisite for switching speci?cations (continued) parameter symbol v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units min max min max min max cd74hc4020, cd74hct4020
7 output transition t tlh ,t thl c l = 50pf 4.5 - - 15 - 19 - 22 ns input capacitance c in c l =15pf - - - 10 - 10 - 10 pf power dissipation capaci- tance (notes 4, 5) c pd c l =15pf 5 - 30 - - - - - pf notes: 4. c pd is used to determine the dynamic power consumption, per package. 5. p d = v cc 2 f i (c pd + c l ) where f i = input frequency, c l = output load capacitance, v cc = supply voltage. switching speci?cations input t r , t f = 6ns (continued) parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units min typ max min max min max test circuits and waveforms note: outputs should be switching from 10% v cc to 90% v cc in accordance with device truth table. for f max , input duty cycle = 50%. figure 1. hc clock pulse rise and fall times and pulse width note: outputs should be switching from 10% v cc to 90% v cc in accordance with device truth table. for f max , input duty cycle = 50%. figure 2. hct clock pulse rise and fall times and pulse width clock 90% 50% 10% gnd v cc t r c l t f c l 50% 50% t wl t wh 10% t wl + t wh = f cl i clock 2.7v 1.3v 0.3v gnd 3v t r c l = 6ns t f c l = 6ns 1.3v 1.3v t wl t wh 0.3v t wl + t wh = fc l i cd74hc4020, cd74hct4020
important notice texas instruments and its subsidiaries (ti) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. ti warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with ti's standard warranty. testing and other quality control techniques are utilized to the extent ti deems necessary to support this warranty. specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage (acritical applicationso). ti semiconductor products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical applications. inclusion of ti products in such applications is understood to be fully at the customer's risk. in order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. ti assumes no liability for applications assistance or customer product design. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of ti covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. ti's publication of information regarding any third party's products or services does not constitute ti's approval, warranty or endorsement thereof. copyright ? 1999, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of CD74HC4020E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X