Part Number Hot Search : 
PSS0095 D78002 330M3 HC165 LT1192M SN54LS47 MAX31 JWM11BA
Product Description
Full Text Search
 

To Download CD621015B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerex, inc., hillis street, youngwood, pennsylvania 15697 (724) 925-7272 pow-r-blok tm dual scr/diode isol ated module 150 amperes / up to 1800 volts revision date: 04/28/2009 cd62__15b cd67__15b cd62__15b, cd67__15b outline dimensions dimension inches millimeters a 3.70 94 b 1.38 35 c 1.18 30 d 3.15 80 e 0.67 17 f 0.91 23 g 0.57 14.5 h 0.35 9 j m6 m6 k 0.26 6.5 m .020 5 n 0.28 7 p 1.10 28 q 1.14 29 r 0.03 0.8 s 0.11 2.8 note: dimensions are for reference only. cd62__15b, cd67__15b dual scr/diode isolated pow-r-blok tm module 150 amperes / up to 1800 volts ordering information : select the complete nine digit module part number from the table below. example: cd621615b is a 1600volt, 150 ampere scr/diode isolated pow-r-blok tm module type voltage volts (x100) current amperes (x 10) version cd62 cd67 08 12 14 16 18 15 b description: powerex scr/diode modules are designed for use in applications requiring phase control and isolated packaging. the modules are isolated for easy mounting with other components on a common heatsink. pow-r-blok tm has been tested and recognized by the underwriters laboratories. features: ? electrically isolated heatsinking ? dbc alumina (al 2 o 3 ) insulator ? glass passivated chips ? metal baseplate ? low thermal impedance for improved current capability ? quick connect gate terminal with provision for keyed mating plug ? ul recognized (e78240) benefits: ? no additional insulation components required ? easy installation ? no clamping components required ? reduce engineering time applications: ? bridge circuits ? ac & dc motor drives ? battery supplies ? power supplies ? large igbt circuit front ends ? lighting control ? heat & temperature control ? welders connection diagrams cd62 1 cd67 3 3 4 5 2 ~ + - 2 + 1 ~ - 6 7 a d g c 12 3 b e f f h "j" (3) 4 6 m n p q r s 5 7 "k" (2) outline drawing
powerex, inc., hillis street, youngwood, pennsylvania 15697 (724) 925-7272 pow-r-blok tm dual scr/diode isol ated module 150 amperes / up to 1800 volts revision date: 04/28/2009 cd62__15b cd67__15b absolute maximum ratings characteristics conditions symbol units repetitive peak forward and reverse blocking voltage v drm & v rrm up to 1800 v non-repetitive peak reverse blocking voltage (t < 5 msec) v rsm v rrm + 100 v rms forward current 180 conduction, t c =85c 180 conduction, t c =85c (ac switch) i t(rms) i t(rms) 250 355 a a a verage forward current 180 conduction, t c =85c 180 conduction, t c =90c i t(av) i t(av) 160 150 a a peak one cycle surge current, non-repetitive 60 hz, 100% v rrm reapplied, t j =125c 60 hz, no v rrm reapplied, t j =125c 50 hz, 100% v rrm reapplied, t j =125c 50 hz, no v rrm reapplied, t j =125c i tsm i tsm i tsm i tsm 3700 5250 3520 5000 a a a a peak three cycle surge current, non-repetitive 60 hz, 100% v rrm reapplied, t j =125c 50 hz, 100% v rrm reapplied, t j =125c i tsm i tsm 2970 2830 a a peak ten cycle surge current, non-repetitive 60 hz, 100% v rrm reapplied, t j =125c 50 hz, 100% v rrm reapplied, t j =125c i tsm i tsm 2335 2830 a a i 2 t for fusing for one cycle 8.3 ms, 100% v rrm reapplied, t j =125c 8.3 ms, no v rrm reapplied, t j =125c 10 ms, 100% v rrm reapplied, t j =125c 10 ms, no v rrm reapplied, t j =125c i 2 t i 2 t i 2 t i 2 t 57,040 114,840 61,950 125,000 a 2 sec a 2 sec a 2 sec a 2 sec maximum rate-of-rise of on-state current, non repetitive t j =125c, v d =1.0 v drm (rated), i tm =400a , i g =0.5 a, t r < 0.25s, t p > 6s di/dt 300 a/s peak gate power dissipation t p < 5 ms, t j = 125c p gm 12 w a verage gate power dissipation f = 50 hz, t j = 125c p g(av) 3 w peak forward gate current t p < 5 ms, t j = 125c i gfm 3 a peak reverse gate voltage t p < 5 ms, t j = 125c v grm 10 v operating temperature t j -40 to +125 c storage temperature t stg -40 to +125 c max. mounting torque, m6 mounting screw on terminals 35 - 50 4 - 6 in.-lb. nm max. mounting torque, module to heatsink 35 - 50 4 - 6 in.-lb. nm module weight, typical 165 g 5.82 oz. v isolation @ 25c tj= 25c, 1 second tj= 25c, 1 minute v rms v rms 3600 3000 v v
powerex, inc., hillis street, youngwood, pennsylvania 15697 (724) 925-7272 pow-r-blok tm dual scr/diode isol ated module 150 amperes / up to 1800 volts revision date: 04/28/2009 cd62__15b cd67__15b electrical characteristics, t j =25c unless otherwise specified characteristics symbol test conditions min. max. units repetitive peak forward leakage current i drm up to 1600v, t j =125c 50 ma repetitive peak reverse leakage current i rrm up to 1600v, t j =125c 50 ma peak on-state voltage v tm / v fm i tm / i fm =500a 1.6 v threshold voltage, low-level slope resistance, low-level v (to)1 r t1 t j = 125c, i = 16.7% x minimum dv/dt dv/dt exponential to 2/3 v drm t j =125c, gate open 1000 v/s turn-off time (typical) t off t j = 125c, i t = 300a, r gk = 100 v r = 50v, -di/dt=15 a/s re-applied dv/dt = 20v/s, linear to 2/3 v drm 50 - 200 (typical) s gate trigger current i gt t j = 25c, v d =6v, r a =1 resistive load 150 ma gate trigger voltage v gt t j = 25c, v d =6v, r a =1 , resistive load 2.0 volts non-triggering gate voltage v gdm t j =125c, v d =v drm 0.25 volts non-triggering gate current i gdm t j =125c, v d =v drm 10 ma holding current i h t j =25c 150 (typical) ma latching current i l t j =25c 300 (typical) ma thermal characteristics characteristics symbol max. units thermal resistance, junction to case dc operation r j-c per module, both conducting per junction, both conducting 0.085 0.17 c/w c/w thermal resistance, case to sink lubricated r c-s per module 0.05 c/w information presented is based upon manufacturers testing and projected capabilities. this information is subject to change without notice. the manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
powerex, inc., hillis street, youngwood, pennsylvania 15697 (724) 925-7272 pow-r-blok tm dual scr/diode isol ated module 150 amperes / up to 1800 volts revision date: 04/28/2009 cd62__15b cd67__15b maximum transient thermal impedance 0.000 0.020 0.040 0.060 0.080 0.100 0.120 0.140 0.160 0.180 0.01 0.1 1 10 time - t - seconds thermal impedance - rjc - c/w (junction to case) maximum on-state forward voltage drop 0 1 2 3 4 5 10 100 1000 10000 instantaneous on-state current - itm / ifm - amperes on-state voltage - vtm / vfm - volts ( tj = 125 c ) 0 180 360 conduction angle maximum on-state power dissipation 15 30 60 90 120 180 0 20 40 60 80 100 120 140 160 180 200 220 240 0 20406080100120140160180 average on-state current - it(av) / if(av) - amperes max. power dissipation per junction - watts_ (sinusoidal waveform) 0 180 360 conduction angle maximum allowable case temperature 120 90 60 30 15 180 85 90 95 100 105 110 115 120 125 0 20406080100120140160180 average on-state current - it(av) / if(av) - amperes max. case temperature - tcase -c_ (sinusoidal waveform) 0 180 360 conduction angle maximum on-state power dissipation 90 60 30 120 180 270 15 360 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 320 0 20 40 60 80 100 120 140 160 180 200 220 240 260 average on-state current - it(av) / if(av) - amperes max. power dissipation per junction - watts_ (rectangular waveform) 0 180 360 conduction angle maximum allowable case temperature 270 180 120 90 60 30 15 360 75 80 85 90 95 100 105 110 115 120 125 0 20 40 60 80 100 120 140 160 180 200 220 240 260 average on-state current - it(av) / if(av) - amperes max. case temperature - tcase -c_ (rectangular waveform)


▲Up To Search▲   

 
Price & Availability of CD621015B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X